Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FCBGD10CD1C05 Datasheet(PDF) 5 Page - Finisar Corporation.

Part # FCBGD10CD1C05
Description  C.wire 120 Gb/s Parallel Active Optical Cable
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FCBGD10CD1C05 Datasheet(HTML) 5 Page - Finisar Corporation.

  FCBGD10CD1C05 Datasheet HTML 1Page - Finisar Corporation. FCBGD10CD1C05 Datasheet HTML 2Page - Finisar Corporation. FCBGD10CD1C05 Datasheet HTML 3Page - Finisar Corporation. FCBGD10CD1C05 Datasheet HTML 4Page - Finisar Corporation. FCBGD10CD1C05 Datasheet HTML 5Page - Finisar Corporation. FCBGD10CD1C05 Datasheet HTML 6Page - Finisar Corporation. FCBGD10CD1C05 Datasheet HTML 7Page - Finisar Corporation. FCBGD10CD1C05 Datasheet HTML 8Page - Finisar Corporation. FCBGD10CD1C05 Datasheet HTML 9Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
FCBGD10CD1Cxx Product Specification – July 2012
F i n i s a r
Finisar Corporation – 12-Jul-12 Rev B8
Page 5
II.
General Product Characteristics
Parameter
Value
Unit
Notes
Module Form Factor
CXP
Number of Lanes
12 Tx and 12 Rx
Maximum Aggregate Data Rate
126
Gb/s
Maximum Data Rate per Lane
10.5
Gb/s
Standard Cable Lengths
3, 5, 10, 20, 30, 50, 100
meters
Other lengths may be available
upon request, up to 300 meters
Protocols Supported
Typical applications include
Infiniband, Fibre Channel,
100G Ethernet, SATA/SAS3
Electrical Interface and Pin-out
84-pin edge connector
Pin-out as defined in the
CXP Specification by the IBTA
Standard Optical Cable Type
Multimode fiber ribbon, flat
cable assembly, LSZH/riser-
rated
Maximum Power Consumption
per End
3.5
Watts
Varies with output voltage swing
and pre-emphasis settings
(see Figure 5)
Management Interface
Serial, I2C-based, 400 kHz
maximum frequency
As defined by the CXP
Specification
Data Rate Specifications
Symbol
Min
Typ
Max
Units
Ref.
Bit Rate per Lane
BR
1000
10500
Mb/sec
1
Bit Error Ratio
BER
10
-12
2
Notes:
1.
Infiniband SDR/DDR/QDR, 1/10 Gigabit Ethernet, 1/2/4/8/10G Fibre Channel.
2.
Tested with a PRBS 2
31-1 test pattern.
III.
Absolute Maximum Ratings
Parameter
Symbol
Min
Typ
Max
Unit
Ref.
Maximum Supply Voltage
Vcc1,
VccTx,
VccRx
-0.5
3.6
V
Storage Temperature
TS
-40
85
C
Case Operating Temperature
TOP
0
70
C
Relative Humidity
RH
0
85
%
1
Notes:
1.
Non-condensing.


Similar Part No. - FCBGD10CD1C05

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FCBG110SD1C01 FINISAR-FCBG110SD1C01 Datasheet
739Kb / 9P
   RoHS-6 Compliant 10Gb/s SFPwire SFP Active Optical Cable
logo
ATGBICS by Approved Tec...
FCBG110SD1C01B-C ATGBICS-FCBG110SD1C01B-C Datasheet
390Kb / 6P
   FCBG110SD1C01B Finisar Compatible Direct Attach Copper Twinax Cable 10G SFP Cu (1m, Passive)
logo
Finisar Corporation.
FCBG110SD1C02 FINISAR-FCBG110SD1C02 Datasheet
739Kb / 9P
   RoHS-6 Compliant 10Gb/s SFPwire SFP Active Optical Cable
FCBG110SD1C03 FINISAR-FCBG110SD1C03 Datasheet
739Kb / 9P
   RoHS-6 Compliant 10Gb/s SFPwire SFP Active Optical Cable
logo
ATGBICS by Approved Tec...
FCBG110SD1C03-C ATGBICS-FCBG110SD1C03-C Datasheet
151Kb / 3P
   FCBG110SD1C03 Finisar Compatible Direct Attach Copper Twinax Cable 10G SFP Cu (3m, Passive)
More results

Similar Description - FCBGD10CD1C05

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FCBG410QB1CXX FINISAR-FCBG410QB1CXX Datasheet
505Kb / 10P
   Quadwire짰 40 Gb/s Parallel Active Optical Cable
FCBN410QB1CXX FINISAR-FCBN410QB1CXX Datasheet
585Kb / 10P
   Quadwire짰 40 Gb/s Parallel Active Optical Cable
FCBN510QE2CXX FINISAR-FCBN510QE2CXX Datasheet
840Kb / 12P
   Quadwire짰 40 Gb/s Parallel Breakout Active Optical Cable
logo
FCI connector
ICD120GVP2420-05 FCI-CONNECTOR-ICD120GVP2420-05 Datasheet
119Kb / 2P
   12 Channel Parallel Active Optical Cable
logo
Finisar Corporation.
FCBX414QB1CXX FINISAR-FCBX414QB1CXX Datasheet
784Kb / 2P
   56G FDR parallel active optical cable
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-7QER01Z AVAGO-AFBR-7QER01Z Datasheet
658Kb / 15P
   40 Gigabit Ethernet & InfiniBand QDR Parallel Active Optical Cable
logo
Japan Aviation Electron...
RP04 JAE-RP04 Datasheet
526Kb / 5P
   AOC (Active Optical Cable)
logo
TE Connectivity Ltd
2368651 TEC-2368651 Datasheet
273Kb / 4P
   200G QSFP56 Active Optical Cable
23 AUGUST 2022 Rev B
2368650 TEC-2368650 Datasheet
279Kb / 4P
   100G QSFP28 Active Optical Cable
23 AUGUST 2022 Rev B
logo
Optoway Technology Inc
SPS-7110V-2RG_2015 OPTOWAY-SPS-7110V-2RG_2015 Datasheet
163Kb / 5P
   1.5 Gb/s Dual Optical SM Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com