Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM5839B Datasheet(PDF) 7 Page - OKI electronic componets

Part # MSM5839B
Description  40-DOT SEGMENT DRIVER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM5839B Datasheet(HTML) 7 Page - OKI electronic componets

Back Button MSM5839B Datasheet HTML 3Page - OKI electronic componets MSM5839B Datasheet HTML 4Page - OKI electronic componets MSM5839B Datasheet HTML 5Page - OKI electronic componets MSM5839B Datasheet HTML 6Page - OKI electronic componets MSM5839B Datasheet HTML 7Page - OKI electronic componets MSM5839B Datasheet HTML 8Page - OKI electronic componets MSM5839B Datasheet HTML 9Page - OKI electronic componets MSM5839B Datasheet HTML 10Page - OKI electronic componets MSM5839B Datasheet HTML 11Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
¡ Semiconductor
MSM5839B
7/11
FUNCTIONAL DESCRIPTION
Pin Functional Description
•DI1
The data input pin for the 20-bit shift register (from 1st to 20th bit). The display data is input
to the data pin in synchronization with a clock pulse.
•CP
Clock pulse input pin for the two 20-bit shift registers. The data is shifted in the two 20-bit shift
registers at the falling edge of the clock pulse. Data setup time (tSETUP) and data hold time
(tHOLD) are required each between DI1, DI21 and CP. Refer to the Switching Characteristics.
•DO20
The 20th output bit of the shift register.
The data which is input from DI1 is clocked out with the delay in the number of bits of the shift
register (20). A 40-bit shift register can be configured by connecting the output of this pin to
DI21 pin.
•DI21
The data input pin for the 20-bit shift register (from 21st to 40th bit).
Connecting the DO20 pin and this pin allows the device to be used as a 40-bit shift register.
•DO40
The 40th output bit of the shift register.
The data which is input from DI1 is clocked out with the delay in the number of the bits of the
shift register (20).
When extending the number of characters, this pin is used to cascade connect the next
MSM5839B.
•DF
Alternate signal input pin for LCD driving waveform.
•VDD(V1), VSS
Supply voltage pins. VDD should be 4.5 to 5.5V.
VSS is the ground pin (VSS = 0V).
•V2, V3, VEE(V4)
Bias supply voltage pins to drive the LCD. Bias voltage is supplied from an external source.
• LOAD
The signal for latching the shift register contents is input from this pin.
When LOAD pin is set at "H", the shift register contents are transferred to the 40-bit 4-level
driver. When LOAD pin is set at "L", the last display output data (O1 to O40), which was
transferred when LOAD pin was at "H", is held.


Similar Part No. - MSM5839B

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5839B OKI-MSM5839B Datasheet
134Kb / 7P
   DOT MATRIX LCD 40 DOT SEGMENT DRIVER
MSM5839B1111 OKI-MSM5839B1111 Datasheet
134Kb / 7P
   DOT MATRIX LCD 40 DOT SEGMENT DRIVER
More results

Similar Description - MSM5839B

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5259 OKI-MSM5259 Datasheet
179Kb / 18P
   40-DOT SEGMENT DRIVER
MSM5839C OKI-MSM5839C Datasheet
102Kb / 9P
   40-DOT SEGMENT DRIVER
MSM5839B1111 OKI-MSM5839B1111 Datasheet
134Kb / 7P
   DOT MATRIX LCD 40 DOT SEGMENT DRIVER
logo
Holtek Semiconductor In...
HT1602 HOLTEK-HT1602 Datasheet
215Kb / 6P
   40 Dot Matrix LCD Segment Driver
HT1602L HOLTEK-HT1602L Datasheet
106Kb / 7P
   40 Dot Matrix LCD Segment Driver
logo
New Japan Radio
NJU6407C NJRC-NJU6407C Datasheet
310Kb / 10P
   DOT MATRIX LCD 40-OUT SEGMENT DRIVER
NJU6407CR NJRC-NJU6407CR Datasheet
315Kb / 10P
   DOT MATRIX LCD 40-OUT SEGMENT DRIVER?
logo
OKI electronic componet...
MSM6222B OKI-MSM6222B Datasheet
390Kb / 45P
   DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
ML9040 OKI-ML9040 Datasheet
434Kb / 47P
   DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
ML9040A OKI-ML9040A Datasheet
435Kb / 49P
   DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com