Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM5839B Datasheet(PDF) 6 Page - OKI electronic componets

Part # MSM5839B
Description  40-DOT SEGMENT DRIVER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM5839B Datasheet(HTML) 6 Page - OKI electronic componets

Back Button MSM5839B Datasheet HTML 2Page - OKI electronic componets MSM5839B Datasheet HTML 3Page - OKI electronic componets MSM5839B Datasheet HTML 4Page - OKI electronic componets MSM5839B Datasheet HTML 5Page - OKI electronic componets MSM5839B Datasheet HTML 6Page - OKI electronic componets MSM5839B Datasheet HTML 7Page - OKI electronic componets MSM5839B Datasheet HTML 8Page - OKI electronic componets MSM5839B Datasheet HTML 9Page - OKI electronic componets MSM5839B Datasheet HTML 10Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
¡ Semiconductor
MSM5839B
6/11
Switching Characteristics
CP
DI1, DI21
DO20, DO40
LOAD
0.8VDD
tw(CP)
0.8VDD
tf(CP)
tw(CP)
0.2VDD
tr(CP)
0.8VDD
0.2VDD
0.8VDD
0.2VDD
0.8VDD 0.8VDD
0.2VDD 0.2VDD
0.8
0.8
VDD
VDD
0.2
0.2
VDD
VDD
tHOLD
tSETUP
tHOLD
tSETUP
0.8VDD
0.2VDD
tPLH
tPHL
tCL
0.2VDD
0.2VDD
tLC
tf(L)
tw(L)
tr(L)
0.8VDD
0.8VDD
Parameter
Symbol
Condition
Unit
"H", "L" Propagation Delay Time
ns
tpLH
Min.
Typ.
Max.
250
Clock Frequency
fCP
Clock Pulse Width
ns
tW(CP)
125
LOAD Pulse Width
ns
tW(L)
125
Data Setup Time DI Æ CP
tSETUP
50
CP Æ LOAD Time
ns
tCL
250
tpHL
ns
LOAD Æ CP Time
tLC
0—
ns
tHOLD
50
ns
CP Rise/Fall Time
ns
tr(CP)
——
50
tf(CP)
LOAD Rise/Fall Time
ms
tr(L)
——1
tf(L)
Data Hold Time DI Æ CP
DUTY = 50%
3.3
MHz
——
(VDD = 5V ±10%, Ta = –20 to +85°C, CL = 15pF)


Similar Part No. - MSM5839B

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5839B OKI-MSM5839B Datasheet
134Kb / 7P
   DOT MATRIX LCD 40 DOT SEGMENT DRIVER
MSM5839B1111 OKI-MSM5839B1111 Datasheet
134Kb / 7P
   DOT MATRIX LCD 40 DOT SEGMENT DRIVER
More results

Similar Description - MSM5839B

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5259 OKI-MSM5259 Datasheet
179Kb / 18P
   40-DOT SEGMENT DRIVER
MSM5839C OKI-MSM5839C Datasheet
102Kb / 9P
   40-DOT SEGMENT DRIVER
MSM5839B1111 OKI-MSM5839B1111 Datasheet
134Kb / 7P
   DOT MATRIX LCD 40 DOT SEGMENT DRIVER
logo
Holtek Semiconductor In...
HT1602 HOLTEK-HT1602 Datasheet
215Kb / 6P
   40 Dot Matrix LCD Segment Driver
HT1602L HOLTEK-HT1602L Datasheet
106Kb / 7P
   40 Dot Matrix LCD Segment Driver
logo
New Japan Radio
NJU6407C NJRC-NJU6407C Datasheet
310Kb / 10P
   DOT MATRIX LCD 40-OUT SEGMENT DRIVER
NJU6407CR NJRC-NJU6407CR Datasheet
315Kb / 10P
   DOT MATRIX LCD 40-OUT SEGMENT DRIVER?
logo
OKI electronic componet...
MSM6222B OKI-MSM6222B Datasheet
390Kb / 45P
   DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
ML9040 OKI-ML9040 Datasheet
434Kb / 47P
   DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
ML9040A OKI-ML9040A Datasheet
435Kb / 49P
   DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com