Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM5839B Datasheet(PDF) 5 Page - OKI electronic componets

Part # MSM5839B
Description  40-DOT SEGMENT DRIVER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM5839B Datasheet(HTML) 5 Page - OKI electronic componets

  MSM5839B Datasheet HTML 1Page - OKI electronic componets MSM5839B Datasheet HTML 2Page - OKI electronic componets MSM5839B Datasheet HTML 3Page - OKI electronic componets MSM5839B Datasheet HTML 4Page - OKI electronic componets MSM5839B Datasheet HTML 5Page - OKI electronic componets MSM5839B Datasheet HTML 6Page - OKI electronic componets MSM5839B Datasheet HTML 7Page - OKI electronic componets MSM5839B Datasheet HTML 8Page - OKI electronic componets MSM5839B Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
¡ Semiconductor
MSM5839B
5/11
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
DC Characteristics
*1
Applicable to LOAD, CP, DI1, DI21, DF
*2
Applicable to DO20, DO40
*3
VN = VDD to VEE, V3 =
(VDD–VEE), V2 =
(VDD–VEE)
*4
Applicable to O1 - O40
Parameter
Symbol
Condition
Range
Unit
Supply Voltage (1)
Supply Voltage (2)
Operating Temperature
VDD
VDD–VEE
Top
4.5 to 5.5
8 to 16
–20 to +85
V
V
°C
VDD–VEE
8 to 18
V
*2
*1
*1
VDD
V2
V3
VEE
MSM5839B
VDD–VEE
+V
–V
RS ≥ 47W
VSS
*1
VDD>V2>V3>VEE
*2
Applies when a series resistor of 47W or more is connected as shown below.
2
9
7
9
Parameter
Symbol
Condition
Unit
"H" Input Voltage
V
VIH
0.8VDD
Min.
Typ.
Max.
—VDD
"L" Input Voltage
V
VIL
VSS
0.2VDD
"H" Input Current
mA
IIH
——
1
VI = VDD
"L" Input Current
mA
IIL
——
–1
VI = 0V
"H" Output Voltage
V
VOH
VDD–0.4
IO =–0.4mA
"L" Output Voltage
V
VOL
0.4
IO = 0.4mA
ON Resistance
kW
RON
3.5
7
Supply Current
mA
IDD
100
(VDD = 5V ±10%, Ta = –20 to +85°C)
*1
*1
*1
*1
*2
*2
*4
*3
VDD–VEE= 10V
VN–VO = 0.25V
Connect all inputs to VDD or VSS
VDD–VEE = 18V, No load


Similar Part No. - MSM5839B

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5839B OKI-MSM5839B Datasheet
134Kb / 7P
   DOT MATRIX LCD 40 DOT SEGMENT DRIVER
MSM5839B1111 OKI-MSM5839B1111 Datasheet
134Kb / 7P
   DOT MATRIX LCD 40 DOT SEGMENT DRIVER
More results

Similar Description - MSM5839B

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5259 OKI-MSM5259 Datasheet
179Kb / 18P
   40-DOT SEGMENT DRIVER
MSM5839C OKI-MSM5839C Datasheet
102Kb / 9P
   40-DOT SEGMENT DRIVER
MSM5839B1111 OKI-MSM5839B1111 Datasheet
134Kb / 7P
   DOT MATRIX LCD 40 DOT SEGMENT DRIVER
logo
Holtek Semiconductor In...
HT1602 HOLTEK-HT1602 Datasheet
215Kb / 6P
   40 Dot Matrix LCD Segment Driver
HT1602L HOLTEK-HT1602L Datasheet
106Kb / 7P
   40 Dot Matrix LCD Segment Driver
logo
New Japan Radio
NJU6407C NJRC-NJU6407C Datasheet
310Kb / 10P
   DOT MATRIX LCD 40-OUT SEGMENT DRIVER
NJU6407CR NJRC-NJU6407CR Datasheet
315Kb / 10P
   DOT MATRIX LCD 40-OUT SEGMENT DRIVER?
logo
OKI electronic componet...
MSM6222B OKI-MSM6222B Datasheet
390Kb / 45P
   DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
ML9040 OKI-ML9040 Datasheet
434Kb / 47P
   DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
ML9040A OKI-ML9040A Datasheet
435Kb / 49P
   DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com