Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N482-6M12-6M12 Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # N482-6M12-6M12
Description  40Gb Pass-Through Cassette - (x6) 12-Fiber MTP/MPO ( Female )
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

N482-6M12-6M12 Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  N482-6M12-6M12 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved N482-6M12-6M12 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2019 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Tripp Lite uses primary and third-party agencies to test its products for compliance with standards. See a list of Tripp Lite's testing agencies:
https://www.tripplite.com/products/product-certification-agencies
UPC Code
037332184573
PHYSICAL
Shipping Dimensions (hwd / in.)
2.40 x 4.10 x 2.40
Shipping Dimensions (hwd / cm)
6.10 x 10.41 x 6.10
Shipping Weight (lbs.)
0.20
Shipping Weight (kg)
0.09
Unit Dimensions (hwd / in.)
1.2 x 3.5 x 0.9
Unit Dimensions (hwd / cm)
3.05 x 8.89 x 2.29
Unit Weight (lbs.)
0.18
Unit Weight (kg)
0.08
Color
Black
CONNECTIONS
Ports
6
Side A - Connector 1
12-STRAND MTP (FEMALE)
Side B - Connector 1
12-STRAND MTP (FEMALE)
FEATURES & SPECIFICATIONS
Technology
Multimode; MTP/MPO
CERTIFICATIONS
PoE Compliant
No
WARRANTY
Product Warranty Period
(Worldwide)
Lifetime limited warranty
2 / 2


Similar Part No. - N482-6M12-6M12

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N482-6M24-6M24 TRIPPLITE-N482-6M24-6M24 Datasheet
164Kb / 2P
100Gb/120Gb Pass-Through Cassette - (x6) 24-Fiber MTP/MPO ( Female )
More results

Similar Description - N482-6M12-6M12

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N4826M126M12 TRIPPLITE-N4826M126M12 Datasheet
516Kb / 2P
40Gb Pass-Through Cassette - (x6) 12-Fiber MTP-MPO
N484-12M12 TRIPPLITE-N484-12M12 Datasheet
166Kb / 2P
40Gb Pass-Through Cassette - (x12) 12-Fiber MTP/MPO ( Female )
N482-6M24-6M24 TRIPPLITE-N482-6M24-6M24 Datasheet
164Kb / 2P
100Gb/120Gb Pass-Through Cassette - (x6) 24-Fiber MTP/MPO ( Female )
N4826M246M24 TRIPPLITE-N4826M246M24 Datasheet
517Kb / 2P
100Gb-120Gb Pass-Through Cassette - (x6) 24-Fiber MTP-MPO
N4822M246M12 TRIPPLITE-N4822M246M12 Datasheet
520Kb / 2P
100Gb-120Gb to 40Gb Breakout Cassette - (x2) 24-Fiber MTP-MPO to (x6) 12-Fiber MTP-MPO
N482-12M12-X2 TRIPPLITE-N482-12M12-X2 Datasheet
168Kb / 2P
40 GB Pass-Through Cassette, (x12) 12-Fiber MTP/MPO ( Female )
N484-12M24 TRIPPLITE-N484-12M24 Datasheet
167Kb / 2P
100Gb/120Gb Pass-Through Cassette - (x12) 24-Fiber MTP/MPO ( Female )
N484-2M24-6M12 TRIPPLITE-N484-2M24-6M12 Datasheet
170Kb / 3P
100Gb/120Gb to 40Gb Breakout Cassette, (x2) 24-Fiber MTP/MPO ( Male with Pins ) to (x6) 12-Fiber MTP/MPO Male with Pins )
N482-2M24-6M12 TRIPPLITE-N482-2M24-6M12 Datasheet
167Kb / 2P
100Gb/120Gb to 40Gb Breakout Cassette - (x2) 24-Fiber MTP/MPO ( Male with Pins ) to (x6) 12-Fiber OM4 MTP/MPO ( Male with Pins )
N4822M12LC12 TRIPPLITE-N4822M12LC12 Datasheet
530Kb / 2P
40Gb to 10Gb Breakout Cassette - (x2) 12-Fiber MTP-MPO to (x12) LC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com