Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ARD12012CQ Datasheet(PDF) 6 Page - Nais(Matsushita Electric Works)

Part # ARD12012CQ
Description  26.5GHz, 18GHz COAXIAL SWITCH
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

ARD12012CQ Datasheet(HTML) 6 Page - Nais(Matsushita Electric Works)

  ARD12012CQ Datasheet HTML 1Page - Nais(Matsushita Electric Works) ARD12012CQ Datasheet HTML 2Page - Nais(Matsushita Electric Works) ARD12012CQ Datasheet HTML 3Page - Nais(Matsushita Electric Works) ARD12012CQ Datasheet HTML 4Page - Nais(Matsushita Electric Works) ARD12012CQ Datasheet HTML 5Page - Nais(Matsushita Electric Works) ARD12012CQ Datasheet HTML 6Page - Nais(Matsushita Electric Works) ARD12012CQ Datasheet HTML 7Page - Nais(Matsushita Electric Works) ARD12012CQ Datasheet HTML 8Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
RD
6
2. Transfer
mm inch
J4
J3
J2
J1
0.30
.012
2.00
.079
5.08
.200
5.08
.200
5.08
.200
Solder terminal
4-SMA connector
3-3.80 dia.
3-.150 dia.
45.70
1.799
15.24
.600
39.0
1.535
7.2
.283
16.2
.638
16.2
.638
32.0
1.260
32.0
1.260
55.5
2.185
9.65
.380
20.3
.799
10.15
.400
Max. 5.0
.197
9.65
.380
1 to 1.5
.039 to .059
Tolerance: ±0.3 ±.012
Fail safe
NC: J1-J2, J3-J4
NO: J1-J3, J2-J4
Latching
POS1: J1-J2, J3-J4
POS2: J1-J3, J2-J4
Latching with TTL driver
POS1: J1-J2, J3-J4
POS2: J1-J3, J2-J4
J2
J4
J1
J3
Failsafe
Latching
Latching with TTL driver
(with self cut-off function)
NO
NC
COM
GND
Coil terminal
Indicator terminal
1
2
GND
2
COM
1
Coil terminal
Indicator terminal
V
GND
Logic 1
Logic 2
1
COM
2
Coil terminal
Indicator terminal


Similar Part No. - ARD12012CQ

ManufacturerPart #DatasheetDescription
logo
AG Electronica
ARD-01 AGELECTRONICA-ARD-01 Datasheet
165Kb / 2P
   KIT DE INICIO RAPIDO OSEPP 101 INCLUYE ARDUINO UNO
27/03/2018
ARD-01B AGELECTRONICA-ARD-01B Datasheet
165Kb / 2P
   KIT DE INICIO RAPIDO OSEPP 101 NO INCLUYE ARDUINO
27/03/2018
ARD-02 AGELECTRONICA-ARD-02 Datasheet
184Kb / 3P
   KIT DE ARDUINO INTERMEDIO OSEPP 201
27/03/2018
logo
Hanwha Vision Co., Ltd....
ARD-1610 HANWHAVISION-ARD-1610 Datasheet
239Kb / 2P
   A series DVR
ARD-410 HANWHAVISION-ARD-410 Datasheet
270Kb / 4P
   A series DVR
More results

Similar Description - ARD12012CQ

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
SMA HIROSE-SMA Datasheet
426Kb / 8P
   SMA Reverse Coaxial Connector Up to 26.5GHz
logo
Pasternack Enterprises,...
PE7124 PASTERNACK-PE7124 Datasheet
249Kb / 1P
   SMA FEMALE COAXIAL SWITCH FREQUENCY RANGE: 12GHz TO 18GHz SWITCH TYPE: SP3T
PE7113 PASTERNACK-PE7113 Datasheet
245Kb / 1P
   SMA FEMALE COAXIAL SWITHCH FREQUENCY RANGE: 1GHz 18GHz SWITCH TYPE: SPDT
logo
CRYSTEK CORPORATION
CCSMA-MM-SS402-6 CRYSTEKMICROWAVE-CCSMA-MM-SS402-6 Datasheet
360Kb / 1P
   SS402 50 Ohm 18GHz Precision Coaxial Cables
logo
List of Unclassifed Man...
CCR-33 ETC1-CCR-33 Datasheet
194Kb / 2P
   Miniature DC-18GHz SPDT Switch
logo
CRYSTEK CORPORATION
CCSMA-MM-LL142-12 CRYSTEKMICROWAVE-CCSMA-MM-LL142-12 Datasheet
684Kb / 5P
   LL142 50 Ohm 18GHz Low Loss Coaxial Cables
CCASMA-MM-LL142-24 CRYSTEKMICROWAVE-CCASMA-MM-LL142-24 Datasheet
563Kb / 4P
   Armored 50 Ohm 18GHz Low Loss Coaxial Cables
logo
Huber+Suhner, Inc.
32_SMA-50-0-100111_N HUBERSUHNER-32_SMA-50-0-100111_N Datasheet
610Kb / 2P
   COAXIAL ADAPTER, SMA-26.5GHz, 50 Ohm, plug / plug (male / male)
11_SMA-50-3-64-19_N HUBERSUHNER-11_SMA-50-3-64-19_N Datasheet
263Kb / 2P
   COAXIAL CONNECTOR, SMA-26.5GHz, 50 Ohm, Straight cable plug (male)
11_SMA-50-2-100111_N HUBERSUHNER-11_SMA-50-2-100111_N Datasheet
158Kb / 2P
   COAXIAL CONNECTOR, SMA-26.5GHz, 50 Ohm, Straight cable plug (male)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com