Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ARD10012CQ Datasheet(PDF) 4 Page - Nais(Matsushita Electric Works)

Part # ARD10012CQ
Description  26.5GHz, 18GHz COAXIAL SWITCH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

ARD10012CQ Datasheet(HTML) 4 Page - Nais(Matsushita Electric Works)

  ARD10012CQ Datasheet HTML 1Page - Nais(Matsushita Electric Works) ARD10012CQ Datasheet HTML 2Page - Nais(Matsushita Electric Works) ARD10012CQ Datasheet HTML 3Page - Nais(Matsushita Electric Works) ARD10012CQ Datasheet HTML 4Page - Nais(Matsushita Electric Works) ARD10012CQ Datasheet HTML 5Page - Nais(Matsushita Electric Works) ARD10012CQ Datasheet HTML 6Page - Nais(Matsushita Electric Works) ARD10012CQ Datasheet HTML 7Page - Nais(Matsushita Electric Works) ARD10012CQ Datasheet HTML 8Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
RD
4
4) TTL Logic level range
Ambient temperature
°C
0
0.5
5.5
4
3
2.4
5
1
2
–55–40
0
–20
20
85
40
60
ON
OFF
DIMENSIONS
1. SPDT
1) Solder terminal
Tolerance: ±0.3 ±.012
Coil
Serial No.
Indicator
COM
NC
NO
GND +
11.2
.441
3.5
.138
3.5
.138
2.0
.079
3.5
.138
Solder terminal
4.3
.169
39.0
1.535
7.3
.287
4.5
.177
2.1
.083
3-SMA connector
2-3.1 dia.
2-.122 dia.
2-2.4 dia.
2-.094 dia.
34.0
1.339
11.2
.441
22.4
.882
30.0
1.181
7.0
.276
0.3
.012
7.2
.283
13.2
.520
Failsafe
Latching
Latching with TTL driver
(with self cut-off function)
GND
NO
COM
Coil
Serial No.
Indicator
COM
NC
NO
GND +
NC
GND
2
1 COM
Coil 1
Coil 2
Serial No.
Indicator
Coil
COM
12
GND
2
1
Coil terminal
Indicator terminal
Logic 2
GND
2
1 COM
V
Logic 1
Serial No.
2
1
1
COM
Coil
GND
2
V
Indicator
mm inch


Similar Part No. - ARD10012CQ

ManufacturerPart #DatasheetDescription
logo
Automatic Timing & Cont...
ARD120AAA ATC-ARD120AAA Datasheet
230Kb / 1P
Duplexor
ARD120AAA ATC-ARD120AAA Datasheet
230Kb / 1P
Duplexor
More results

Similar Description - ARD10012CQ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CCR-33 ETC1-CCR-33 Datasheet
194Kb / 2P
Miniature DC-18GHz SPDT Switch
logo
CRYSTEK CORPORATION
CCSMA-MM-LL142-12 CRYSTEKMICROWAVE-CCSMA-MM-LL142-12 Datasheet
684Kb / 5P
LL142 50 Ohm 18GHz Low Loss Coaxial Cables
CCSMA-MM-SS402-6 CRYSTEKMICROWAVE-CCSMA-MM-SS402-6 Datasheet
360Kb / 1P
SS402 50 Ohm 18GHz Precision Coaxial Cables
CCASMA-MM-LL142-24 CRYSTEKMICROWAVE-CCASMA-MM-LL142-24 Datasheet
563Kb / 4P
Armored 50 Ohm 18GHz Low Loss Coaxial Cables
logo
Pasternack Enterprises,...
PE7113 PASTERNACK-PE7113 Datasheet
245Kb / 1P
SMA FEMALE COAXIAL SWITHCH FREQUENCY RANGE: 1GHz 18GHz SWITCH TYPE: SPDT
PE7124 PASTERNACK-PE7124 Datasheet
249Kb / 1P
SMA FEMALE COAXIAL SWITCH FREQUENCY RANGE: 12GHz TO 18GHz SWITCH TYPE: SP3T
logo
Hirose Electric
SMA HIROSE-SMA Datasheet
426Kb / 8P
SMA Reverse Coaxial Connector Up to 26.5GHz
logo
Huber+Suhner, Inc.
32_SMA-50-0-100111_N HUBERSUHNER-32_SMA-50-0-100111_N Datasheet
610Kb / 2P
COAXIAL ADAPTER, SMA-26.5GHz, 50 Ohm, plug / plug (male / male)
11_SMA-50-2-100111_N HUBERSUHNER-11_SMA-50-2-100111_N Datasheet
158Kb / 2P
COAXIAL CONNECTOR, SMA-26.5GHz, 50 Ohm, Straight cable plug (male)
11_SMA-50-3-64-19_N HUBERSUHNER-11_SMA-50-3-64-19_N Datasheet
263Kb / 2P
COAXIAL CONNECTOR, SMA-26.5GHz, 50 Ohm, Straight cable plug (male)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com