Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM54V12222A Datasheet(PDF) 9 Page - OKI electronic componets

Part # MSM54V12222A
Description  262,214 Words x 12 Bits FIELD MEMORY
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM54V12222A Datasheet(HTML) 9 Page - OKI electronic componets

Back Button MSM54V12222A Datasheet HTML 5Page - OKI electronic componets MSM54V12222A Datasheet HTML 6Page - OKI electronic componets MSM54V12222A Datasheet HTML 7Page - OKI electronic componets MSM54V12222A Datasheet HTML 8Page - OKI electronic componets MSM54V12222A Datasheet HTML 9Page - OKI electronic componets MSM54V12222A Datasheet HTML 10Page - OKI electronic componets MSM54V12222A Datasheet HTML 11Page - OKI electronic componets MSM54V12222A Datasheet HTML 12Page - OKI electronic componets MSM54V12222A Datasheet HTML 13Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
MSM54V12222A
OKI Semiconductor
9
Parameter
Symbol
Unit
Access Time from SRCK
Dout Hold Time from SRCK
Dout Enable Time from SRCK
SWCK "H" Pulse Width
SWCK "L" Pulse Width
Input Data Setup Time
Input Data Hold Time
WE Enable Setup Time
WE Enable Hold Time
t
t
t
t
t
t
t
t
t
t
t
t
t
t
t
t
t
t
t
t
t
t
t
t
t
t
t
t
t
t
t
t
t
t
t
t
t
t
t
t
AC
DDCK
DECK
WSWH
WSWL
DS
DH
WENS
WENH
WDSS
WDSH
IENS
IENH
IDSS
IDSH
WWEH
WWEL
WIEH
WIEL
RSTWS
RSTWH
WSRH
WSRL
RENS
RENH
RDSS
RDSH
OENS
OENH
ODSS
ODSH
WREH
WREL
WOEH
WOEL
RSTRS
RSTRH
SWC
SRC
T
WE Disable Setup Time
WE Disable Hold Time
IE Enable Setup Time
IE Enable Hold Time
IE Disable Setup Time
IE Disable Hold Time
WE "H" Pulse Width
WE "L" Pulse Width
IE "H" Pulse Width
IE "L" Pulse Width
RSTW Setup Time
RSTW Hold Time
SRCK "H" Pulse Width
SRCK "L" Pulse Width
RE Enable Setup Time
RE Enable Hold Time
RE Disable Setup Time
RE Disable Hold Time
OE Enable Setup Time
OE Enable Hold Time
OE Disable Setup Time
OE Disable Hold Time
RE "H" Puls Width
RE "L" Puls Width
OE "H" Puls Width
OE "L" Puls Width
RSTR Setup Time
RSTR Hold Time
SWCK Cycle Time
SRCK
Cycle Time
Trandition Time (Rise and Fall)
MIN
MAX
6
6
12
12
5
6
0
5
0
5
0
5
0
5
10
10
10
10
0
10
12
12
0
5
0
5
0
5
0
5
10
10
10
10
0
10
30
30
3
30
30
30
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
MSM54V12222A-30
(Vcc = 3.3V±0.3V, Ta = 0~70°C)
MSM54V12222A-40
MIN
MAX
6
6
17
17
5
6
0
5
0
5
0
5
0
5
10
10
10
10
0
10
17
17
0
5
0
5
0
5
0
5
10
10
10
10
0
10
40
40
3
35
35
30
AC CHARACTERISTICS


Similar Part No. - MSM54V12222A

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM54V12222B OKI-MSM54V12222B Datasheet
135Kb / 17P
   262,214-Word 횞 12-Bit Field Memory
MSM54V12222B-20JS OKI-MSM54V12222B-20JS Datasheet
135Kb / 17P
   262,214-Word 횞 12-Bit Field Memory
MSM54V12222B-20TS-K OKI-MSM54V12222B-20TS-K Datasheet
135Kb / 17P
   262,214-Word 횞 12-Bit Field Memory
MSM54V12222B-25JS OKI-MSM54V12222B-25JS Datasheet
135Kb / 17P
   262,214-Word 횞 12-Bit Field Memory
MSM54V12222B-25TS-K OKI-MSM54V12222B-25TS-K Datasheet
135Kb / 17P
   262,214-Word 횞 12-Bit Field Memory
More results

Similar Description - MSM54V12222A

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5412222 OKI-MSM5412222 Datasheet
170Kb / 15P
   262,214-Word x 12-Bit Field Memory
MSM5412222A OKI-MSM5412222A Datasheet
68Kb / 13P
   262,214-Word x 12-Bit Field Memory
MSM5412222B OKI-MSM5412222B Datasheet
134Kb / 17P
   262,214-Word 횞 12-Bit Field Memory
MSM518222 OKI-MSM518222 Datasheet
182Kb / 16P
   262,214-Word x 8-Bit Field Memory
MSM518221 OKI-MSM518221 Datasheet
182Kb / 16P
   262,214-Word x 8-Bit Field Memory
MSM51V8221A OKI-MSM51V8221A Datasheet
200Kb / 17P
   262,214-Word x 8-Bit Field Memory
MSM54V12222B OKI-MSM54V12222B Datasheet
135Kb / 17P
   262,214-Word 횞 12-Bit Field Memory
MSM51V8222A OKI-MSM51V8222A Datasheet
200Kb / 17P
   262,214-Word x 8-Bit Field Memory
MSM518222A OKI-MSM518222A Datasheet
192Kb / 17P
   262,214-Word X 8-Bit Field Memory
MSM518221A OKI-MSM518221A Datasheet
200Kb / 17P
   262,214-Word x 8-Bit Field Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com