Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B020-U08-19-K Datasheet(PDF) 4 Page - Tripp Lite. All Rights Reserved

Part # B020-U08-19-K
Description  NetDirector 8-Port 1U Rack-Mount Console KVM Switch with 19-in. LCD 8 PS2/USB Combo Cables
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

B020-U08-19-K Datasheet(HTML) 4 Page - Tripp Lite. All Rights Reserved

  B020-U08-19-K Datasheet HTML 1Page - Tripp Lite. All Rights Reserved B020-U08-19-K Datasheet HTML 2Page - Tripp Lite. All Rights Reserved B020-U08-19-K Datasheet HTML 3Page - Tripp Lite. All Rights Reserved B020-U08-19-K Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
© 2019 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Tripp Lite uses primary and third-party agencies to test its products for compliance with standards. See a list of Tripp Lite's testing agencies:
https://www.tripplite.com/products/product-certification-agencies
Included Cable (Side B) - Connector
2
PS/2 male
Included Cable (Side B) - Connector
3
PS/2 Male
Included Cable (Side B) - Connector
4
USB A Male
FEATURES & SPECIFICATIONS
Autoscan (Y,N)
Y
Number of Users
1
NIAP-Certified Secure
No
Cat5 KVM Switch
No
Technology
PS/2; USB; VGA/SVGA
CERTIFICATIONS
Certifications
UL 60950-1 (USA), CAN/CSA (Canada), FCC Part 15 Class A, CE, IEC 60950-1
Approvals
UL, cUL, CE, FCC, RoHS
WARRANTY
Product Warranty Period
(Worldwide)
1-year limited warranty
4 / 4


Similar Part No. - B020-U08-19-K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B020-U08-19-K ETC2-B020-U08-19-K Datasheet
523Kb / 5P
8-Port NetDirector 1U Rackmount Console KVM Switch w/19" LCD 8 PS2/USB Combo Cables
More results

Similar Description - B020-U08-19-K

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
B020-U16-19-K TRIPPLITE-B020-U16-19-K Datasheet
175Kb / 4P
NetDirector 16-Port 1U Rack-Mount Console KVM Switch with 19-in. LCD 8 PS2/USB Combo Cables
B020-U08-19KTAA TRIPPLITE-B020-U08-19KTAA Datasheet
520Kb / 4P
NetDirector 8-Port 1U Rack-Mount Console KVM Switch with 19-in. LCD 8 PS2/USB Combo Cables; TAA Compliant
B020U1619K TRIPPLITE-B020U1619K Datasheet
519Kb / 3P
NetDirector 16-Port 1U Rack-Mount Console KVM Switch w-19-in. LCD 8 PS2-USB Combo Cables
B020U0819K TRIPPLITE-B020U0819K Datasheet
518Kb / 3P
NetDirector 8-Port 1U Rack-Mount Console KVM Switch w-19-in. LCD plus 8 PS2-USB Combo Cables
logo
List of Unclassifed Man...
B020-U08-19-K ETC2-B020-U08-19-K Datasheet
523Kb / 5P
8-Port NetDirector 1U Rackmount Console KVM Switch w/19" LCD 8 PS2/USB Combo Cables
B020-U16-19-K ETC2-B020-U16-19-K Datasheet
523Kb / 5P
16-Port NetDirector 1U Rackmount Console KVM Switch w/19" LCD 8 PS2/USB Combo Cables
logo
Tripp Lite. All Rights ...
B020U0819KTAA TRIPPLITE-B020U0819KTAA Datasheet
518Kb / 3P
TAA-Compliant NetDirector 8-Port 1U Rack-Mount Console KVM Switch w-19-in. LCD plus 8 PS2-USB
B020U0819IP TRIPPLITE-B020U0819IP Datasheet
522Kb / 3P
NetDirector 8-Port 1U Rack-Mount Console IP KVM Switch w-19-in. LCD
B020-008-17 TRIPPLITE-B020-008-17 Datasheet
510Kb / 3P
NetDirector 8-Port 1U Rack-Mount Console KVM Switch with 17-in. LCD
B02000817 TRIPPLITE-B02000817 Datasheet
508Kb / 3P
NetDirector 8-Port 1U Rack-Mount Console KVM Switch w-17-in. LCD
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com