Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B020-U08-19-K Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # B020-U08-19-K
Description  NetDirector 8-Port 1U Rack-Mount Console KVM Switch with 19-in. LCD 8 PS2/USB Combo Cables
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

B020-U08-19-K Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  B020-U08-19-K Datasheet HTML 1Page - Tripp Lite. All Rights Reserved B020-U08-19-K Datasheet HTML 2Page - Tripp Lite. All Rights Reserved B020-U08-19-K Datasheet HTML 3Page - Tripp Lite. All Rights Reserved B020-U08-19-K Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Specifications
drawer
Mounts into 19”-wide rack, 26”-38” deep
q
Control up to 8 servers from a single, easily accessible console – ideal when rack space is at a premium
q
Includes eight P778-Series cables that support computers with either PS/2 or USB connections
q
Flip-up/fold-down screen keeps the console from blocking access to rack equipment when not in use
q
Eliminates need to buy costly separate monitors, keyboards and mice for each computer/server
q
Simplifies IT Tasks
Switch easily between the 16 ports via on-console buttons, on-screen display or hot keys; OSD can be
set to English, Spanish, French, German or Japanese
q
Hot pluggable; add or remove computers without having to power down the switch
q
Auto-scan mode automatically sequences through all active ports that are accessible to the user
q
Large 19” LCD
Extra-wide display makes multitasking easier
q
Supports video resolutions up to 1280 x 1024
q
DDC emulation allows optimal output to the LCD
q
Multi-Level Password Security
Enhances security by limiting access to an administrator and up to 4 local users
q
Two-level log-out allows for manual log-out or automatic log-out after a user-defined period of time has
passed
q
Expandability and Long-Lasting Reliability
Increase the number of connected computers up to 256 by daisy-chaining up to 31 B022-U08 KVM
switches
q
A console cable kit is included so you can connect the external console port to a keyboard, mouse or
monitor, or a Tripp Lite B051-000 IP Remote Access Unit
q
An additional USB port on the front of the unit lets you connect an external USB mouse; a USB port is
also available to share a peripheral such as a flash drive or external hard drive with all the connected
servers
q
Compatible with all major operating systems for easy integration into your existing structure
q
Firmware is upgradable with included cable and utility
q
Heavy-duty steel housing stands up to frequent use
q
CD with owner's manual
q
Quick start guide
q
OVERVIEW
UPC Code
037332150776
2 / 4


Similar Part No. - B020-U08-19-K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B020-U08-19-K ETC2-B020-U08-19-K Datasheet
523Kb / 5P
8-Port NetDirector 1U Rackmount Console KVM Switch w/19" LCD 8 PS2/USB Combo Cables
More results

Similar Description - B020-U08-19-K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B020-U08-19-K ETC2-B020-U08-19-K Datasheet
523Kb / 5P
8-Port NetDirector 1U Rackmount Console KVM Switch w/19" LCD 8 PS2/USB Combo Cables
B020-U16-19-K ETC2-B020-U16-19-K Datasheet
523Kb / 5P
16-Port NetDirector 1U Rackmount Console KVM Switch w/19" LCD 8 PS2/USB Combo Cables
logo
Tripp Lite. All Rights ...
B020U0819IP TRIPPLITE-B020U0819IP Datasheet
522Kb / 3P
NetDirector 8-Port 1U Rack-Mount Console IP KVM Switch w-19-in. LCD
B020U0819K TRIPPLITE-B020U0819K Datasheet
518Kb / 3P
NetDirector 8-Port 1U Rack-Mount Console KVM Switch w-19-in. LCD plus 8 PS2-USB Combo Cables
B020U0819KTAA TRIPPLITE-B020U0819KTAA Datasheet
518Kb / 3P
TAA-Compliant NetDirector 8-Port 1U Rack-Mount Console KVM Switch w-19-in. LCD plus 8 PS2-USB
B020U1619K TRIPPLITE-B020U1619K Datasheet
519Kb / 3P
NetDirector 16-Port 1U Rack-Mount Console KVM Switch w-19-in. LCD 8 PS2-USB Combo Cables
B02000817 TRIPPLITE-B02000817 Datasheet
508Kb / 3P
NetDirector 8-Port 1U Rack-Mount Console KVM Switch w-17-in. LCD
B020-008-17 TRIPPLITE-B020-008-17 Datasheet
510Kb / 3P
NetDirector 8-Port 1U Rack-Mount Console KVM Switch with 17-in. LCD
B020-U08-19KTAA TRIPPLITE-B020-U08-19KTAA Datasheet
520Kb / 4P
NetDirector 8-Port 1U Rack-Mount Console KVM Switch with 19-in. LCD 8 PS2/USB Combo Cables; TAA Compliant
B020-U16-19-K TRIPPLITE-B020-U16-19-K Datasheet
175Kb / 4P
NetDirector 16-Port 1U Rack-Mount Console KVM Switch with 19-in. LCD 8 PS2/USB Combo Cables
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com