Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B020-016-17-IP Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # B020-016-17-IP
Description  NetDirector 16-Port 1U Rack-Mount Console KVM Switch with 17-in. LCD and IP Remote Access
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

B020-016-17-IP Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  B020-016-17-IP Datasheet HTML 1Page - Tripp Lite. All Rights Reserved B020-016-17-IP Datasheet HTML 2Page - Tripp Lite. All Rights Reserved B020-016-17-IP Datasheet HTML 3Page - Tripp Lite. All Rights Reserved B020-016-17-IP Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NetDirector 16-Port 1U Rack-Mount Console KVM
Switch with 17-in. LCD and IP Remote Access
MODEL NUMBER: B020-016-17-IP
Control up to 16 computers from anywhere in the world with a single KVM switch with integrated console.
This KVM switch with IP remote access is a smart solution for secure server control that saves rack space
and money.
Description
Tripp Lite’s B020-016-17-IP KVM Switch gives you a rack-mountable keyboard, LCD and touchpad in a
single console that occupies only 1U of rack space. From across the room, down the street or halfway
around the globe, the B020-016-17-IP can be accessed from any computer on the LAN, WAN or Internet.
Easy to install and use, it’s the optimal solution for controlling up to 16 computers/servers.
The B020-016-17-IP has a built-in 17” LCD screen that supports video resolutions up to 1280 x 1024 and
remote monitor resolutions up to 1600 x 1200. You can switch easily between the 16 ports using on-
console push buttons, an on-screen display (OSD) or keyboard hot key commands. Up to 64 users can be
authorized and 32 remote users can be logged on concurrently when multi-user operation is enabled, with
multi-level password security. RADIUS server authentication is supported.
This switch controls PS/2 or USB computers/servers using a P774-Series (PS/2) or P776-Series (USB)
KVM Cable Kit (one of each is included). When not in use, the B020-016-17-IP stores neatly in a rack
drawer and pulls out when needed. With its dual-rail design, you can slide the keyboard into the rack,
while the monitor stays visible. This KVM console is compatible with all major operating systems. Heavy-
duty steel housing stands up to frequent use. Complies with the Federal Trade Agreements Act (TAA) for
GSA Schedule purchases.
Features
Saves Space and Money
Combines 16-port KVM switch, 17" LCD screen, keyboard and touchpad in a 1U rack-mountable drawer
– ideal when rack space is at a premium
q
Highlights
Control computers/servers
locally or via LAN, WAN or
Internet
q
Occupies just 1U of space in a
rack-mountable, dual-rail drawer
q
17” LCD screen supports video
resolutions up to 1280 x 1024
q
Allows up to 64 authorized users
and 32 concurrent remote log-
ins
q
Compatible with all operating
systems
q
System Requirements
PS/2 or USB computer with
VGA, SVGA or MultiSync video
graphics card with HD15 port
q
(1) P774-Series (PS/2) or P776-
Series (USB) KVM Cable Kit is
required for each connected
computer/server
q
Computers that access the KVM
remotely should have at least a
Pentium III, 1GHz processor,
with screen resolution set to
1024 x 768
q
If remote computer is accessing
the switch with Windows Client,
DirectX 7.0 or higher is needed;
if accessing the switch with Java
Client, Sun’s Java 2 (1.4.2 or
higher) runtime environment
must be installed
q
Browsers must support 128-bit
encryption
q
A network transfer speed of 128
Kbps or higher is recommended
q
Compatible with all major
q
1 / 4


Similar Part No. - B020-016-17-IP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B020-016-17-IP ETC2-B020-016-17-IP Datasheet
516Kb / 5P
   16-Port NetDirector 1U Rackmount Console KVM Switch w/17" LCD and IP Remote Access
More results

Similar Description - B020-016-17-IP

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
B02001617IP TRIPPLITE-B02001617IP Datasheet
509Kb / 3P
   NetDirector 16-Port 1U Rack-Mount Console KVM Switch w-17-in. LCD and IP Remote Access
logo
List of Unclassifed Man...
B020-016-17-IP ETC2-B020-016-17-IP Datasheet
516Kb / 5P
   16-Port NetDirector 1U Rackmount Console KVM Switch w/17" LCD and IP Remote Access
logo
Tripp Lite. All Rights ...
B030-DP16-17DIP TRIPPLITE-B030-DP16-17DIP Datasheet
90Kb / 4P
   NetDirector 16-Port DisplayPort KVM Switch Console with 17 in. LCD, IP Remote Access, Dual Rail, 1U Rack-Mount
B020-U08-19-IP TRIPPLITE-B020-U08-19-IP Datasheet
521Kb / 4P
   NetDirector 8-Port 1U Rack-Mount Console KVM Switch with 19-in. LCD and IP Remote Access
B030-008-17-IP TRIPPLITE-B030-008-17-IP Datasheet
185Kb / 4P
   NetDirector 8-Port 1U Rack-Mount Console HDMI KVM Switch with 17 in. LCD and IP Remote Access, Dual Rail
B020-016-17 TRIPPLITE-B020-016-17 Datasheet
170Kb / 4P
   NetDirector 16-Port 1U Rack-Mount Console KVM Switch with 17-in. LCD
B030-DP08-17DIP TRIPPLITE-B030-DP08-17DIP Datasheet
90Kb / 4P
   NetDirector 8-Port DisplayPort KVM Switch Console with 17 in. LCD, IP Remote Access, Dual Rail, 1U Rack-Mount
B02001617 TRIPPLITE-B02001617 Datasheet
504Kb / 3P
   NetDirector 16-Port 1U Rack-Mount Console KVM Switch w-17-in. LCD
B020-008-17 TRIPPLITE-B020-008-17 Datasheet
510Kb / 3P
   NetDirector 8-Port 1U Rack-Mount Console KVM Switch with 17-in. LCD
B020-U16-19-IP TRIPPLITE-B020-U16-19-IP Datasheet
526Kb / 4P
   NetDirector 16-Port 1U Rack-Mount Console IP KVM Switch w/19 in. LCD
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com