Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B020-016-17-IP Datasheet(PDF) 4 Page - Tripp Lite. All Rights Reserved

Part # B020-016-17-IP
Description  NetDirector 16-Port 1U Rack-Mount Console KVM Switch with 17-in. LCD and IP Remote Access
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

B020-016-17-IP Datasheet(HTML) 4 Page - Tripp Lite. All Rights Reserved

  B020-016-17-IP Datasheet HTML 1Page - Tripp Lite. All Rights Reserved B020-016-17-IP Datasheet HTML 2Page - Tripp Lite. All Rights Reserved B020-016-17-IP Datasheet HTML 3Page - Tripp Lite. All Rights Reserved B020-016-17-IP Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
© 2019 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Tripp Lite uses primary and third-party agencies to test its products for compliance with standards. See a list of Tripp Lite's testing agencies:
https://www.tripplite.com/products/product-certification-agencies
FEATURES & SPECIFICATIONS
Autoscan (Y,N)
Y
Autoscan Duration
1 - 255 Seconds
Number of Users
1
NIAP-Certified Secure
No
Cat5 KVM Switch
No
Technology
PS/2; USB; VGA/SVGA
CERTIFICATIONS
Certifications
UL 60950-1 (USA), CAN/CSA (Canada), FCC Part 15 Class A, CE
WARRANTY
Product Warranty Period
(Worldwide)
1-year limited warranty
4 / 4


Similar Part No. - B020-016-17-IP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B020-016-17-IP ETC2-B020-016-17-IP Datasheet
516Kb / 5P
   16-Port NetDirector 1U Rackmount Console KVM Switch w/17" LCD and IP Remote Access
More results

Similar Description - B020-016-17-IP

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
B02001617IP TRIPPLITE-B02001617IP Datasheet
509Kb / 3P
   NetDirector 16-Port 1U Rack-Mount Console KVM Switch w-17-in. LCD and IP Remote Access
logo
List of Unclassifed Man...
B020-016-17-IP ETC2-B020-016-17-IP Datasheet
516Kb / 5P
   16-Port NetDirector 1U Rackmount Console KVM Switch w/17" LCD and IP Remote Access
logo
Tripp Lite. All Rights ...
B030-DP16-17DIP TRIPPLITE-B030-DP16-17DIP Datasheet
90Kb / 4P
   NetDirector 16-Port DisplayPort KVM Switch Console with 17 in. LCD, IP Remote Access, Dual Rail, 1U Rack-Mount
B020-U08-19-IP TRIPPLITE-B020-U08-19-IP Datasheet
521Kb / 4P
   NetDirector 8-Port 1U Rack-Mount Console KVM Switch with 19-in. LCD and IP Remote Access
B030-008-17-IP TRIPPLITE-B030-008-17-IP Datasheet
185Kb / 4P
   NetDirector 8-Port 1U Rack-Mount Console HDMI KVM Switch with 17 in. LCD and IP Remote Access, Dual Rail
B020-016-17 TRIPPLITE-B020-016-17 Datasheet
170Kb / 4P
   NetDirector 16-Port 1U Rack-Mount Console KVM Switch with 17-in. LCD
B030-DP08-17DIP TRIPPLITE-B030-DP08-17DIP Datasheet
90Kb / 4P
   NetDirector 8-Port DisplayPort KVM Switch Console with 17 in. LCD, IP Remote Access, Dual Rail, 1U Rack-Mount
B02001617 TRIPPLITE-B02001617 Datasheet
504Kb / 3P
   NetDirector 16-Port 1U Rack-Mount Console KVM Switch w-17-in. LCD
B020-008-17 TRIPPLITE-B020-008-17 Datasheet
510Kb / 3P
   NetDirector 8-Port 1U Rack-Mount Console KVM Switch with 17-in. LCD
B020-U16-19-IP TRIPPLITE-B020-U16-19-IP Datasheet
526Kb / 4P
   NetDirector 16-Port 1U Rack-Mount Console IP KVM Switch w/19 in. LCD
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com