Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B020-016-17-IP Datasheet(PDF) 3 Page - Tripp Lite. All Rights Reserved

Part # B020-016-17-IP
Description  NetDirector 16-Port 1U Rack-Mount Console KVM Switch with 17-in. LCD and IP Remote Access
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

B020-016-17-IP Datasheet(HTML) 3 Page - Tripp Lite. All Rights Reserved

  B020-016-17-IP Datasheet HTML 1Page - Tripp Lite. All Rights Reserved B020-016-17-IP Datasheet HTML 2Page - Tripp Lite. All Rights Reserved B020-016-17-IP Datasheet HTML 3Page - Tripp Lite. All Rights Reserved B020-016-17-IP Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Console
Yes
Max CPU
16
INPUT
Nominal Input Voltage(s) Supported
100V AC; 110V AC; 115V AC; 120V AC; 127V AC; 140V AC; 200V AC; 208V AC; 220V AC; 230V AC; 240V AC
Recommended Electrical Service
100-250V
Maximum Input Amps
1
Input Frequency
50/60Hz
Input Current
120V (0.8A) / 230V (0.4A)
PHYSICAL
Shipping Dimensions (hwd / in.)
6.00 x 27.00 x 33.00
Shipping Dimensions (hwd / cm)
15.24 x 68.58 x 83.82
Shipping Weight (lbs.)
49.60
Shipping Weight (kg)
22.50
Unit Dimensions (hwd / in.)
1.75 x 19 x 27.8
Unit Dimensions (hwd / cm)
4.45 x 48.26 x 70.61
Unit Weight (lbs.)
38.1
Unit Weight (kg)
17.28
Color
Black
LCD Monitor (in.)
17
LCD Monitor (cm)
43.18
ENVIRONMENTAL
Storage Temperature Range
-20 to +60 degrees C
Relative Humidity
0% to 80% RH, Non-condensing
Operating Temperature
0 to 40 degrees C
BTUs
100.7 to 102.42
COMMUNICATIONS
Port Control
Push Buttons, Hotkeys, OSD
IP Remote Access
Yes
CONNECTIONS
Ports
16
Computer/Server Ports
(x16) HD15 Female
PC/Server Connections
PS/2; USB; VGA
3 / 4


Similar Part No. - B020-016-17-IP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B020-016-17-IP ETC2-B020-016-17-IP Datasheet
516Kb / 5P
16-Port NetDirector 1U Rackmount Console KVM Switch w/17" LCD and IP Remote Access
More results

Similar Description - B020-016-17-IP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B020-016-17-IP ETC2-B020-016-17-IP Datasheet
516Kb / 5P
16-Port NetDirector 1U Rackmount Console KVM Switch w/17" LCD and IP Remote Access
logo
Tripp Lite. All Rights ...
B02001617 TRIPPLITE-B02001617 Datasheet
504Kb / 3P
NetDirector 16-Port 1U Rack-Mount Console KVM Switch w-17-in. LCD
B02001617IP TRIPPLITE-B02001617IP Datasheet
509Kb / 3P
NetDirector 16-Port 1U Rack-Mount Console KVM Switch w-17-in. LCD and IP Remote Access
B020-008-17 TRIPPLITE-B020-008-17 Datasheet
510Kb / 3P
NetDirector 8-Port 1U Rack-Mount Console KVM Switch with 17-in. LCD
B020-U08-19-IP TRIPPLITE-B020-U08-19-IP Datasheet
521Kb / 4P
NetDirector 8-Port 1U Rack-Mount Console KVM Switch with 19-in. LCD and IP Remote Access
B020-U16-19-IP TRIPPLITE-B020-U16-19-IP Datasheet
526Kb / 4P
NetDirector 16-Port 1U Rack-Mount Console IP KVM Switch w/19 in. LCD
B020-016-17 TRIPPLITE-B020-016-17 Datasheet
170Kb / 4P
NetDirector 16-Port 1U Rack-Mount Console KVM Switch with 17-in. LCD
B030-008-17-IP TRIPPLITE-B030-008-17-IP Datasheet
185Kb / 4P
NetDirector 8-Port 1U Rack-Mount Console HDMI KVM Switch with 17 in. LCD and IP Remote Access, Dual Rail
B030-DP08-17DIP TRIPPLITE-B030-DP08-17DIP Datasheet
90Kb / 4P
NetDirector 8-Port DisplayPort KVM Switch Console with 17 in. LCD, IP Remote Access, Dual Rail, 1U Rack-Mount
B030-DP16-17DIP TRIPPLITE-B030-DP16-17DIP Datasheet
90Kb / 4P
NetDirector 16-Port DisplayPort KVM Switch Console with 17 in. LCD, IP Remote Access, Dual Rail, 1U Rack-Mount
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com