Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B020-016-17-IP Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # B020-016-17-IP
Description  NetDirector 16-Port 1U Rack-Mount Console KVM Switch with 17-in. LCD and IP Remote Access
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

B020-016-17-IP Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  B020-016-17-IP Datasheet HTML 1Page - Tripp Lite. All Rights Reserved B020-016-17-IP Datasheet HTML 2Page - Tripp Lite. All Rights Reserved B020-016-17-IP Datasheet HTML 3Page - Tripp Lite. All Rights Reserved B020-016-17-IP Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Specifications
Mounts into 19”-wide rack, 26.5”-30” deep
q
Flip-up/fold-down screen keeps the console from blocking access to rack equipment when not in use;
dual-rail design lets you push in the keyboard while the LCD stays open
q
IP Remote Access for Fewer Trips to the Server Room
Remote access offers convenience of controlling servers from anywhere…no need to travel to the
server room or network closet
q
Supports both IPv4 and IPv6 and network interfaces TCP/IP, HTTP, HTTPS, UDP, RADIUS, DHCP,
SSL, ARP, DNS, 10Base-T/100Base-TX, Auto Sense and Ping
q
Simplifies IT Tasks
Switch easily between the 16 ports via on-console buttons, on-screen display or hot keys
q
Panel array mode lets you monitor multiple ports at the same time
q
Hot pluggable; add or remove computers without powering down the switch
q
Auto-scan mode automatically sequences through all active ports accessible to the user
q
Windows-based log server tracks events on your installation
q
Large 17” LCD
Wide display makes multitasking easier
q
Supports video resolutions up to 1280 x 1024; remote monitor resolutions up to 1600 x 1200
q
DDC emulation allows settings of each computer to be automatically adjusted for optimal output to LCD
q
Advanced Security Features
Includes password protection and advanced encryption: 1024-bit RSA, 256-bit AES, 56-bit DES, and
128-bit SSL
q
Supports RADIUS server authentication
q
Allows up to 64 user accounts; with multi-user operation enabled, up to 32 users can log on at one time
q
Expandability and Long-Lasting Reliability
Compatible with all major operating systems for easy integration into your existing structure
q
Flash firmware is upgradable over a network connection
q
Heavy-duty steel housing stands up to frequent use
q
TAA Compliant
Complies with Federal Trade Agreements Act (TAA) for GSA Schedule purchases
q
operating systems
Power consumption: 120V,
60Hz, 31W; 230V, 50Hz, 39W
q
Package Includes
B020-016-17-IP 16-Port
Console KVM Switch with 17"
LCD and built-in IP access
q
P774-Series 6 ft. PS/2 KVM
Cable Kit
q
P776-Series 6 ft. USB KVM
Cable Kit
q
C13 to 5-15P power cord
q
Owner’s Manual CD
q
OVERVIEW
UPC Code
037332146908
2 / 4


Similar Part No. - B020-016-17-IP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B020-016-17-IP ETC2-B020-016-17-IP Datasheet
516Kb / 5P
16-Port NetDirector 1U Rackmount Console KVM Switch w/17" LCD and IP Remote Access
More results

Similar Description - B020-016-17-IP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B020-016-17-IP ETC2-B020-016-17-IP Datasheet
516Kb / 5P
16-Port NetDirector 1U Rackmount Console KVM Switch w/17" LCD and IP Remote Access
logo
Tripp Lite. All Rights ...
B02001617 TRIPPLITE-B02001617 Datasheet
504Kb / 3P
NetDirector 16-Port 1U Rack-Mount Console KVM Switch w-17-in. LCD
B02001617IP TRIPPLITE-B02001617IP Datasheet
509Kb / 3P
NetDirector 16-Port 1U Rack-Mount Console KVM Switch w-17-in. LCD and IP Remote Access
B020-008-17 TRIPPLITE-B020-008-17 Datasheet
510Kb / 3P
NetDirector 8-Port 1U Rack-Mount Console KVM Switch with 17-in. LCD
B020-U08-19-IP TRIPPLITE-B020-U08-19-IP Datasheet
521Kb / 4P
NetDirector 8-Port 1U Rack-Mount Console KVM Switch with 19-in. LCD and IP Remote Access
B020-U16-19-IP TRIPPLITE-B020-U16-19-IP Datasheet
526Kb / 4P
NetDirector 16-Port 1U Rack-Mount Console IP KVM Switch w/19 in. LCD
B020-016-17 TRIPPLITE-B020-016-17 Datasheet
170Kb / 4P
NetDirector 16-Port 1U Rack-Mount Console KVM Switch with 17-in. LCD
B030-008-17-IP TRIPPLITE-B030-008-17-IP Datasheet
185Kb / 4P
NetDirector 8-Port 1U Rack-Mount Console HDMI KVM Switch with 17 in. LCD and IP Remote Access, Dual Rail
B030-DP08-17DIP TRIPPLITE-B030-DP08-17DIP Datasheet
90Kb / 4P
NetDirector 8-Port DisplayPort KVM Switch Console with 17 in. LCD, IP Remote Access, Dual Rail, 1U Rack-Mount
B030-DP16-17DIP TRIPPLITE-B030-DP16-17DIP Datasheet
90Kb / 4P
NetDirector 16-Port DisplayPort KVM Switch Console with 17 in. LCD, IP Remote Access, Dual Rail, 1U Rack-Mount
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com