Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B020-016-17 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # B020-016-17
Description  NetDirector 16-Port 1U Rack-Mount Console KVM Switch with 17-in. LCD
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

B020-016-17 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  B020-016-17 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved B020-016-17 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved B020-016-17 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved B020-016-17 Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NetDirector 16-Port 1U Rack-Mount Console KVM
Switch with 17-in. LCD
MODEL NUMBER: B020-016-17
Control up to 16 computers with a single KVM switch with integrated console. This KVM switch is a smart
solution for secure and centralized server control that saves rack space and money.
Description
Tripp Lite’s B020-016-17 KVM Switch gives you a rack-mountable keyboard, LCD and touchpad in a
single console that occupies only 1U of rack space. Easy to install and use, it’s the optimal solution for
controlling up to 16 computers/servers. Increase the number of connected computers to up to 264 by
daisy-chaining up to 31 B022-U08 KVM switches
The B020-016-17 has a built-in 17” LCD screen that supports video resolutions up to 1280 x 1024. You
can switch easily between the 16 ports using on-console push buttons, an on-screen display (OSD) or
keyboard hot key commands. Multi-level password security can be set up for an administrator and up to 4
local users to ensure only those with authorization can access the connected computers.
This switch controls PS/2 or USB computers/servers using a P774-Series (PS/2) or P776-Series (USB)
KVM Cable Kit (one of each is included). An extra HD15 port allows an additional VGA monitor to be
connected. Two PS/2 ports also are included on the rear of the unit to allow for connection of a Tripp Lite
B051-000 IP Remote Access Unit or an external console. When not in use, the B020-016-17 stores neatly
in a rack drawer and pulls out when needed. This KVM console is compatible with all major operating
systems (special keys on Mac and Sun keyboards are not supported). Heavy-duty steel housing stands
up to frequent use.
Features
Saves Valuable Space and Money
Combines a 16-port KVM switch, 17" LCD screen, full keyboard and touchpad in a 1U rack-mountable
drawer
q
Mounts into 19”-wide rack, 24”-37” deep
q
Highlights
Occupies just 1U of space in a
rack-mountable drawer
q
17” LCD screen supports video
resolutions up to 1280 x 1024
q
Simplifies IT tasks with easy
switching between all 16 ports
q
Provides 2-level password
security (administrator and user)
q
Compatible with all operating
systems
q
System Requirements
PS/2 or USB computer
q
(1) P774-Series (PS/2) or P776-
Series (USB) KVM Cable Kit is
required for each connected
computer/server
q
Compatible with all major
operating systems (special keys
on Mac and Sun keyboards are
not supported)
q
Power consumption: 120V,
60Hz, 22.8W; 230V, 50Hz, 24W
q
Package Includes
B020-016-17 16-Port Console
KVM Switch with 17" LCD
q
P774-Series 6 ft. PS/2 KVM
Cable Kit
q
P776-Series 6 ft. USB KVM
Cable Kit
q
C13 to 5-15P power cord
q
RJ11 to DB9 firmware upgrade
cable
q
Owner’s Manual CD
q
1 / 4


Similar Part No. - B020-016-17

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B020-016-17 ETC2-B020-016-17 Datasheet
515Kb / 5P
   16-Port NetDirector 1U Rackmount Console KVM Switch w/17" LCD
B020-016-17-IP ETC2-B020-016-17-IP Datasheet
516Kb / 5P
   16-Port NetDirector 1U Rackmount Console KVM Switch w/17" LCD and IP Remote Access
logo
Tripp Lite. All Rights ...
B020-016-17-IP TRIPPLITE-B020-016-17-IP Datasheet
174Kb / 4P
   NetDirector 16-Port 1U Rack-Mount Console KVM Switch with 17-in. LCD and IP Remote Access
More results

Similar Description - B020-016-17

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
B02001617 TRIPPLITE-B02001617 Datasheet
504Kb / 3P
   NetDirector 16-Port 1U Rack-Mount Console KVM Switch w-17-in. LCD
B020-008-17 TRIPPLITE-B020-008-17 Datasheet
510Kb / 3P
   NetDirector 8-Port 1U Rack-Mount Console KVM Switch with 17-in. LCD
B02000817 TRIPPLITE-B02000817 Datasheet
508Kb / 3P
   NetDirector 8-Port 1U Rack-Mount Console KVM Switch w-17-in. LCD
B030-DP16-17D TRIPPLITE-B030-DP16-17D Datasheet
89Kb / 4P
   NetDirector 16-Port DisplayPort KVM Switch Console with 17 in. LCD, Dual Rail, 1U Rack- Mount
logo
List of Unclassifed Man...
B020-016-17 ETC2-B020-016-17 Datasheet
515Kb / 5P
   16-Port NetDirector 1U Rackmount Console KVM Switch w/17" LCD
logo
Tripp Lite. All Rights ...
B020-016-17-IP TRIPPLITE-B020-016-17-IP Datasheet
174Kb / 4P
   NetDirector 16-Port 1U Rack-Mount Console KVM Switch with 17-in. LCD and IP Remote Access
B030-DP08-17D TRIPPLITE-B030-DP08-17D Datasheet
88Kb / 4P
   8-Port NetDirector DisplayPort KVM Switch Console with 17 in. LCD, Dual Rail, 1U Rack- Mount
B020-U16-19-IP TRIPPLITE-B020-U16-19-IP Datasheet
526Kb / 4P
   NetDirector 16-Port 1U Rack-Mount Console IP KVM Switch w/19 in. LCD
B02001617IP TRIPPLITE-B02001617IP Datasheet
509Kb / 3P
   NetDirector 16-Port 1U Rack-Mount Console KVM Switch w-17-in. LCD and IP Remote Access
B030-DP16-17DIP TRIPPLITE-B030-DP16-17DIP Datasheet
90Kb / 4P
   NetDirector 16-Port DisplayPort KVM Switch Console with 17 in. LCD, IP Remote Access, Dual Rail, 1U Rack-Mount
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com