Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B020-016-17 Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # B020-016-17
Description  NetDirector 16-Port 1U Rack-Mount Console KVM Switch with 17-in. LCD
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

B020-016-17 Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  B020-016-17 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved B020-016-17 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved B020-016-17 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved B020-016-17 Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Specifications
Gives you control of up to 16 computers/servers from a single, easily accessible console – ideal when
rack space is at a premium
q
Flip-up/fold-down screen keeps the console from blocking access to rack equipment when not in use
q
Eliminates need to purchase costly separate monitors, keyboards and mice for each computer/server
q
Simplifies IT Tasks
Switch quickly and easily between the 16 ports via on-console buttons, on-screen display or keyboard
hot key commands
q
Hot pluggable; add or remove computers without having to power down the switch
q
Auto-scan mode automatically sequences through all active ports that are accessible to the user
q
Large 17” LCD
Wide display makes multitasking easier
q
Supports video resolutions up to 1280 x 1024
q
DDC emulation allows the video settings of each computer to be automatically adjusted for optimal
output to the LCD
q
Multi-Level Password Security
Enhances security by limiting access to an administrator and up to 4 local users
q
Two-level log-out allows for manual log-out or automatic log-out after a user-defined period of time has
passed
q
Future Expandability and Long-Lasting Reliability
Increase the number of connected computers to up to 264 by daisy-chaining up to 31 B022-U08 KVM
switches
q
Includes additional HD15 VGA monitor port and PS/2 keyboard/mouse ports, so you can connect an
external console or a Tripp Lite B051-000 IP Remote Access Unit
q
Compatible with all major operating systems for easy integration into your existing structure (special
keys on Mac and Sun keyboards are not supported)
q
Firmware is easily upgradable with included cable and utility
q
Heavy-duty steel housing stands up to frequent use
q
OVERVIEW
UPC Code
037332125378
Console
Yes
Max CPU
16
2 / 4


Similar Part No. - B020-016-17

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B020-016-17 ETC2-B020-016-17 Datasheet
515Kb / 5P
16-Port NetDirector 1U Rackmount Console KVM Switch w/17" LCD
B020-016-17-IP ETC2-B020-016-17-IP Datasheet
516Kb / 5P
16-Port NetDirector 1U Rackmount Console KVM Switch w/17" LCD and IP Remote Access
logo
Tripp Lite. All Rights ...
B020-016-17-IP TRIPPLITE-B020-016-17-IP Datasheet
174Kb / 4P
NetDirector 16-Port 1U Rack-Mount Console KVM Switch with 17-in. LCD and IP Remote Access
More results

Similar Description - B020-016-17

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
B02001617 TRIPPLITE-B02001617 Datasheet
504Kb / 3P
NetDirector 16-Port 1U Rack-Mount Console KVM Switch w-17-in. LCD
B020-008-17 TRIPPLITE-B020-008-17 Datasheet
510Kb / 3P
NetDirector 8-Port 1U Rack-Mount Console KVM Switch with 17-in. LCD
B02000817 TRIPPLITE-B02000817 Datasheet
508Kb / 3P
NetDirector 8-Port 1U Rack-Mount Console KVM Switch w-17-in. LCD
B030-DP16-17D TRIPPLITE-B030-DP16-17D Datasheet
89Kb / 4P
NetDirector 16-Port DisplayPort KVM Switch Console with 17 in. LCD, Dual Rail, 1U Rack- Mount
logo
List of Unclassifed Man...
B020-016-17 ETC2-B020-016-17 Datasheet
515Kb / 5P
16-Port NetDirector 1U Rackmount Console KVM Switch w/17" LCD
logo
Tripp Lite. All Rights ...
B020-016-17-IP TRIPPLITE-B020-016-17-IP Datasheet
174Kb / 4P
NetDirector 16-Port 1U Rack-Mount Console KVM Switch with 17-in. LCD and IP Remote Access
B030-DP08-17D TRIPPLITE-B030-DP08-17D Datasheet
88Kb / 4P
8-Port NetDirector DisplayPort KVM Switch Console with 17 in. LCD, Dual Rail, 1U Rack- Mount
B020-U16-19-IP TRIPPLITE-B020-U16-19-IP Datasheet
526Kb / 4P
NetDirector 16-Port 1U Rack-Mount Console IP KVM Switch w/19 in. LCD
B02001617IP TRIPPLITE-B02001617IP Datasheet
509Kb / 3P
NetDirector 16-Port 1U Rack-Mount Console KVM Switch w-17-in. LCD and IP Remote Access
B030-DP16-17DIP TRIPPLITE-B030-DP16-17DIP Datasheet
90Kb / 4P
NetDirector 16-Port DisplayPort KVM Switch Console with 17 in. LCD, IP Remote Access, Dual Rail, 1U Rack-Mount
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com