Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT77V1254L25 Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDT77V1254L25
Description  Quad Port PHY (Physical Layer) for 25.6 and 51.2 ATM Networks
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT77V1254L25 Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button IDT77V1254L25 Datasheet HTML 2Page - Integrated Device Technology IDT77V1254L25 Datasheet HTML 3Page - Integrated Device Technology IDT77V1254L25 Datasheet HTML 4Page - Integrated Device Technology IDT77V1254L25 Datasheet HTML 5Page - Integrated Device Technology IDT77V1254L25 Datasheet HTML 6Page - Integrated Device Technology IDT77V1254L25 Datasheet HTML 7Page - Integrated Device Technology IDT77V1254L25 Datasheet HTML 8Page - Integrated Device Technology IDT77V1254L25 Datasheet HTML 9Page - Integrated Device Technology IDT77V1254L25 Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 47 page
background image
6 of 47
September 21, 2001
IDT77V1254L25
TXLED[3:0]
12, 13, 14, 15
Out
Ports 3 thru 0 Transmit LED driver. Goes low for 223 cycles of OSC, beginning with TXSOC when this port
receives a cell for transmission. 8 mA drive current both high and low. One per port.
TXREF
10
In
Transmit Reference. Synchronous to OSC. On the falling edge, an X_8 command byte is inserted into the
transmit data stream. Logic for this signal is programmed in register 0x40. Typical application is WAN timing.
Power Supply Signals
Signal Name
Pin Number
I/O
Signal Description
AGND
112, 117, 118, 123, 124,
127, 129, 130, 135, 136, 141
____
Analog ground. AGND supply a ground reference to the analog portion of the ship, which sources a more
constant current than the digital portion.
AVDD
113, 116, 119, 122, 125,
128, 131, 134, 137, 140
____
Analog power supply 3.3 ± 0.3V AVDD supply power to the analog portion of the chip, which draws a more
constant current than the digital portion.
GND
2, 11, 44, 50, 56, 67, 77, 83,
86, 97, 107, 111, 142
____
Digital Ground.
VDD
1, 5, 16, 38, 45, 57, 68, 78,
84, 92, 104, 108
____
Digital power supply. 3.3 ± 0.3V.
16-BIT UTOPIA 2 Signals (MODE[1:0] = 00)
Signal Name
Pin Number
I/O
Signal Description
RXADDR[4:0] 53, 52, 51, 49, 48
In
Utopia 2 Receive Address Bus. This bus is used in polling and selecting the receive port. The port addresses
are defined in bits [4:0] of the Enhanced Control Registers.
RXCLAV
54
Out
Utopia 2 Receive Cell Available. Indicates the cell available status of the addressed port. It is asserted when
a full cell is available for retrieval from the receive FIFO. When non of the four ports is addressed. RXCLAV is
high impedance.
RXCLK
46
In
Utopia 2 Receive Clock. This is a free running clock input.
RXDATA[15:0] 59, 60, 61, 62, 63, 64, 65,
66, 69, 70, 71, 72, 73, 74,
75, 76
Out
Utopia 2 Receive Data. When one of the four ports is selected, the 77V1254L25 transfers received cells to an
ATM device across this bus. Also see RXPARITY.
RXEN
47
In
Utopia 2 Receive Enable. Driven by an ATM device to indicate its ability to receive data across the RXDATA
bus.
RXPARITY
58
Out
Utopia 2 Receive Data Parity. Odd parity over RXDATA[15:0].
RXSOC
55
Out
Utopia 2 Receive Start of Cell. Asserted coincident with the first word of data for each cell on RXDATA.
TXADDR[4:0] 36, 37, 39, 40, 41
In
Utopia 2 Transmit Address Bus. This bus is used in polling and selecting the transmit port. The port
addresses are defined in bits [4:0] of the Enhanced Control Registers.
TXCLAV
42
Out
Utopia 2 Transmit Cell Available. Indicates the availability of room in the transmit FIFO of the addressed port
for a full cell. When none of the four ports is addressed, TXCLAV is high impedance.
TXCLK
43
In
Utopia Transmit Clock. This is a free running clock input.
TXDATA[15:0] 32, 31, 30, 29, 28, 27, 26,
25, 24, 23, 22, 21, 20, 19,
18, 17
In
Utopia 2 Transmit Data. An ATM device transfers cells across this bus to the 77V1254L25 for transmission.
Also see TXPARITY.
TXEN
34
In
Utopia 2 Transmit Enable. Driven by an ATM device to indicate it is transmitting data across the TXDATA
bus.
TXPARITY
33
In
Utopia 2 Transmit Data Parity. Odd parity across TXDATA[15:0]. Parity is checked and errors are indicated in
the Interrupt Status Registers, as enabled in the Master Control Registers. No other action is taken in the
event of an error. Tie high or low if unused.
TXSOC
35
In
Utopia 2 Transmit Start of Cell. Asserted coincident with the first word of data for each cell on TXDATA.
Table 1 Signal Descriptions (Part 2 of 3)


Similar Part No. - IDT77V1254L25

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT77V1253 IDT-IDT77V1253 Datasheet
449Kb / 44P
   TRIPLE PORT PHY (PHYSICAL LAYER) FOR 25.6 AND 51.2 MBPS ATM NETWORKS
IDT77V1253L25PGI IDT-IDT77V1253L25PGI Datasheet
449Kb / 44P
   TRIPLE PORT PHY (PHYSICAL LAYER) FOR 25.6 AND 51.2 MBPS ATM NETWORKS
More results

Similar Description - IDT77V1254L25

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT77V1253 IDT-IDT77V1253 Datasheet
449Kb / 44P
   TRIPLE PORT PHY (PHYSICAL LAYER) FOR 25.6 AND 51.2 MBPS ATM NETWORKS
IDT77V1264L200 IDT-IDT77V1264L200 Datasheet
390Kb / 49P
   Quad Port PHY (Physical Layer) for 25.6, 51.2, and 204.8 Mbps ATM Networks and Backplane Applications
IDT77V126L200 IDT-IDT77V126L200 Datasheet
229Kb / 30P
   Single Port PHY (Physical Layer) for 25.6, 51.2, and 204.8 Mbps ATM Networks and Backplane Applications
IDT77V106L25 IDT-IDT77V106L25 Datasheet
216Kb / 27P
   3.3V ATM PHY for 25.6 and 51.2 Mbps
IDT77105 IDT-IDT77105 Datasheet
335Kb / 24P
   PHY (TC-PMD) for 25.6 Mbps ATM Networks
IDT77V107 IDT-IDT77V107 Datasheet
325Kb / 24P
   Single ATM PHY for 25.6 and 51.2 Mbps with Utopia Level 2
logo
PMC-Sierra, Inc
PM5358 PMC-PM5358 Datasheet
39Kb / 2P
   Quad Channel OC-12c ATM and POS Physical Layer Device
PM5349 PMC-PM5349 Datasheet
72Kb / 4P
   Quad 155 Mb/s ATM Physical Layer Device
PM5349-1 PMC-PM5349-1 Datasheet
60Kb / 2P
   Quad 155 Mb/s ATM Physical Layer Device
PM7375 PMC-PM7375 Datasheet
1Mb / 430P
   LOCAL ATM SAR & PHYSICAL LAYER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com