Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9578444502 Datasheet(PDF) 1 Page - Fair-Rite Products Corp.

Part # 9578444502
Description  ETD Cores
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIR-RITE [Fair-Rite Products Corp.]
Direct Link  http://www.fair-rite.com
Logo FAIR-RITE - Fair-Rite Products Corp.

9578444502 Datasheet(HTML) 1 Page - Fair-Rite Products Corp.

  9578444502 Datasheet HTML 1Page - Fair-Rite Products Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ETD Cores (9578444502)
Part Number: 9578444502
78 ETD CORE SET
ETD cores have been designed to make optimum use of a given volume of ferrite material for maximum throughput
power, specifically for forward converter transformers. The structure, which includes a round center post, approaches a
nearly uniform cross- sectional area throughout the core and provides a winding area that minimizes winding losses. ETD
cores are used mainly in switched- mode power supplies and permit off- line designs where IEC and VDE isolation
requirements must be met.
•ETD cores can be supplied with the center post gapped to a mechanical dimension or an A
Lvalue.
Catalog Drawing
3D Model
Weight indicated is per pair or set.
Weight: 94 (g)
Chart Legend
Σl/ A  :  Core Constant,    l
e :  Effective Path Length,    Ae :  Effective Cross- Sectional Area,    Ve :
 Effective Core Volume
A
L :  Inductance Factor  
Explanation of Part Numbers: Digits 1 & 2 = product class and 3 & 4 = material grade.
Electrical Properties
A
L(nH)
3600 ±25%
Ae(cm
2)
1.73
Σl/ A(cm
-1) 6
l
e(cm)
10.35
V
e(cm
3)
17.94
A
min(cm
2) 1.717
A
L value is measured at 1 kHz, B < 10 gauss
Fair- Rite Products Corp.     One Commercial Row, Wallkill, New York 12589-0288
888-324-7748      845-895-2055      Fax: 845-895-2629      ferrites@fair- rite.com     www.fair- rite.com
Dim
mm
mm tol
nominal inch
inch misc.
A
44
± 0.75
1.732
_
B
22.3
± 0.20
0.878
_
C
14.8
± 0.35
0.583
_
D
16.5
± 0.20
0.65
_
E
32.5
min
1.28
min
F
14.8
± 0.35
0.583
_


Similar Part No. - 9578444502

ManufacturerPart #DatasheetDescription
logo
Fair-Rite Products Corp...
9578404602 FAIR-RITE-9578404602 Datasheet
511Kb / 1P
EER Cores
9578424402 FAIR-RITE-9578424402 Datasheet
510Kb / 1P
EER Cores
9578494902 FAIR-RITE-9578494902 Datasheet
512Kb / 1P
ETD Cores
9578495402 FAIR-RITE-9578495402 Datasheet
511Kb / 1P
EER Cores
More results

Similar Description - 9578444502

ManufacturerPart #DatasheetDescription
logo
Fair-Rite Products Corp...
9595293202 FAIR-RITE-9595293202 Datasheet
512Kb / 1P
ETD Cores
9595343502 FAIR-RITE-9595343502 Datasheet
512Kb / 1P
ETD Cores
9595545402 FAIR-RITE-9595545402 Datasheet
512Kb / 1P
ETD Cores
9595606002 FAIR-RITE-9595606002 Datasheet
512Kb / 1P
ETD Cores
9598293202 FAIR-RITE-9598293202 Datasheet
512Kb / 1P
ETD Cores
9598394002 FAIR-RITE-9598394002 Datasheet
512Kb / 1P
ETD Cores
9598444502 FAIR-RITE-9598444502 Datasheet
512Kb / 1P
ETD Cores
9598494902 FAIR-RITE-9598494902 Datasheet
512Kb / 1P
ETD Cores
9598606002 FAIR-RITE-9598606002 Datasheet
512Kb / 1P
ETD Cores
9578293202 FAIR-RITE-9578293202 Datasheet
512Kb / 1P
ETD Cores
9578343502 FAIR-RITE-9578343502 Datasheet
512Kb / 1P
ETD Cores
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com