Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9578282802 Datasheet(PDF) 1 Page - Fair-Rite Products Corp.

Part # 9578282802
Description  EER Cores
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIR-RITE [Fair-Rite Products Corp.]
Direct Link  http://www.fair-rite.com
Logo FAIR-RITE - Fair-Rite Products Corp.

9578282802 Datasheet(HTML) 1 Page - Fair-Rite Products Corp.

  9578282802 Datasheet HTML 1Page - Fair-Rite Products Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EER Cores (9578282802)
Part Number: 9578282802
78 EER CORE SET
EER cores, similar to ETD cores, have been designed to make optimum use of a given volume of ferrite material for
maximum throughput power. The structure, which includes a round center post, approaches a nearly uniform cross-
sectional area throughout the core and provides a winding area that minimizes winding losses.
EER cores can be supplied with the center post gapped to a mechanical dimension or an A
Lvalue.
Catalog Drawing
3D Model
Weight indicated is per pair or set.
Weight: 28 (g)
Chart Legend
Σl/ A  :  Core Constant,    l
e :  Effective Path Length,    Ae :  Effective Cross- Sectional Area,    Ve :
 Effective Core Volume
A
L :  Inductance Factor  
Explanation of Part Numbers: Digits 1 & 2 = product class and 3 & 4 = material grade.
Electrical Properties
A
L(nH)
2800 ±25%
Ae(cm
2)
0.859
Σl/ A(cm
-1) 7.3
l
e(cm)
6.29
V
e(cm
3)
5.398
A
min(cm
2) 0.77
A
L value is measured at 1 kHz, B < 10 gauss.
Fair- Rite Products Corp.     One Commercial Row, Wallkill, New York 12589-0288
888-324-7748      845-895-2055      Fax: 845-895-2629      ferrites@fair- rite.com     www.fair- rite.com
Dim
mm
mm tol
nominal inch
inch misc.
A
28.5
± 0.60
1.122
_
B
14
± 0.20
0.551
_
C
11.4
± 0.30
0.449
_
D
9.6
± 0.20
0.378
_
E
21.2
min
0.835
min
F
9.9
± 0.30
0.39
_


Similar Part No. - 9578282802

ManufacturerPart #DatasheetDescription
logo
Fair-Rite Products Corp...
9578283402 FAIR-RITE-9578283402 Datasheet
511Kb / 1P
EER Cores
More results

Similar Description - 9578282802

ManufacturerPart #DatasheetDescription
logo
Fair-Rite Products Corp...
9595354202 FAIR-RITE-9595354202 Datasheet
510Kb / 1P
EER Cores
9595424402 FAIR-RITE-9595424402 Datasheet
510Kb / 1P
EER Cores
9595495402 FAIR-RITE-9595495402 Datasheet
511Kb / 1P
EER Cores
9598261802 FAIR-RITE-9598261802 Datasheet
511Kb / 1P
EER Cores
9598354202 FAIR-RITE-9598354202 Datasheet
511Kb / 1P
EER Cores
9598404602 FAIR-RITE-9598404602 Datasheet
511Kb / 1P
EER Cores
9598424402 FAIR-RITE-9598424402 Datasheet
510Kb / 1P
EER Cores
9578354202 FAIR-RITE-9578354202 Datasheet
511Kb / 1P
EER Cores
9578404602 FAIR-RITE-9578404602 Datasheet
511Kb / 1P
EER Cores
9595261802 FAIR-RITE-9595261802 Datasheet
511Kb / 1P
EER Cores
9595283402 FAIR-RITE-9595283402 Datasheet
511Kb / 1P
EER Cores
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com