Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM5412222 Datasheet(PDF) 7 Page - OKI electronic componets

Part # MSM5412222
Description  262,214-Word x 12-Bit Field Memory
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM5412222 Datasheet(HTML) 7 Page - OKI electronic componets

Back Button MSM5412222 Datasheet HTML 3Page - OKI electronic componets MSM5412222 Datasheet HTML 4Page - OKI electronic componets MSM5412222 Datasheet HTML 5Page - OKI electronic componets MSM5412222 Datasheet HTML 6Page - OKI electronic componets MSM5412222 Datasheet HTML 7Page - OKI electronic componets MSM5412222 Datasheet HTML 8Page - OKI electronic componets MSM5412222 Datasheet HTML 9Page - OKI electronic componets MSM5412222 Datasheet HTML 10Page - OKI electronic componets MSM5412222 Datasheet HTML 11Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
¡ Semiconductor
MSM5412222
7/15
Power-up and Initialization
On power-up, the device is designed to begin proper operation after at least 100 ms after VCC has
stabilized to a value within the range of recommended operating conditions. After this 100 ms
stabilization interval, the following initialization sequence must be performed.
Because the read and write address counters are not valid after power-up, a minimum of 80
dummy write operations (SWCK cycles) and read operations (SRCK cycles) must be performed,
followed by an RSTW operation and an RSTR operation, to properly initialize the write and the
read address pointer. Dummy write cycles/RSTW and dummy read cycles/RSTR may occur
simultaneously.
If these dummy read and write operations start while VCC and/or the substrate voltage has not
stabilized, it is necessary to perform an RSTR operation plus a minimum of 80 SRCK cycles plus
another RSTR operation, and an RSTW operation plus a minimum of 80 SRCK cycles plus
another RSTW operation to properly initialize read and write address pointers.
Old/New Data Access
There must be a minimum delay of 600 SWCK cycles between writing into memory and reading
out from memory. If reading from the first field starts with an RSTR operation, before the start
of writing the second field (before the next RSTW operation), then the data just written will be
read out.
The start of reading out the first field of data may be delayed past the beginning of writing in the
second field of data for as many as 70 SWCK cycles. If the RSTR operation for the first field read-
out occurs less than 70 SWCK cycles after the RSTW operation for the second field write-in, then
the internal buffering of the device assures that the first field will still be read out. The first field
of data that is read out while the second field of data is written is called “old data”.
In order to read out “new data”, i.e., the second field written in, the delay between an RSTW
operation and an RSTR operation must be at least 600 SRCK cycles. If the delay between RSTW
and RSTR operations is more than 71 but less than 600 cycles, then the data read out will be
undetermined. It may be “old data” or “new” data, or a combination of old and new data. Such
a timing should be avoided.
Cascade Operation
The MSM5412222 is designed to allow easy cascading of multiple memory devices. This provides
higher storage depth, or a longer delay than can be achieved with only one memory device.


Similar Part No. - MSM5412222

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5412222A OKI-MSM5412222A Datasheet
68Kb / 13P
262,214-Word x 12-Bit Field Memory
MSM5412222B OKI-MSM5412222B Datasheet
134Kb / 17P
262,214-Word 횞 12-Bit Field Memory
MSM5412222B-25JS OKI-MSM5412222B-25JS Datasheet
134Kb / 17P
262,214-Word 횞 12-Bit Field Memory
MSM5412222B-25TS-K OKI-MSM5412222B-25TS-K Datasheet
134Kb / 17P
262,214-Word 횞 12-Bit Field Memory
MSM5412222B-30JS OKI-MSM5412222B-30JS Datasheet
134Kb / 17P
262,214-Word 횞 12-Bit Field Memory
More results

Similar Description - MSM5412222

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5412222A OKI-MSM5412222A Datasheet
68Kb / 13P
262,214-Word x 12-Bit Field Memory
MSM5412222B OKI-MSM5412222B Datasheet
134Kb / 17P
262,214-Word 횞 12-Bit Field Memory
MSM518222 OKI-MSM518222 Datasheet
182Kb / 16P
262,214-Word x 8-Bit Field Memory
MSM518221 OKI-MSM518221 Datasheet
182Kb / 16P
262,214-Word x 8-Bit Field Memory
MSM51V8221A OKI-MSM51V8221A Datasheet
200Kb / 17P
262,214-Word x 8-Bit Field Memory
MSM54V12222B OKI-MSM54V12222B Datasheet
135Kb / 17P
262,214-Word 횞 12-Bit Field Memory
MSM518222A OKI-MSM518222A Datasheet
192Kb / 17P
262,214-Word X 8-Bit Field Memory
MSM518221A OKI-MSM518221A Datasheet
200Kb / 17P
262,214-Word x 8-Bit Field Memory
MSM51V8222A OKI-MSM51V8222A Datasheet
200Kb / 17P
262,214-Word x 8-Bit Field Memory
MSM54V12222A OKI-MSM54V12222A Datasheet
246Kb / 14P
262,214 Words x 12 Bits FIELD MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com