Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM5299A Datasheet(PDF) 1 Page - OKI electronic componets

Part # MSM5299A
Description  80-DOT LCD SEGMENT DRIVER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM5299A Datasheet(HTML) 1 Page - OKI electronic componets

  MSM5299A Datasheet HTML 1Page - OKI electronic componets MSM5299A Datasheet HTML 2Page - OKI electronic componets MSM5299A Datasheet HTML 3Page - OKI electronic componets MSM5299A Datasheet HTML 4Page - OKI electronic componets MSM5299A Datasheet HTML 5Page - OKI electronic componets MSM5299A Datasheet HTML 6Page - OKI electronic componets MSM5299A Datasheet HTML 7Page - OKI electronic componets MSM5299A Datasheet HTML 8Page - OKI electronic componets MSM5299A Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MSM5299A
¡ Semiconductor
1/11
GENERAL DESCRIPTION
The MSM5299A is a dot matrix LCD segment driver LSI which is fabricated using CMOS low
power metal gate technology. This LSI consists of an 80-bit bidirectional shift register, 80-bit
latch, 80-bit level shifter and 80-bit 4-level driver.
It receives the display data, which is transferred in 4-bit parallel from a microcomputer or LCD
controller LSI such as MSM6255, then outputs the LCD driving waveform to the LCD.
FEATURES
• Supply voltage
: 4.5 to 5.5V
• LCD driving voltage
: 8 to 28V
• Applicable LCD duty
: 1/64 to 1/256
• LCD Output
: 80
• The 4-bit parallel data processing has improved the transfer speed to 1/4 that of the
conventional serial transfer, thereby achieving low power consumption
• Can be interfaced with the LCD controller LSI MSM6255
• Applicable common diriver : MSM5298A (68 outputs)
• Package options:
100-pin plastic QFP
(QFP100-P-1420-0.65-K) (Product name : MSM5299AGS-K)
100-pin plastic QFP
(QFP100-P-1420-0.65-BK) (Product name : MSM5299AGS-BK)
¡ Semiconductor
MSM5299A
80-DOT LCD SEGMENT DRIVER
E2B0020-27-Y2
This version: Nov. 1997
Previous version: Mar. 1996


Similar Part No. - MSM5299A

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5299 OKI-MSM5299 Datasheet
234Kb / 11P
   DOT MATRIX LCD 80 DOT SEGMENT DRIVER
MSM5299 OKI-MSM5299 Datasheet
124Kb / 11P
   80-DOT LCD SEGMENT DRIVER
MSM5299B OKI-MSM5299B Datasheet
234Kb / 11P
   DOT MATRIX LCD 80 DOT SEGMENT DRIVER
MSM5299C OKI-MSM5299C Datasheet
124Kb / 11P
   80-DOT LCD SEGMENT DRIVER
More results

Similar Description - MSM5299A

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6669 OKI-MSM6669 Datasheet
70Kb / 9P
   80-DOT LCD SEGMENT DRIVER
MSM5299C OKI-MSM5299C Datasheet
124Kb / 11P
   80-DOT LCD SEGMENT DRIVER
MSM5299B OKI-MSM5299B Datasheet
234Kb / 11P
   DOT MATRIX LCD 80 DOT SEGMENT DRIVER
MSM5279 OKI-MSM5279 Datasheet
205Kb / 9P
   DOT MATRIX LCD 80 DOT SEGMENT DRIVER
logo
New Japan Radio
NJU6416 NJRC-NJU6416 Datasheet
283Kb / 9P
   DOT MATRIX LCD 80-OUT SEGMENT DRIVER?
NJU6446 NJRC-NJU6446 Datasheet
334Kb / 10P
   DOT MATRIX LCD 80-OUT SEGMENT DRIVER???
NJU6416FC1 NJRC-NJU6416FC1 Datasheet
289Kb / 9P
   DOT MATRIX LCD 80-OUT SEGMENT DRIVER
NJU6445 NJRC-NJU6445 Datasheet
331Kb / 10P
   DOT MATRIX LCD 80-OUT SEGMENT DRIVER???
logo
Samsung semiconductor
S6A2067 SAMSUNG-S6A2067 Datasheet
104Kb / 10P
   80 SEGMENT DRIVER FOR DOT MATRIX LCD
logo
New Japan Radio
NJU6415 NJRC-NJU6415 Datasheet
282Kb / 9P
   DOT MATRIX LCD 80-OUT SEGMENT DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com