Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM5299A Datasheet(PDF) 6 Page - OKI electronic componets

Part # MSM5299A
Description  80-DOT LCD SEGMENT DRIVER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM5299A Datasheet(HTML) 6 Page - OKI electronic componets

Back Button MSM5299A Datasheet HTML 2Page - OKI electronic componets MSM5299A Datasheet HTML 3Page - OKI electronic componets MSM5299A Datasheet HTML 4Page - OKI electronic componets MSM5299A Datasheet HTML 5Page - OKI electronic componets MSM5299A Datasheet HTML 6Page - OKI electronic componets MSM5299A Datasheet HTML 7Page - OKI electronic componets MSM5299A Datasheet HTML 8Page - OKI electronic componets MSM5299A Datasheet HTML 9Page - OKI electronic componets MSM5299A Datasheet HTML 10Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
MSM5299A
¡ Semiconductor
6/11
Switching Characteristics
Clock Frequency
Clock, Load Pulse Width
Clock Pulse Rise/Fall Time
Data Set-up Time
Data Hold Time
Load Set-up Time
Load Æ Clock Time
Propagation Delay Time
ER, EL Set-up Time
fCP
tW
tr, tf
tDSU
tDHD
tLSU
tLC
tPHL
tESU
DUTY=50%
100
50
80
90
200
70
3.4
50
224
MHz
ns
ns
ns
ns
ns
ns
ns
ns
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
tf
tW
tW
tW
tr
0.8VDD
0.8VDD
0.2VDD
0.2VDD
0.8VDD
0.8VDD
tDSU
tDHD
0.8VDD 0.8VDD
0.2VDD 0.2VDD
tLSU
0.8VDD
0.8VDD
tLC
0.2VDD
0.2VDD
tr
tf
tW
CP
D0 - D3
LOAD
CP
LOAD
ER, EL (Output)
EL, ER (Input)
1
2
19
20
0.8VDD
0.2VDD
0.2VDD
tESU
tPHL
0.2VDD
(VDD = 5V ± 10%, Ta = –20 to +75°C, CL = 15pF)


Similar Part No. - MSM5299A

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5299 OKI-MSM5299 Datasheet
234Kb / 11P
DOT MATRIX LCD 80 DOT SEGMENT DRIVER
MSM5299 OKI-MSM5299 Datasheet
124Kb / 11P
80-DOT LCD SEGMENT DRIVER
MSM5299B OKI-MSM5299B Datasheet
234Kb / 11P
DOT MATRIX LCD 80 DOT SEGMENT DRIVER
MSM5299C OKI-MSM5299C Datasheet
124Kb / 11P
80-DOT LCD SEGMENT DRIVER
More results

Similar Description - MSM5299A

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6669 OKI-MSM6669 Datasheet
70Kb / 9P
80-DOT LCD SEGMENT DRIVER
MSM5299C OKI-MSM5299C Datasheet
124Kb / 11P
80-DOT LCD SEGMENT DRIVER
MSM5299B OKI-MSM5299B Datasheet
234Kb / 11P
DOT MATRIX LCD 80 DOT SEGMENT DRIVER
MSM5279 OKI-MSM5279 Datasheet
205Kb / 9P
DOT MATRIX LCD 80 DOT SEGMENT DRIVER
logo
New Japan Radio
NJU6416 NJRC-NJU6416 Datasheet
283Kb / 9P
DOT MATRIX LCD 80-OUT SEGMENT DRIVER?
NJU6446 NJRC-NJU6446 Datasheet
334Kb / 10P
DOT MATRIX LCD 80-OUT SEGMENT DRIVER???
NJU6416FC1 NJRC-NJU6416FC1 Datasheet
289Kb / 9P
DOT MATRIX LCD 80-OUT SEGMENT DRIVER
NJU6445 NJRC-NJU6445 Datasheet
331Kb / 10P
DOT MATRIX LCD 80-OUT SEGMENT DRIVER???
logo
Samsung semiconductor
S6A2067 SAMSUNG-S6A2067 Datasheet
104Kb / 10P
80 SEGMENT DRIVER FOR DOT MATRIX LCD
logo
New Japan Radio
NJU6415 NJRC-NJU6415 Datasheet
282Kb / 9P
DOT MATRIX LCD 80-OUT SEGMENT DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com