Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM5299A Datasheet(PDF) 5 Page - OKI electronic componets

Part # MSM5299A
Description  80-DOT LCD SEGMENT DRIVER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM5299A Datasheet(HTML) 5 Page - OKI electronic componets

  MSM5299A Datasheet HTML 1Page - OKI electronic componets MSM5299A Datasheet HTML 2Page - OKI electronic componets MSM5299A Datasheet HTML 3Page - OKI electronic componets MSM5299A Datasheet HTML 4Page - OKI electronic componets MSM5299A Datasheet HTML 5Page - OKI electronic componets MSM5299A Datasheet HTML 6Page - OKI electronic componets MSM5299A Datasheet HTML 7Page - OKI electronic componets MSM5299A Datasheet HTML 8Page - OKI electronic componets MSM5299A Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
MSM5299A
¡ Semiconductor
5/11
ELECTRICAL CHARACTERISTICS
DC Characteristics
13
15
2
15
*1 Applicable to LOAD, CP, D0 - D3, EL, ER, SHL, DF, DISP OFF
*2 Applicable to EL, ER.
*3 VN = VDD to VEE, V4 =
(VDD – VEE), V3 =
(VDD – VEE), V1 = VDD
*4 Applicable to O1 to O80.
*5 Display data 1010 ......fDF = 40 Hz, Current from VDD to VSS when the display data is not
processing.
*6 Display data 1010 ......fDF = 40 Hz, Current from VDD to VSS when the display data is
processing.
*7 Display data 1010 ......fDF = 40 Hz, Current on V1, V3 and V4.
(VDD = 5V ± 10%, Ta = –20 to +85°C)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
"H" Input Voltage
VIH
0.8VDD
—VDD
V
*1
"L" Input Voltage
VIL
VSS
0.2VDD
V
*1
"H" Input Current
VIH
——
1
mA
*1
VIH = VDD, VDD = 5.5V
VIL
——
–1
mA
*1
VIL = 0V, VDD = 5.5V
"H" Input Current
"H" Output Voltage
VOH
VDD – 0.4
V
*2
IO = –0.2mA, VDD = 4.5V
"L" Output Voltage
VOL
0.4
V
*2
IO = 0.2mA, VDD = 4.5V
ON Resistance
RON
—2
4
kW
*4
VDD – VEE = 23V
VN – VO = 0.25V, VDD = 4.5V
*3
Stand-by Current
IDDSBY
200
mA
fCP = 1MHz, VDD = 5.5V
VDD – VEE = 26V, No load
*5
Supply Current (1)
IDD1
——
3
mA
fCP =1MHz, VDD = 5.5V
VDD – VEE = 26V, No load
*6
Supply Current (2)
IV
±100
mA
fCP = 1MHz, VDD = 5.5V
VDD – VEE = 26V, No load
*7
Input Capacitance
CI
—5
pF
f = 1MHz


Similar Part No. - MSM5299A

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5299 OKI-MSM5299 Datasheet
234Kb / 11P
DOT MATRIX LCD 80 DOT SEGMENT DRIVER
MSM5299 OKI-MSM5299 Datasheet
124Kb / 11P
80-DOT LCD SEGMENT DRIVER
MSM5299B OKI-MSM5299B Datasheet
234Kb / 11P
DOT MATRIX LCD 80 DOT SEGMENT DRIVER
MSM5299C OKI-MSM5299C Datasheet
124Kb / 11P
80-DOT LCD SEGMENT DRIVER
More results

Similar Description - MSM5299A

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6669 OKI-MSM6669 Datasheet
70Kb / 9P
80-DOT LCD SEGMENT DRIVER
MSM5299C OKI-MSM5299C Datasheet
124Kb / 11P
80-DOT LCD SEGMENT DRIVER
MSM5299B OKI-MSM5299B Datasheet
234Kb / 11P
DOT MATRIX LCD 80 DOT SEGMENT DRIVER
MSM5279 OKI-MSM5279 Datasheet
205Kb / 9P
DOT MATRIX LCD 80 DOT SEGMENT DRIVER
logo
New Japan Radio
NJU6416 NJRC-NJU6416 Datasheet
283Kb / 9P
DOT MATRIX LCD 80-OUT SEGMENT DRIVER?
NJU6446 NJRC-NJU6446 Datasheet
334Kb / 10P
DOT MATRIX LCD 80-OUT SEGMENT DRIVER???
NJU6416FC1 NJRC-NJU6416FC1 Datasheet
289Kb / 9P
DOT MATRIX LCD 80-OUT SEGMENT DRIVER
NJU6445 NJRC-NJU6445 Datasheet
331Kb / 10P
DOT MATRIX LCD 80-OUT SEGMENT DRIVER???
logo
Samsung semiconductor
S6A2067 SAMSUNG-S6A2067 Datasheet
104Kb / 10P
80 SEGMENT DRIVER FOR DOT MATRIX LCD
logo
New Japan Radio
NJU6415 NJRC-NJU6415 Datasheet
282Kb / 9P
DOT MATRIX LCD 80-OUT SEGMENT DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com