Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM5299A Datasheet(PDF) 4 Page - OKI electronic componets

Part # MSM5299A
Description  80-DOT LCD SEGMENT DRIVER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM5299A Datasheet(HTML) 4 Page - OKI electronic componets

  MSM5299A Datasheet HTML 1Page - OKI electronic componets MSM5299A Datasheet HTML 2Page - OKI electronic componets MSM5299A Datasheet HTML 3Page - OKI electronic componets MSM5299A Datasheet HTML 4Page - OKI electronic componets MSM5299A Datasheet HTML 5Page - OKI electronic componets MSM5299A Datasheet HTML 6Page - OKI electronic componets MSM5299A Datasheet HTML 7Page - OKI electronic componets MSM5299A Datasheet HTML 8Page - OKI electronic componets MSM5299A Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
MSM5299A
¡ Semiconductor
4/11
ABSOLUTE MAXIMUM RATINGS
*1 VDD≥V1>V3>V4>VEE
RECOMMENDED OPERATING CONDITIONS
Storage Temperature
–55 to +150
TSTG
Ta = 25°C, VDD – VEE
Ta = 25°C
°C
Parameter
Symbol
Condition
Rating
Unit
Supply Voltage (1)
Supply Voltage (2)
Input Voltage
–0.3 to +6
0 to 30
–0.3 to VDD+0.3
VDD
VLCD
*1
VI
Ta = 25°C
V
V
V
(VSS=0V)
*1 VDD≥V1>V3>V4>VEE
Parameter
Symbol
Condition
Range
Unit
Supply Voltage (1)
Supply Voltage (2)
Operating Temperature
4.5 to 5.5
8 to 28
–20 to +85
VDD
VLCD
Top
V
V
°C
VDD – VEE
*1
(VSS=0V)


Similar Part No. - MSM5299A

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5299 OKI-MSM5299 Datasheet
234Kb / 11P
DOT MATRIX LCD 80 DOT SEGMENT DRIVER
MSM5299 OKI-MSM5299 Datasheet
124Kb / 11P
80-DOT LCD SEGMENT DRIVER
MSM5299B OKI-MSM5299B Datasheet
234Kb / 11P
DOT MATRIX LCD 80 DOT SEGMENT DRIVER
MSM5299C OKI-MSM5299C Datasheet
124Kb / 11P
80-DOT LCD SEGMENT DRIVER
More results

Similar Description - MSM5299A

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6669 OKI-MSM6669 Datasheet
70Kb / 9P
80-DOT LCD SEGMENT DRIVER
MSM5299C OKI-MSM5299C Datasheet
124Kb / 11P
80-DOT LCD SEGMENT DRIVER
MSM5299B OKI-MSM5299B Datasheet
234Kb / 11P
DOT MATRIX LCD 80 DOT SEGMENT DRIVER
MSM5279 OKI-MSM5279 Datasheet
205Kb / 9P
DOT MATRIX LCD 80 DOT SEGMENT DRIVER
logo
New Japan Radio
NJU6416 NJRC-NJU6416 Datasheet
283Kb / 9P
DOT MATRIX LCD 80-OUT SEGMENT DRIVER?
NJU6446 NJRC-NJU6446 Datasheet
334Kb / 10P
DOT MATRIX LCD 80-OUT SEGMENT DRIVER???
NJU6416FC1 NJRC-NJU6416FC1 Datasheet
289Kb / 9P
DOT MATRIX LCD 80-OUT SEGMENT DRIVER
NJU6445 NJRC-NJU6445 Datasheet
331Kb / 10P
DOT MATRIX LCD 80-OUT SEGMENT DRIVER???
logo
Samsung semiconductor
S6A2067 SAMSUNG-S6A2067 Datasheet
104Kb / 10P
80 SEGMENT DRIVER FOR DOT MATRIX LCD
logo
New Japan Radio
NJU6415 NJRC-NJU6415 Datasheet
282Kb / 9P
DOT MATRIX LCD 80-OUT SEGMENT DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com