Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXSC410E6TA Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ZXSC410E6TA
Description  DC-DC BOOST SWITCHING CONTROLLERS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXSC410E6TA Datasheet(HTML) 3 Page - Diodes Incorporated

  ZXSC410E6TA Datasheet HTML 1Page - Diodes Incorporated ZXSC410E6TA Datasheet HTML 2Page - Diodes Incorporated ZXSC410E6TA Datasheet HTML 3Page - Diodes Incorporated ZXSC410E6TA Datasheet HTML 4Page - Diodes Incorporated ZXSC410E6TA Datasheet HTML 5Page - Diodes Incorporated ZXSC410E6TA Datasheet HTML 6Page - Diodes Incorporated ZXSC410E6TA Datasheet HTML 7Page - Diodes Incorporated ZXSC410E6TA Datasheet HTML 8Page - Diodes Incorporated ZXSC410E6TA Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
ZXSC410/ZXSC420/ZXSC440
Document number: DS33618 Rev. 6 - 2
3 of 17
www.diodes.com
August 2015
© Diodes Incorporated
ZXSC410/ZXSC420/ZXSC440
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Parameter
Rating
Unit
VCC
-0.3 to +10
V
Drive
-0.3 to VCC +0.3
V
EOR
-0.3 to VCC +0.3
V
STDN
-0.3 to The lower of (+5.0) or (VCC +0.3)
V
VFB, Sense
-0.3 to The lower of (+5.0) or (VCC +0.3)
V
Operating Temperature
-40 to +85
°C
Storage Temperature
-55 to +120
°C
Power Dissipation @ +25°C
450
mW
Caution:
Stresses greater than the 'Absolute Maximum Ratings' specified above, may cause permanent damage to the device. These are stress ratings only;
functional operation of the device at these or any other conditions exceeding those indicated in this specification is not implied. Device reliability may
be affected by exposure to absolute maximum rating conditions for extended periods of time.
Semiconductor devices are ESD sensitive and may be damaged by exposure to ESD events. Suitable ESD precautions should be taken when
handling and transporting these devices.
Recommended Operating Conditions (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Min
Max
Unit
VCC
VCC Range
1.8
8
V
TA
Ambient Temperature Range
-40
+85
°C
VIH
Shutdown Threshold
1.5
VCC
V
VIL
Shutdown Threshold
0
0.55
V
Electrical Characteristics (VCC = 3V, @TA = +40°C to +85°C, unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IQ (Note 4)
Quiescent Current
VCC = 8V
-
-
220
µA
ISTDN
Shutdown Current
-
-
4.5
-
µA
EFF (Note 5)
Efficiency
50mA > IOUT > 300mA
-
85
-
%
ACCREF
Reference Tolerance
1.8V < VCC < 8V
-3.0
-
+3.0
%
TCOREF
Reference Temp Co.
-
-
0.005
-
%/°C
TDRV
Discharge Pulse Width
1.8V < VCC < 8V
-
1.7
-
µs
FOSC
Operating Frequency
-
-
-
200
kHz
Input Parameters
VSENSE
Sense Voltage (Note 5)
-
22
28
34
mV
ISENSE
Sense Input Current
VFB = 0V; VSENSE = 0V
-1
-7
-15
µA
VFB
Feedback Voltage
TA = +25°C
291
300
309
mV
IFB (Note 6)
Feedback Input Current
VFB = 0V; VSENSE = 0V
-1.2
-
-4.5
µA
dVLN
Line Voltage Regulation
-
-
0.5
-
%/V
Output Parameters
IOUT (Note 7)
Output Current
VIN > 2V, VOUT = VIN
300
-
-
mA
IDRIVE
Transistor Drive Current
VDRIVE = 0.7V
2
3.4
5
mA
VDRIVE
Transistor Voltage Drive
1.8V < VCC < 8V
0
-
VCC -0.4
V
CDRIVE
MOSFET Gate Drive cpbty
-
-
300
-
pF
VOHEOR
EOR Flag Output High
IEOR = -300nA
2.5
-
VCC
V
VOLEOR
EOR Flag Output Low
IEOR = 1mA
0
-
1.15
V
TEOR
EOR Delay Time
TA = +25°C
70
195
250
µs
dILD
Load Current Regulation
-
-
-
0.01
%/mA
Notes:
4. Excluding gate/base drive current.
5. Effective sense voltage observed when switching at approximately 100kHz. The internal comparator propagation delay of approximately 1µs causes an
increase in the effective sense voltage over a DC measurement of the sense voltage.
6. IFB is typically half of these values at 3V.
7. System not device specification, including recommended transistors.


Similar Part No. - ZXSC410E6TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXSC410E6TA ZETEX-ZXSC410E6TA Datasheet
214Kb / 12P
VOLTAGE MODE BOOST CONVERTER
logo
Diodes Incorporated
ZXSC410E6TA DIODES-ZXSC410E6TA Datasheet
194Kb / 12P
VOLTAGE MODE BOOST CONVERTER
ZXSC410E6TA DIODES-ZXSC410E6TA Datasheet
483Kb / 17P
DC-DC BOOST SWITCHING CONTROLLERS
More results

Similar Description - ZXSC410E6TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXSC4X0 DIODES-ZXSC4X0 Datasheet
483Kb / 17P
DC-DC BOOST SWITCHING CONTROLLERS
logo
Hitachi Semiconductor
HA17451AP HITACHI-HA17451AP Datasheet
83Kb / 15P
Switching Regulator Controllers for DC/DC Converters
logo
Shenzhen Huazhimei Semi...
HM6292 HMSEMI-HM6292 Datasheet
1Mb / 13P
180KHz 60V 5A switching current boost/buck-boost DC-DC converter
HM6299 HMSEMI-HM6299 Datasheet
424Kb / 12P
220KHz 60V 5A switching current boost/buck-boost DC-DC converter
logo
Sipex Corporation
SP34063A SIPEX-SP34063A Datasheet
114Kb / 10P
1.5A Buck/Boost/Inverting DC-DC Switching Regulator
logo
ON Semiconductor
NCP1651 ONSEMI-NCP1651_06 Datasheet
3Mb / 4P
AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
logo
Shenzhen Huazhimei Semi...
HM3443 HMSEMI-HM3443 Datasheet
563Kb / 5P
Boost/buck-boost DC-DC controller
logo
XLSEMI
XL6009 XLSEMI-XL6009 Datasheet
250Kb / 8P
400KHz 60V 4A Switching Current Boost / Buck-Boost / Inverting DC/DC Converter
XL6008 XLSEMI-XL6008 Datasheet
278Kb / 8P
400KHz 60V 3A Switching Current Boost / Buck-Boost / Inverting DC/DC Converter
XL6019 XLSEMI-XL6019 Datasheet
307Kb / 13P
180KHz 60V 5A Switching Current Boost / Buck-Boost / Inverting DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com