Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXSC410E6TA Datasheet(PDF) 14 Page - Diodes Incorporated

Part # ZXSC410E6TA
Description  DC-DC BOOST SWITCHING CONTROLLERS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXSC410E6TA Datasheet(HTML) 14 Page - Diodes Incorporated

Back Button ZXSC410E6TA Datasheet HTML 9Page - Diodes Incorporated ZXSC410E6TA Datasheet HTML 10Page - Diodes Incorporated ZXSC410E6TA Datasheet HTML 11Page - Diodes Incorporated ZXSC410E6TA Datasheet HTML 12Page - Diodes Incorporated ZXSC410E6TA Datasheet HTML 13Page - Diodes Incorporated ZXSC410E6TA Datasheet HTML 14Page - Diodes Incorporated ZXSC410E6TA Datasheet HTML 15Page - Diodes Incorporated ZXSC410E6TA Datasheet HTML 16Page - Diodes Incorporated ZXSC410E6TA Datasheet HTML 17Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
ZXSC410/ZXSC420/ZXSC440
Document number: DS33618 Rev. 6 - 2
14 of 17
www.diodes.com
August 2015
© Diodes Incorporated
ZXSC410/ZXSC420/ZXSC440
Application Examples (cont.)
High-Current LED Photoflash
The input voltage is 3V with a maximum pulsed output current of 1A for 2ms.
Operation
In charging mode, with SW1 closed and SW2 open, the ZXSC410/420/440 is configured as a typical boost converter, charging capacitor C2 up
the regulated output voltage set by the ratio of R1 and R2. This is typically 16V. The peak current of the converter (current drawn from the
battery) is controlled by R3 plus R4, and is typically 280mA for this application. When C2 is charged to 16V the SW1 is opened and SW2 is
closed, converting the ZXSC400 to a step-down converter to provide a 1A constant current for 2ms to the photoflash LED. During step-down
operation, current flows from C2 through the photoflash LED, L1, U2 and is returned to C2 through R3. This means that the peak current is set at
a higher value than in charging mode, typically 1A. When the current reaches its peak value, U2 is switched off and current flows from L1
through the Schottky diode in U2, to the photoflash LED. This cyclic process is repeated until C2 is discharged.
ZXSC410
Q1
ZXTN
25012
EFH
C1
1µF
C3
1µF
C2
150µF
R3
22m
Ω
R4
100m
Ω
R1
10k
Ω
L1
12µH
U1
SW1
SW2
VBATT
D1 BAT54
VCC
STDN
GND
VDRIVE
ISENSE
VFB
Charging mode:
SW1 closed,
SW2 open
Discharging mode:
SW1 open,
SW2 closed


Similar Part No. - ZXSC410E6TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXSC410E6TA ZETEX-ZXSC410E6TA Datasheet
214Kb / 12P
   VOLTAGE MODE BOOST CONVERTER
logo
Diodes Incorporated
ZXSC410E6TA DIODES-ZXSC410E6TA Datasheet
194Kb / 12P
   VOLTAGE MODE BOOST CONVERTER
ZXSC410E6TA DIODES-ZXSC410E6TA Datasheet
483Kb / 17P
   DC-DC BOOST SWITCHING CONTROLLERS
More results

Similar Description - ZXSC410E6TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXSC4X0 DIODES-ZXSC4X0 Datasheet
483Kb / 17P
   DC-DC BOOST SWITCHING CONTROLLERS
logo
Hitachi Semiconductor
HA17451AP HITACHI-HA17451AP Datasheet
83Kb / 15P
   Switching Regulator Controllers for DC/DC Converters
logo
Shenzhen Huazhimei Semi...
HM6292 HMSEMI-HM6292 Datasheet
1Mb / 13P
   180KHz 60V 5A switching current boost/buck-boost DC-DC converter
HM6299 HMSEMI-HM6299 Datasheet
424Kb / 12P
   220KHz 60V 5A switching current boost/buck-boost DC-DC converter
logo
Sipex Corporation
SP34063A SIPEX-SP34063A Datasheet
114Kb / 10P
   1.5A Buck/Boost/Inverting DC-DC Switching Regulator
logo
ON Semiconductor
NCP1651 ONSEMI-NCP1651_06 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
logo
Shenzhen Huazhimei Semi...
HM3443 HMSEMI-HM3443 Datasheet
563Kb / 5P
   Boost/buck-boost DC-DC controller
logo
XLSEMI
XL6009 XLSEMI-XL6009 Datasheet
250Kb / 8P
   400KHz 60V 4A Switching Current Boost / Buck-Boost / Inverting DC/DC Converter
XL6008 XLSEMI-XL6008 Datasheet
278Kb / 8P
   400KHz 60V 3A Switching Current Boost / Buck-Boost / Inverting DC/DC Converter
XL6019 XLSEMI-XL6019 Datasheet
307Kb / 13P
   180KHz 60V 5A Switching Current Boost / Buck-Boost / Inverting DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com