Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXSC410E6TA Datasheet(PDF) 13 Page - Diodes Incorporated

Part # ZXSC410E6TA
Description  DC-DC BOOST SWITCHING CONTROLLERS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXSC410E6TA Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button ZXSC410E6TA Datasheet HTML 9Page - Diodes Incorporated ZXSC410E6TA Datasheet HTML 10Page - Diodes Incorporated ZXSC410E6TA Datasheet HTML 11Page - Diodes Incorporated ZXSC410E6TA Datasheet HTML 12Page - Diodes Incorporated ZXSC410E6TA Datasheet HTML 13Page - Diodes Incorporated ZXSC410E6TA Datasheet HTML 14Page - Diodes Incorporated ZXSC410E6TA Datasheet HTML 15Page - Diodes Incorporated ZXSC410E6TA Datasheet HTML 16Page - Diodes Incorporated ZXSC410E6TA Datasheet HTML 17Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
ZXSC410/ZXSC420/ZXSC440
Document number: DS33618 Rev. 6 - 2
13 of 17
www.diodes.com
August 2015
© Diodes Incorporated
ZXSC410/ZXSC420/ZXSC440
Application Examples (cont.)
Battery Powered Two 1W LED Lamp
This application shows the ZXSC410/420/440 driving 2 serial LEDs. The input voltage ranges from 2V to 3.6V with a maximum output current of
360mA from 2.6V input.
The wide input voltage range allows the use of different battery cell combinations. This could be dual alkaline cells with voltage starting from 3V
down to 2V or triple NiCad/NiMH cells with voltage starting from 3.6V down to 2.7V.
2.8
2.6
2.4
2.2
2.0
3.6
3.4
3.2
3.0
INPUT VOLTAGE (V)
Efficiency vs. Input Voltage
100
90
60
50
80
70
0.4
0.0
0.2
2.8
2.6
2.4
2.2
2.0
3.6
3.4
3.2
3.0
INPUT VOLTAGE (V)
LED Current vs. Input Voltage
ZXSC410
ZXTN25012EFH
ZHCS2000
22µH
18m
Ω
820m
Ω
22µF
100µF


Similar Part No. - ZXSC410E6TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXSC410E6TA ZETEX-ZXSC410E6TA Datasheet
214Kb / 12P
VOLTAGE MODE BOOST CONVERTER
logo
Diodes Incorporated
ZXSC410E6TA DIODES-ZXSC410E6TA Datasheet
194Kb / 12P
VOLTAGE MODE BOOST CONVERTER
ZXSC410E6TA DIODES-ZXSC410E6TA Datasheet
483Kb / 17P
DC-DC BOOST SWITCHING CONTROLLERS
More results

Similar Description - ZXSC410E6TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXSC4X0 DIODES-ZXSC4X0 Datasheet
483Kb / 17P
DC-DC BOOST SWITCHING CONTROLLERS
logo
Hitachi Semiconductor
HA17451AP HITACHI-HA17451AP Datasheet
83Kb / 15P
Switching Regulator Controllers for DC/DC Converters
logo
Shenzhen Huazhimei Semi...
HM6292 HMSEMI-HM6292 Datasheet
1Mb / 13P
180KHz 60V 5A switching current boost/buck-boost DC-DC converter
HM6299 HMSEMI-HM6299 Datasheet
424Kb / 12P
220KHz 60V 5A switching current boost/buck-boost DC-DC converter
logo
Sipex Corporation
SP34063A SIPEX-SP34063A Datasheet
114Kb / 10P
1.5A Buck/Boost/Inverting DC-DC Switching Regulator
logo
ON Semiconductor
NCP1651 ONSEMI-NCP1651_06 Datasheet
3Mb / 4P
AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
logo
Shenzhen Huazhimei Semi...
HM3443 HMSEMI-HM3443 Datasheet
563Kb / 5P
Boost/buck-boost DC-DC controller
logo
XLSEMI
XL6009 XLSEMI-XL6009 Datasheet
250Kb / 8P
400KHz 60V 4A Switching Current Boost / Buck-Boost / Inverting DC/DC Converter
XL6008 XLSEMI-XL6008 Datasheet
278Kb / 8P
400KHz 60V 3A Switching Current Boost / Buck-Boost / Inverting DC/DC Converter
XL6019 XLSEMI-XL6019 Datasheet
307Kb / 13P
180KHz 60V 5A Switching Current Boost / Buck-Boost / Inverting DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com