Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXSC410E6TA Datasheet(PDF) 10 Page - Diodes Incorporated

Part # ZXSC410E6TA
Description  DC-DC BOOST SWITCHING CONTROLLERS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXSC410E6TA Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button ZXSC410E6TA Datasheet HTML 6Page - Diodes Incorporated ZXSC410E6TA Datasheet HTML 7Page - Diodes Incorporated ZXSC410E6TA Datasheet HTML 8Page - Diodes Incorporated ZXSC410E6TA Datasheet HTML 9Page - Diodes Incorporated ZXSC410E6TA Datasheet HTML 10Page - Diodes Incorporated ZXSC410E6TA Datasheet HTML 11Page - Diodes Incorporated ZXSC410E6TA Datasheet HTML 12Page - Diodes Incorporated ZXSC410E6TA Datasheet HTML 13Page - Diodes Incorporated ZXSC410E6TA Datasheet HTML 14Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
ZXSC410/ZXSC420/ZXSC440
Document number: DS33618 Rev. 6 - 2
10 of 17
www.diodes.com
August 2015
© Diodes Incorporated
ZXSC410/ZXSC420/ZXSC440
Application Information (cont.)
Dimming Control using a Logic Signal
For applications where the LED current needs to be adjusted in
discrete steps a logic signal can be applied as shown in the diagram
below.
When Q1 is ‘off’, R1 sets the minimum LED current. When Q1 is ‘on’,
R2 sets the LED current that will be added to the minimum LED
current. The formula for selecting values for R1 and R2 are given
below:
MOSFET ‘off’
1
FB
)
MIN
(
LED
R
V
I
I
R2
R1
VFB
LOGIC
SIGNAL
Q1
2N7002
MOSFET ‘on’
)
MIN
(
LED
2
FB
)
MAX
(
LED
I
R
V
I
Layout Issues
Layout is critical for the circuit to function in the most efficient manner in terms of electrical efficiency, thermal considerations and noise.
For ‘step-up converters’ there are four main current loops, the input loop, power-switch loop, rectifier loop and output loop. The supply charging
the input capacitor forms the input loop. The power-
switch loop is defined when Q1 is ‘on’, current flows from the input through the inductor, Q1,
RSENSE
and to ground. When Q1 is ‘off’, the energy stored in the inductor is transferred to the output capacitor and load via D1, forming the
rectifier loop. The output loop is formed by the output capacitor supplying the load when Q1 is switched back off.
To optimize for best performance, each of these loops is kept separate from one another and interconnected with short, thick traces, thus
minimizing parasitic inductance, capacitance and resistance. Also the RSENSE resistor should be connected with minimum trace length, between
emitter lead of Q1 and ground, (again minimizing stray parasitics).


Similar Part No. - ZXSC410E6TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXSC410E6TA ZETEX-ZXSC410E6TA Datasheet
214Kb / 12P
   VOLTAGE MODE BOOST CONVERTER
logo
Diodes Incorporated
ZXSC410E6TA DIODES-ZXSC410E6TA Datasheet
194Kb / 12P
   VOLTAGE MODE BOOST CONVERTER
ZXSC410E6TA DIODES-ZXSC410E6TA Datasheet
483Kb / 17P
   DC-DC BOOST SWITCHING CONTROLLERS
More results

Similar Description - ZXSC410E6TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXSC4X0 DIODES-ZXSC4X0 Datasheet
483Kb / 17P
   DC-DC BOOST SWITCHING CONTROLLERS
logo
Hitachi Semiconductor
HA17451AP HITACHI-HA17451AP Datasheet
83Kb / 15P
   Switching Regulator Controllers for DC/DC Converters
logo
Shenzhen Huazhimei Semi...
HM6292 HMSEMI-HM6292 Datasheet
1Mb / 13P
   180KHz 60V 5A switching current boost/buck-boost DC-DC converter
HM6299 HMSEMI-HM6299 Datasheet
424Kb / 12P
   220KHz 60V 5A switching current boost/buck-boost DC-DC converter
logo
Sipex Corporation
SP34063A SIPEX-SP34063A Datasheet
114Kb / 10P
   1.5A Buck/Boost/Inverting DC-DC Switching Regulator
logo
ON Semiconductor
NCP1651 ONSEMI-NCP1651_06 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
logo
Shenzhen Huazhimei Semi...
HM3443 HMSEMI-HM3443 Datasheet
563Kb / 5P
   Boost/buck-boost DC-DC controller
logo
XLSEMI
XL6009 XLSEMI-XL6009 Datasheet
250Kb / 8P
   400KHz 60V 4A Switching Current Boost / Buck-Boost / Inverting DC/DC Converter
XL6008 XLSEMI-XL6008 Datasheet
278Kb / 8P
   400KHz 60V 3A Switching Current Boost / Buck-Boost / Inverting DC/DC Converter
XL6019 XLSEMI-XL6019 Datasheet
307Kb / 13P
   180KHz 60V 5A Switching Current Boost / Buck-Boost / Inverting DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com