Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA05649 Datasheet(PDF) 4 Page - Golledge Electronics Ltd

Part # MA05649
Description  418.0 MHz SAW Resonator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MA05649 Datasheet(HTML) 4 Page - Golledge Electronics Ltd

  MA05649 Datasheet HTML 1Page - Golledge Electronics Ltd MA05649 Datasheet HTML 2Page - Golledge Electronics Ltd MA05649 Datasheet HTML 3Page - Golledge Electronics Ltd MA05649 Datasheet HTML 4Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Ashwell Park, Ilminster
Somerset,TA19 9DX, UK
418.0 MHz SAW Resonator
Model: TC0117A
Part No: MA05649
REV NO.: 1
TC0117A v1
4
H. PACKING:
1. REEL DIMENSION
2. TAPE DIMENSION


Similar Part No. - MA05649

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MA05603 GOLLEDGE-MA05603 Datasheet
155Kb / 6P
   SAW Filter 70.0MHz
MA05604 GOLLEDGE-MA05604 Datasheet
140Kb / 4P
   SAW Filter 433.42MHz
MA05608 GOLLEDGE-MA05608 Datasheet
180Kb / 5P
   SAW Filter 930MHz
MA05609 GOLLEDGE-MA05609 Datasheet
229Kb / 4P
   190.0 MHz SAW Filter
MA05675 GOLLEDGE-MA05675 Datasheet
144Kb / 6P
   SAW Filter: 836.50MHz
More results

Similar Description - MA05649

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
RO3103 MURATA-RO3103 Datasheet
1Mb / 2P
   418.0 MHz SAW Resonator
logo
RF Monolithics, Inc
RP1237 RFM-RP1237 Datasheet
93Kb / 2P
   418.0 MHz SAW Resonator
RO3103A RFM-RO3103A Datasheet
58Kb / 2P
   418.0 MHz SAW Resonator
RO2103A RFM-RO2103A Datasheet
169Kb / 2P
   418.0 MHz SAW Resonator
logo
Murata Manufacturing Co...
RO3103A MURATA-RO3103A Datasheet
392Kb / 2P
   418.0 MHz SAW Resonator
RO3103E MURATA-RO3103E Datasheet
121Kb / 2P
   418.0 MHz SAW Resonator
logo
RF Monolithics, Inc
RF1171 RFM-RF1171 Datasheet
158Kb / 2P
   418.0 MHz SAW Filter
RF1171B RFM-RF1171B Datasheet
166Kb / 2P
   418.0 MHz SAW Filter
logo
Murata Manufacturing Co...
RF3171D MURATA-RF3171D Datasheet
101Kb / 4P
   418.0 MHz SAW Filter
RF1171 MURATA-RF1171 Datasheet
129Kb / 2P
   418.0 MHz SAW Filter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com