Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM5260 Datasheet(PDF) 6 Page - OKI electronic componets

Part # MSM5260
Description  80-DOT COMMON/SEGMENT DRIVER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM5260 Datasheet(HTML) 6 Page - OKI electronic componets

Back Button MSM5260 Datasheet HTML 2Page - OKI electronic componets MSM5260 Datasheet HTML 3Page - OKI electronic componets MSM5260 Datasheet HTML 4Page - OKI electronic componets MSM5260 Datasheet HTML 5Page - OKI electronic componets MSM5260 Datasheet HTML 6Page - OKI electronic componets MSM5260 Datasheet HTML 7Page - OKI electronic componets MSM5260 Datasheet HTML 8Page - OKI electronic componets MSM5260 Datasheet HTML 9Page - OKI electronic componets MSM5260 Datasheet HTML 10Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MSM5260
¡ Semiconductor
6/12
Parameter
Symbol
Condition
Range
Unit
Supply Voltage (1)
Supply Voltage (2)
Operating Temperature
VDD
VDD – V5
Top
4.5 to 5.5
8 to 16
–20 to +85
V
V
°C
VDD – V5
8 to 18
V
*1
*1*2
VLCD
VDD
VSS
MSM5260
V2
V3
V5
VDD–V5
+V
–V
RS≥47W
*1 VDD > V2 > V3 > V5
*2 When a series resistance of more than 47W is connected as shown below:
ELECTRICAL CHARACTERISTICS
DC Characteristics
RECOMMENDED OPERATING CONDITIONS
*1 Applied to LOAD, CP, DI1, DF and COM/SEG
*2 Applied to DO80
*3 VN = VDD to V5, V2 = 8/9 (VDD – V5), V3 = 1/9 (VDD – V5)
*4 Applied to O1 to O80
Parameter
Symbol
Condition
Unit
"H" Input Voltage
V
VIH
0.8VDD
—VDD
"L" Input Voltage
V
VIL
VSS
0.2VDD
"H" Input Current
mA
IIH
——
1
VIH = VDD
"L" Input Current
mA
IIL
——
–1
VIL = 0V
"H" Output Voltage
V
VOH
VDD – 0.4
IO = –0.4mA
"L" Output Voltage
V
VOL
0.4
IO = 0.4mA
ON Resistance
kW
RON
—1
2
VDD–V5 = 10V
Supply Current
mA
IDD
100
VN–VO = 0.25V
*3
CP = DC
VDD–V5 = 18V, no load
(VDD = 5V ± 10%, Ta = –20 to +85°C)
Min.
Typ.
Max.
*1
*1
*1
*1
*2
*2
*4


Similar Part No. - MSM5260

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5265 OKI-MSM5265 Datasheet
159Kb / 18P
80-DOT LCD DRIVER
MSM5267B-15 OKI-MSM5267B-15 Datasheet
128Kb / 9P
33-BIT VFD SEGMENT DRIVER
More results

Similar Description - MSM5260

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5299A OKI-MSM5299A Datasheet
130Kb / 11P
80-DOT LCD SEGMENT DRIVER
MSM5299B OKI-MSM5299B Datasheet
234Kb / 11P
DOT MATRIX LCD 80 DOT SEGMENT DRIVER
MSM5299C OKI-MSM5299C Datasheet
124Kb / 11P
80-DOT LCD SEGMENT DRIVER
MSM6599B OKI-MSM6599B Datasheet
130Kb / 11P
80-DOT SEGMENT DRIVER
MSM6665 OKI-MSM6665 Datasheet
261Kb / 30P
DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
MSM6665C OKI-MSM6665C Datasheet
499Kb / 31P
DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
MSM6669 OKI-MSM6669 Datasheet
70Kb / 9P
80-DOT LCD SEGMENT DRIVER
MSM6698 OKI-MSM6698 Datasheet
93Kb / 8P
80-DOT COMMON DRIVER
logo
Samsung semiconductor
S6B0086 SAMSUNG-S6B0086 Datasheet
324Kb / 31P
80 CH SEGMENT / COMMON DRIVER FOR DOT MATRIX LCD
logo
OKI electronic componet...
MSM6555B-XX OKI-MSM6555B-XX Datasheet
208Kb / 27P
DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com