Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APT30DQ120BCT Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # APT30DQ120BCT
Description  Ultra fast Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

APT30DQ120BCT Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  APT30DQ120BCT Datasheet HTML 1Page - Inchange Semiconductor Company Limited APT30DQ120BCT Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
1
Ultra fast Rectifier
APT30DQ120BCT
FEATURES
·
With TO-247 packaging
·
High junction temperature capability
·
Low forward voltage
·
High current capability
·
Low power loss, high efficiency
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
APPLICATIONS
·
Switching power supply
·
Free-Wheeling diodes
·
Reverse battery protection
·
Center tap configuration
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNI
T
VRRM
VRMS
VR
Peak Repetitive Reverse Voltage
RMS Voltage
DC Blocking Voltage
1200
V
IF(AV)
Average Rectified Forward Current @Tc=110℃
30
A
IFSM
RMS Forward Current
55
A
IFSM
Nonrepetitive Peak Surge Current
(10ms single half sine-wave superimposed on
rated load conditions)
210
A
TJ
Junction Temperature
-55~175
Tstg
Storage Temperature Range
-55~175


Similar Part No. - APT30DQ120BCT

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT30DQ120BCT ADPOW-APT30DQ120BCT Datasheet
84Kb / 2P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
logo
Thinki Semiconductor Co...
APT30DQ120BCT THINKISEMI-APT30DQ120BCT Datasheet
3Mb / 5P
   2*30A/1200V Heatsink Dual Cathode Common Ultra Fast Recovery Rectifiers
logo
Advanced Power Technolo...
APT30DQ120BCTG ADPOW-APT30DQ120BCTG Datasheet
84Kb / 2P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
logo
Thinki Semiconductor Co...
APT30DQ120BCTG THINKISEMI-APT30DQ120BCTG Datasheet
3Mb / 5P
   2*30A/1200V Heatsink Dual Cathode Common Ultra Fast Recovery Rectifiers
More results

Similar Description - APT30DQ120BCT

ManufacturerPart #DatasheetDescription
logo
Shenzhen Ping Sheng Ele...
UF5400 PFS-UF5400 Datasheet
170Kb / 2P
   ULTRA FAST RECTIFIER
logo
Solid States Devices, I...
SDR6K SSDI-SDR6K_2 Datasheet
112Kb / 2P
   ULTRA FAST RECTIFIER
RC0146C SSDI-RC0146C_15 Datasheet
107Kb / 2P
   Ultra Fast Rectifier
RU0019D SSDI-RU0019D_15 Datasheet
153Kb / 2P
   Ultra Fast Rectifier
RU0085 SSDI-RU0085_15 Datasheet
313Kb / 2P
   ULTRA FAST RECTIFIER
RU0121D SSDI-RU0121D_15 Datasheet
46Kb / 2P
   ULTRA FAST RECTIFIER
RU0143D SSDI-RU0143D_15 Datasheet
95Kb / 2P
   ULTRA FAST RECTIFIER
RC0135A SSDI-RC0135A Datasheet
112Kb / 2P
   ULTRA FAST RECTIFIER
RC0164A SSDI-RC0164A Datasheet
138Kb / 2P
   ULTRA FAST RECTIFIER
RU0143D SSDI-RU0143D Datasheet
95Kb / 2P
   ULTRA FAST RECTIFIER
RC0065 SSDI-RC0065_15 Datasheet
48Kb / 2P
   ULTRA FAST RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com