Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APT30DQ120BCT Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # APT30DQ120BCT
Description  Ultra fast Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

APT30DQ120BCT Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  APT30DQ120BCT Datasheet HTML 1Page - Inchange Semiconductor Company Limited APT30DQ120BCT Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
2
Ultra fast Rectifier
APT30DQ120BCT
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
1.0
/W
ELECTRICAL CHARACTERISTICS (Pulse Test: Pulse Width=300μs,Duty Cycle≤1%)
SYMBOL
PARAMETER
CONDITIONS
MAX
UNIT
VF
Maximum Instantaneous Forward Voltage
IF= 30A; Tj= 25
IF= 30A; Tj= 125
IF= 60A; Tj= 25
3.3
3.4
2.1
V
IR
Maximum Instantaneous Reverse Current
VR= rated VRRM; Tj= 25
VR= rated VRRM; Tj= 100
100
500
μ
A
trr
Maximum Reverse Recovery Time
IF =15A;diF/dt=-200A/μs,VR=30V
50
ns


Similar Part No. - APT30DQ120BCT

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT30DQ120BCT ADPOW-APT30DQ120BCT Datasheet
84Kb / 2P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
logo
Thinki Semiconductor Co...
APT30DQ120BCT THINKISEMI-APT30DQ120BCT Datasheet
3Mb / 5P
   2*30A/1200V Heatsink Dual Cathode Common Ultra Fast Recovery Rectifiers
logo
Advanced Power Technolo...
APT30DQ120BCTG ADPOW-APT30DQ120BCTG Datasheet
84Kb / 2P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
logo
Thinki Semiconductor Co...
APT30DQ120BCTG THINKISEMI-APT30DQ120BCTG Datasheet
3Mb / 5P
   2*30A/1200V Heatsink Dual Cathode Common Ultra Fast Recovery Rectifiers
More results

Similar Description - APT30DQ120BCT

ManufacturerPart #DatasheetDescription
logo
Shenzhen Ping Sheng Ele...
UF5400 PFS-UF5400 Datasheet
170Kb / 2P
   ULTRA FAST RECTIFIER
logo
Solid States Devices, I...
SDR6K SSDI-SDR6K_2 Datasheet
112Kb / 2P
   ULTRA FAST RECTIFIER
RC0146C SSDI-RC0146C_15 Datasheet
107Kb / 2P
   Ultra Fast Rectifier
RU0019D SSDI-RU0019D_15 Datasheet
153Kb / 2P
   Ultra Fast Rectifier
RU0085 SSDI-RU0085_15 Datasheet
313Kb / 2P
   ULTRA FAST RECTIFIER
RU0121D SSDI-RU0121D_15 Datasheet
46Kb / 2P
   ULTRA FAST RECTIFIER
RU0143D SSDI-RU0143D_15 Datasheet
95Kb / 2P
   ULTRA FAST RECTIFIER
RC0135A SSDI-RC0135A Datasheet
112Kb / 2P
   ULTRA FAST RECTIFIER
RC0164A SSDI-RC0164A Datasheet
138Kb / 2P
   ULTRA FAST RECTIFIER
RU0143D SSDI-RU0143D Datasheet
95Kb / 2P
   ULTRA FAST RECTIFIER
RC0065 SSDI-RC0065_15 Datasheet
48Kb / 2P
   ULTRA FAST RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com