Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UP8801S Datasheet(PDF) 5 Page - uPI Group Inc.

Part # UP8801S
Description  3A Ultra Low Dropout Linear Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP8801S Datasheet(HTML) 5 Page - uPI Group Inc.

  UP8801S Datasheet HTML 1Page - uPI Group Inc. UP8801S Datasheet HTML 2Page - uPI Group Inc. UP8801S Datasheet HTML 3Page - uPI Group Inc. UP8801S Datasheet HTML 4Page - uPI Group Inc. UP8801S Datasheet HTML 5Page - uPI Group Inc. UP8801S Datasheet HTML 6Page - uPI Group Inc. UP8801S Datasheet HTML 7Page - uPI Group Inc. UP8801S Datasheet HTML 8Page - uPI Group Inc. UP8801S Datasheet HTML 9Page - uPI Group Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
uP8801S
5
uP8801S-DS-F0000, Dec. 2014
www.upi-semi.com
VIN (1V/Div)
VOUT (20mV/Div)
IIN (2A/Div)
0A
1A
2A
3A
4A
5A
2.0V
1.5V
1.0V
0.5V
0V
Figure 2. Current Limit Behavior
Functional Description
Time : 2ms/Div
Figure 3. Output Short Circuit Protection
Output Current (A)


Similar Part No. - UP8801S

ManufacturerPart #DatasheetDescription
logo
uPI Group Inc.
UP8804P UPI-UP8804P Datasheet
698Kb / 15P
   Ultra Low Noise, Fast Response, High PSRR Low Dropout Linear Regulator
UP8804PEC5-00 UPI-UP8804PEC5-00 Datasheet
698Kb / 15P
   Ultra Low Noise, Fast Response, High PSRR Low Dropout Linear Regulator
UP8804PEC5-18 UPI-UP8804PEC5-18 Datasheet
698Kb / 15P
   Ultra Low Noise, Fast Response, High PSRR Low Dropout Linear Regulator
UP8804PEC6-00 UPI-UP8804PEC6-00 Datasheet
698Kb / 15P
   Ultra Low Noise, Fast Response, High PSRR Low Dropout Linear Regulator
UP8804PEC6-18 UPI-UP8804PEC6-18 Datasheet
698Kb / 15P
   Ultra Low Noise, Fast Response, High PSRR Low Dropout Linear Regulator
More results

Similar Description - UP8801S

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1185 AIC-AIC1185 Datasheet
241Kb / 13P
   3A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8981 A-POWER-APE8981_14 Datasheet
104Kb / 9P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
APE8953 A-POWER-APE8953 Datasheet
472Kb / 8P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
APE8963 A-POWER-APE8963_14 Datasheet
152Kb / 9P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ4230 HTC-TJ4230 Datasheet
211Kb / 9P
   3A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8903C A-POWER-APE8903C Datasheet
114Kb / 9P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
List of Unclassifed Man...
UP7706 ETC2-UP7706 Datasheet
369Kb / 12P
   3A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8981 A-POWER-APE8981 Datasheet
200Kb / 11P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
201204032
APE8903B A-POWER-APE8903B Datasheet
1Mb / 10P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
L1806 UTC-L1806 Datasheet
227Kb / 7P
   3A, ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com