Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

429A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 429A
Description  Accurate, Wideband Multiplier, Divider, Square Rooter
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

429A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  429A Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Information furnished by Intronics is believed to be accurate and reliable. However, no
responsibility is assumed by Intronics for its use; nor for any infringements of patents or
other rights of third parties which may result from its use. No license is granted by
implication or otherwise under any patent or patent rights of Intronics.
FEATURES:
1.0%10.5% Accuracy Without Trimming (429A/B)
Low Drift to 1.0mV/
°C max
Wideband - 10MHz
0.2% Nonlinearity max (429B)
External Amplifiers Not Required
MTBF: 169, 268 Hours
APPLICATIONS:
Fast Divider
Modulation and Demodulation
Phase Detection
Instrumentation Calculations
Analog Computer Functions
Adaptive Process Control
Trigonometric Computations
1400 Providence Highway, Building #2
Norwood, MA 02062
Phone (781) 551-5500
FAX (781) 551-5555
www.intronicspower.com
GENERAL DESCRIPTION
The Model 429, an extremely fast multiplier/divider, should be
considered if bandwidth, temperature coefficient, or accuracy are
critical parameters. Based on the transconductance principle to achieve
high speed, the model 429 offers a unique combination of features,
those being ½% max error (429B) and 10MHz small signal bandwidth.
Both models 429A and 429B are internally trimmed achieving
max errors of 1.0% and 0.5 % respectively. By fine trimming
the offset and feedthrough with external trim potentiometers
typical performance may be improved to 0.5% for the 429A and
0.2% for the 429B.In addition to high accuracy and high
bandwidth, the model 429 offers exceptionally good stability for
changes in ambient temperature. Model 429B is 100%
temperature tested in order to guarantee an overall accuracy
temperature coefficient of only 0.04%/"C max. Additionally,
offset drift is held to only I mV/
°C max. To satisfy OEM
requirements of low cost, the 429 uses transconductance
principles with the latest design techniques and components to
achieve guaranteed performance at competitive prices.
MULTIPLICATION ACCURACY
Multiplication accuracy is generally specified as a percentage of full
scale output. This implies that error is independent of signal level.
However, for signal levels less than 2/3 of full scale, error tends to
decrease roughly in proportion to the input signal. A good
approximation of error behavior is:
f (X, Y)
≈ |X|
X, + |Y| ∈Y, where ∈X and ∈Y are the fractional
onlinearities specified for the X and Y inputs
EXAMPLE.- For Model 429A
X = 0.5 %, ∈Y = 0. 3%. What
maximum error can one expect for x = 5V, y = 1V, providing
the offset is zeroed out? Can one get less by interchanging inputs?
1. Nominal output is XY/10 = (5)(1)/10 = 50mV
2. Expected error is (5) (0.5%) + (1) (0.3%)
28mV, 5.6% of output (0.28% of F.S.)
3. Interchanging inputs (1) (0.5%) + (5) (0.3%) =
20mV, 4.0% of output (0.20% of F.S.)
Compare this with the overly conservative error predicted by the
overall 1% of full scale specification: 100mV, or 20% of output.
FREQUENCY RELATED SPECIFICATIONS
Accuracy, and its components, feedthrough, linearity, gain, (and phase
shift) are frequency dependent. Feedthrough is constant up to 100kHz
for the Y input, and up to 400kHz for the X input. Beyond these
frequencies it rises at approximately a 6dB/octave rate due to
distributed capacitive coupling. A plot of typical feedthrough vs.
frequency is shown in Figure 1. For this measurement one input is
driven with a 20V p-p sine wave while the other input is grounded and
the feedthrough is measured at the output. This error will decrease
roughly in proportion to the input signal, and will also vary with
temperature (about 0.01%/
°C of the nonzero input). Low frequency
feedthrough error can be further reduced from the internally trimmed
limits by the use of optional external potentiometers.
Accurate, Wideband Multiplier,
Divider, Square Rooter
Model 429


Similar Part No. - 429A

ManufacturerPart #DatasheetDescription
logo
Intronics Power, Inc.
429A INTRONICS-429A Datasheet
162Kb / 1P
   Accurate, Wideband Multiplier, Divider, Square Rooter
More results

Similar Description - 429A

ManufacturerPart #DatasheetDescription
logo
Intronics Power, Inc.
429 INTRONICS-429 Datasheet
162Kb / 1P
   Accurate, Wideband Multiplier, Divider, Square Rooter
logo
Analog Devices
AD539 AD-AD539_15 Datasheet
570Kb / 21P
   Wideband Dual-Channel Linear Multiplier/Divider
REV. B
AD539 AD-AD539 Datasheet
637Kb / 8P
   Wideband Dual-Channel Linear Multiplier/Divider
REV. A
AD530J AD-AD530J Datasheet
1Mb / 8P
   Integtated Circuit Multiplier,Divider,Squarer,Square Rooster
logo
Burr-Brown (TI)
4213 BURR-BROWN-4213 Datasheet
559Kb / 9P
   MULTIPLIER-DIVIDER
MPY100 BURR-BROWN-MPY100 Datasheet
159Kb / 12P
   MULTIPLIER-DIVIDER
logo
Elantec Semiconductor
EL4450C ELANTEC-EL4450C Datasheet
266Kb / 14P
   Wideband Four-Quadrant Multiplier
logo
Intersil Corporation
EL4450 INTERSIL-EL4450 Datasheet
170Kb / 10P
   Wideband Four-Quadrant Multiplier
logo
Marki Microwave
PD-0426 MARKIMICROWAVE-PD-0426 Datasheet
635Kb / 4P
   WIDEBAND WILKINSON POWER DIVIDER
PD-0440 MARKIMICROWAVE-PD-0440 Datasheet
461Kb / 3P
   WIDEBAND WILKINSON POWER DIVIDER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com