Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AGPSF.36C.07.0100C Datasheet(PDF) 2 Page - Taoglas antenna solutions

Part # AGPSF.36C.07.0100C
Description  Taoglas Sure Technology
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

AGPSF.36C.07.0100C Datasheet(HTML) 2 Page - Taoglas antenna solutions

  AGPSF.36C.07.0100C Datasheet HTML 1Page - Taoglas antenna solutions AGPSF.36C.07.0100C Datasheet HTML 2Page - Taoglas antenna solutions AGPSF.36C.07.0100C Datasheet HTML 3Page - Taoglas antenna solutions AGPSF.36C.07.0100C Datasheet HTML 4Page - Taoglas antenna solutions AGPSF.36C.07.0100C Datasheet HTML 5Page - Taoglas antenna solutions AGPSF.36C.07.0100C Datasheet HTML 6Page - Taoglas antenna solutions AGPSF.36C.07.0100C Datasheet HTML 7Page - Taoglas antenna solutions AGPSF.36C.07.0100C Datasheet HTML 8Page - Taoglas antenna solutions AGPSF.36C.07.0100C Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
SPE-18-8-105 /C/PF
Page 2 of 23
Introduction
The Taoglas AGPSF.36C, with Taoglas Sure Technology, is an active, embedded
stacked patch, GPS antenna supporting both L1 and L2 bands. It is a high performance,
economical solution for the highest accuracy centimeter-level tracking applications.
Typical applications include:
- UAVs and Robotics
- Transportation
- Autonomous Vehicles
- Marine
- Agriculture
- Navigation
- RTK
This compact antenna exhibits excellent radiation patterns on both L1 and L2 bands
and with a low noise figure to preserve signal quality helps minimize time to first fix.
It also features excellent out-of-band rejection to prevent out-of-band signals from
overdriving or damaging its LNAs.
The AGPSF.36C features very tight Phase Centre Offset (PSO) at just ±2cm at the L1
Band and ±5cm at the L2. The precision of antenna phase center directly affects the
accuracy of GNSS positioning systems and can ensure that the accuracy of the
receiver really is cm level. See section 3.1.2 for more information and results.
This antenna has been tuned and tested on a 70 X 70 mm ground plane, working at
GPS L1, 1575.42 MHz and L2, 1227.6MHz, with a 2 stage LNA ensuring good signal
strength. It can operate with an input voltage ranging from 1.8 to 5 volts.
Cables and connectors are customizable. Patch antennas can also be tuned to
customer-specific device environments, subject to NRE and MOQ. Contact your
regional Taoglas sales office to request these services or additional support to
integrate and test this antenna’s performance in your device.


Similar Part No. - AGPSF.36C.07.0100C

ManufacturerPart #DatasheetDescription
logo
PCTEL, Inc.
AGPS26 PCTEL-AGPS26 Datasheet
158Kb / 1P
   Multiple Mount GPS L1 GPS Antenna
AGPS26GMMSMA PCTEL-AGPS26GMMSMA Datasheet
526Kb / 1P
   26 dB Gain GPS L1 Glass Mount Antenna
AGPS26MMMSMA PCTEL-AGPS26MMMSMA Datasheet
158Kb / 1P
   Multiple Mount GPS L1 GPS Antenna
AGPSHP35MMMSMA PCTEL-AGPSHP35MMMSMA Datasheet
139Kb / 1P
   High Rejection GPS Magnetic Mount Series
More results

Similar Description - AGPSF.36C.07.0100C

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
DX80N9X1S-P6 BANNER-DX80N9X1S-P6 Datasheet
439Kb / 8P
   Sure Cross Performance Node
logo
JL World Company Limite...
MPS-501G JLWORLD-MPS-501G Datasheet
1Mb / 6P
   Medical Pres sure Sensor
logo
Banner Engineering Corp...
DX80N9X1W-P6L BANNER-DX80N9X1W-P6L Datasheet
1Mb / 8P
   Sure Cross짰 Performance Node
logo
Taoglas antenna solutio...
CAB.V05 TAOGLAS-CAB.V05 Datasheet
401Kb / 6P
   taoglas cable assembly
CAB.V11 TAOGLAS-CAB.V11 Datasheet
336Kb / 5P
   taoglas cable assembly
CAB.D05 TAOGLAS-CAB.D05 Datasheet
327Kb / 5P
   taoglas cable assembly
CAB.R01 TAOGLAS-CAB.R01 Datasheet
304Kb / 5P
   taoglas cable assembly
CAB.W11 TAOGLAS-CAB.W11 Datasheet
382Kb / 5P
   taoglas cable assembly
CAB.W09 TAOGLAS-CAB.W09_18 Datasheet
377Kb / 5P
   Taoglas Cable Assembly
CAB.V11 TAOGLAS-CAB.V11_18 Datasheet
451Kb / 5P
   Taoglas Cable Assembly
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com