Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AGPSF.36C.07.0100C Datasheet(PDF) 3 Page - Taoglas antenna solutions

Part # AGPSF.36C.07.0100C
Description  Taoglas Sure Technology
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

AGPSF.36C.07.0100C Datasheet(HTML) 3 Page - Taoglas antenna solutions

  AGPSF.36C.07.0100C Datasheet HTML 1Page - Taoglas antenna solutions AGPSF.36C.07.0100C Datasheet HTML 2Page - Taoglas antenna solutions AGPSF.36C.07.0100C Datasheet HTML 3Page - Taoglas antenna solutions AGPSF.36C.07.0100C Datasheet HTML 4Page - Taoglas antenna solutions AGPSF.36C.07.0100C Datasheet HTML 5Page - Taoglas antenna solutions AGPSF.36C.07.0100C Datasheet HTML 6Page - Taoglas antenna solutions AGPSF.36C.07.0100C Datasheet HTML 7Page - Taoglas antenna solutions AGPSF.36C.07.0100C Datasheet HTML 8Page - Taoglas antenna solutions AGPSF.36C.07.0100C Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
SPE-18-8-105 /C/PF
Page 3 of 23
Specification
GPS L1 & L2 Antenna *
GPS L1
GPS L2
Center Frequency
1575.42MHz
1226.7MHz
Return loss (dB)
<-10
<-10
Efficiency (%)
68.74
64.16
Peak Gain (dBi)
3.57
2.73
Axial Ratio at Zenith
<1.5dB
<5dB
Impedance
50 Ω
Polarization
RHCP
*Tested on 70x70 cm ground plane
LNA and Filter Electrical Properties
Center Frequency
GPS L1 :1575.42±1.023 MHz
GPS L2:1226.7±1.023MHz
Pout 1dB gain
Compression point
+2dBm Typ (1575.42MHz)
-2dBm Typ(1226.7MHz)
Output Impedance
50 Ohm
Return loss (dB)
<-10 dB
LNA Gain, Power Consumption and Noise Figure
1.8V (MIN)
3V (TYP)
5.5V (MAX)
LNA Gain
L1
L2
20dB
21dB.
20dB
21dB
20dB
21dB
Noise Figure
L1
L2
2.6dB
3.0dB
2.6dB
3.0dB
2.6dB
3.0dB
Current Consumption
16mA
16mA
16mA
Outer Band Attenuation
100MHz~1180Mhz
40dB
1280MHz~1520MHz
30dB
1620MHz~6000MHz
45dB
GNSS Systems Covered
GPS L1C/A
GLONASS
L1OF
BeiDou B1I
E6/B3
GLONASS
L2OF
GPS L2C
B2I/E5b
GPS L5
B2a/E5a
x
x
x
x
x
x


Similar Part No. - AGPSF.36C.07.0100C

ManufacturerPart #DatasheetDescription
logo
PCTEL, Inc.
AGPS26 PCTEL-AGPS26 Datasheet
158Kb / 1P
   Multiple Mount GPS L1 GPS Antenna
AGPS26GMMSMA PCTEL-AGPS26GMMSMA Datasheet
526Kb / 1P
   26 dB Gain GPS L1 Glass Mount Antenna
AGPS26MMMSMA PCTEL-AGPS26MMMSMA Datasheet
158Kb / 1P
   Multiple Mount GPS L1 GPS Antenna
AGPSHP35MMMSMA PCTEL-AGPSHP35MMMSMA Datasheet
139Kb / 1P
   High Rejection GPS Magnetic Mount Series
More results

Similar Description - AGPSF.36C.07.0100C

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
DX80N9X1S-P6 BANNER-DX80N9X1S-P6 Datasheet
439Kb / 8P
   Sure Cross Performance Node
logo
JL World Company Limite...
MPS-501G JLWORLD-MPS-501G Datasheet
1Mb / 6P
   Medical Pres sure Sensor
logo
Banner Engineering Corp...
DX80N9X1W-P6L BANNER-DX80N9X1W-P6L Datasheet
1Mb / 8P
   Sure Cross짰 Performance Node
logo
Taoglas antenna solutio...
CAB.V05 TAOGLAS-CAB.V05 Datasheet
401Kb / 6P
   taoglas cable assembly
CAB.V11 TAOGLAS-CAB.V11 Datasheet
336Kb / 5P
   taoglas cable assembly
CAB.D05 TAOGLAS-CAB.D05 Datasheet
327Kb / 5P
   taoglas cable assembly
CAB.R01 TAOGLAS-CAB.R01 Datasheet
304Kb / 5P
   taoglas cable assembly
CAB.W11 TAOGLAS-CAB.W11 Datasheet
382Kb / 5P
   taoglas cable assembly
CAB.W09 TAOGLAS-CAB.W09_18 Datasheet
377Kb / 5P
   Taoglas Cable Assembly
CAB.V11 TAOGLAS-CAB.V11_18 Datasheet
451Kb / 5P
   Taoglas Cable Assembly
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com