Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD789026 Datasheet(PDF) 90 Page - NEC

Part # UPD789026
Description  8-Bit Single-Chip Microcontrollers
Download  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD789026 Datasheet(HTML) 90 Page - NEC

Back Button UPD789026 Datasheet HTML 86Page - NEC UPD789026 Datasheet HTML 87Page - NEC UPD789026 Datasheet HTML 88Page - NEC UPD789026 Datasheet HTML 89Page - NEC UPD789026 Datasheet HTML 90Page - NEC UPD789026 Datasheet HTML 91Page - NEC UPD789026 Datasheet HTML 92Page - NEC UPD789026 Datasheet HTML 93Page - NEC UPD789026 Datasheet HTML 94Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 213 page
background image
CHAPTER 5 CLOCK GENERATION CIRCUIT
User's Manual U11919EJ3V0UM00
90
5.5 Operation of Clock Generation Circuit
The clock generation circuit generates the following clocks and controls operation modes of the CPU, such as
the standby mode:
• System clock
fX
• CPU clock
fCPU
• Clock to peripheral hardware
The operation of the clock generation circuit is determined by the processor clock control register (PCC), as
follows:
(a)
The slow mode 2 fCPU (1.6
µs: at 5.0-MHz operation) of the system clock is selected when the RESET signal
is generated (PCC = 02H). While a low level is input to the RESET pin, oscillation of the system clock is
stopped .
(b)
Two types of CPU clocks fCPU (0.2
µs and 0.8 µs: at 5.0-MHz operation) can be selected by the PCC
setting.
(c)
Two standby modes, STOP and HALT, can be used.
(d)
The clock to the peripheral hardware is supplied by dividing the system clock.
The other peripheral
hardware is stopped when the system clock is stopped (except, however, the external clock input
operation).


Similar Part No. - UPD789026

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD789011 RENESAS-UPD789011 Datasheet
360Kb / 46P
   MOS INTEGRATED CIRCUIT
1996
UPD789012 RENESAS-UPD789012 Datasheet
360Kb / 46P
   MOS INTEGRATED CIRCUIT
1996
logo
NEC
UPD789014 NEC-UPD789014 Datasheet
405Kb / 123P
   8-Bit Single-Chip Microcontroller Instructions
logo
Renesas Technology Corp
UPD789046 RENESAS-UPD789046 Datasheet
463Kb / 51P
   MOS INTEGRATED CIRCUIT
1999
UPD789046GB-XXX-8ES RENESAS-UPD789046GB-XXX-8ES Datasheet
463Kb / 51P
   MOS INTEGRATED CIRCUIT
1999
More results

Similar Description - UPD789026

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD78F9500MA-CAC-A RENESAS-UPD78F9500MA-CAC-A Datasheet
2Mb / 342P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C7216 ETC1-GMS81C7216 Datasheet
1Mb / 121P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
HMS99C52 HYNIX-HMS99C52 Datasheet
533Kb / 43P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C1404 HYNIX-GMS81C1404 Datasheet
853Kb / 93P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD780138 NEC-UPD780138 Datasheet
4Mb / 558P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C1404 ETC1-GMS81C1404 Datasheet
1Mb / 98P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
GMS81C1102 HYNIX-GMS81C1102 Datasheet
1Mb / 89P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS87C1404 HYNIX-GMS87C1404 Datasheet
1Mb / 84P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS87C4060 HYNIX-GMS87C4060 Datasheet
1Mb / 102P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS87C13042A HYNIX-HMS87C13042A Datasheet
1Mb / 88P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com