Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD789026 Datasheet(PDF) 81 Page - NEC

Part # UPD789026
Description  8-Bit Single-Chip Microcontrollers
Download  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD789026 Datasheet(HTML) 81 Page - NEC

Back Button UPD789026 Datasheet HTML 77Page - NEC UPD789026 Datasheet HTML 78Page - NEC UPD789026 Datasheet HTML 79Page - NEC UPD789026 Datasheet HTML 80Page - NEC UPD789026 Datasheet HTML 81Page - NEC UPD789026 Datasheet HTML 82Page - NEC UPD789026 Datasheet HTML 83Page - NEC UPD789026 Datasheet HTML 84Page - NEC UPD789026 Datasheet HTML 85Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 213 page
background image
CHAPTER 4 PORT FUNCTIONS
User's Manual U11919EJ3V0UM00
81
4.3 Port Function Control Registers
The following two types of registers control the ports.
• Port mode registers (PM0 to PM5)
• Pull-up resistor option register (PUO)
(1)
Port mode registers (PM0 to PM5)
These registers are used to set port input/output in 1-bit units.
Port mode registers are independently set with a 1-bit or 8-bit memory manipulation instruction.
RESET input sets these registers to FFH.
When port pins are used as alternate-function pins, set the port mode register and output latch according to
Table 4-3.
Caution
As port 3 has an alternate function as external interrupt input, when the port function
output mode is specified and the output level is changed, the interrupt request flag is set.
When the output mode is used, therefore, the interrupt mask flag should be set to 1
beforehand.
Table 4-3. Port Mode Register and Output Latch Settings when Using Alternate Functions
Alternate Function
Pin Name
Name
Input/Output
PM
××
P
××
P30
INTP0
Input
1
×
P31
INTP1
Input
1
×
INTP2
Input
1
×
P32
CPT2
Input
1
×
P40 to P47
Note
KR0 to KR7
Input
1
×
TI0
Input
1
×
P50
TO0
Output
0
0
P51
TO2
Output
0
0
Note
When an alternate function is used, set the key return mode register 00 (KRM00) to 1 (see Section
10.3 (5)).
Caution
When Port 2 is used for serial interface pin, the I/O mode and output latch must be set
according to its function. For details of the settings, see Table 9-2.
Remark
×
: Don't care
PM
×× : Port mode register
P
×× : Output latch of port


Similar Part No. - UPD789026

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD789011 RENESAS-UPD789011 Datasheet
360Kb / 46P
   MOS INTEGRATED CIRCUIT
1996
UPD789012 RENESAS-UPD789012 Datasheet
360Kb / 46P
   MOS INTEGRATED CIRCUIT
1996
logo
NEC
UPD789014 NEC-UPD789014 Datasheet
405Kb / 123P
   8-Bit Single-Chip Microcontroller Instructions
logo
Renesas Technology Corp
UPD789046 RENESAS-UPD789046 Datasheet
463Kb / 51P
   MOS INTEGRATED CIRCUIT
1999
UPD789046GB-XXX-8ES RENESAS-UPD789046GB-XXX-8ES Datasheet
463Kb / 51P
   MOS INTEGRATED CIRCUIT
1999
More results

Similar Description - UPD789026

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD78F9500MA-CAC-A RENESAS-UPD78F9500MA-CAC-A Datasheet
2Mb / 342P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C7216 ETC1-GMS81C7216 Datasheet
1Mb / 121P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
HMS99C52 HYNIX-HMS99C52 Datasheet
533Kb / 43P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C1404 HYNIX-GMS81C1404 Datasheet
853Kb / 93P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD780138 NEC-UPD780138 Datasheet
4Mb / 558P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C1404 ETC1-GMS81C1404 Datasheet
1Mb / 98P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
GMS81C1102 HYNIX-GMS81C1102 Datasheet
1Mb / 89P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS87C1404 HYNIX-GMS87C1404 Datasheet
1Mb / 84P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS87C4060 HYNIX-GMS87C4060 Datasheet
1Mb / 102P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS87C13042A HYNIX-HMS87C13042A Datasheet
1Mb / 88P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com