Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4213AM Datasheet(PDF) 8 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # 4213AM
Description  MULTIPLIER-DIVIDER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

4213AM Datasheet(HTML) 8 Page - Burr-Brown (TI)

  4213AM Datasheet HTML 1Page - Burr-Brown (TI) 4213AM Datasheet HTML 2Page - Burr-Brown (TI) 4213AM Datasheet HTML 3Page - Burr-Brown (TI) 4213AM Datasheet HTML 4Page - Burr-Brown (TI) 4213AM Datasheet HTML 5Page - Burr-Brown (TI) 4213AM Datasheet HTML 6Page - Burr-Brown (TI) 4213AM Datasheet HTML 7Page - Burr-Brown (TI) 4213AM Datasheet HTML 8Page - Burr-Brown (TI) 4213AM Datasheet HTML 9Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
PACKAGING INFORMATION
ORDERABLE DEVICE
STATUS(1)
PACKAGE TYPE
PACKAGE DRAWING
PINS
PACKAGE QTY
4213AM
NRND
TO/SOT
LME
10
20
4213AM2
OBSOLETE
TO/SOT
LMC
8
4213BM
NRND
TO/SOT
LME
10
20
4213BM1
OBSOLETE
TO/SOT
LMC
8
4213SM
NRND
TO/SOT
LME
10
20
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
PACKAGE OPTION ADDENDUM
www.ti.com
3-Oct-2003


Similar Part No. - 4213AM

ManufacturerPart #DatasheetDescription
logo
Heyco.
4213A HEYCO-4213A Datasheet
153Kb / 1P
   Cable Holders - Adhesive Back Mount
More results

Similar Description - 4213AM

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
MPY100 BURR-BROWN-MPY100 Datasheet
159Kb / 12P
   MULTIPLIER-DIVIDER
logo
Analog Devices
AD734SQ AD-AD734SQ Datasheet
451Kb / 20P
   10 MHz, Four-Quadrant Multiplier/Divider
REV. E
logo
List of Unclassifed Man...
429A ETC1-429A Datasheet
60Kb / 1P
   Accurate, Wideband Multiplier, Divider, Square Rooter
logo
Analog Devices
AD539 AD-AD539_15 Datasheet
570Kb / 21P
   Wideband Dual-Channel Linear Multiplier/Divider
REV. B
AD734 AD-AD734 Datasheet
213Kb / 12P
   10 MHz, 4-Quadrant Multiplier/Divider
REV. C
AD539 AD-AD539 Datasheet
637Kb / 8P
   Wideband Dual-Channel Linear Multiplier/Divider
REV. A
AD734 AD-AD734_15 Datasheet
451Kb / 20P
   10 MHz, Four-Quadrant Multiplier/Divider
Rev. E
AD734ANZ AD-AD734ANZ Datasheet
451Kb / 20P
   10 MHz, Four-Quadrant Multiplier/Divider
Rev. E
logo
Intronics Power, Inc.
429 INTRONICS-429 Datasheet
162Kb / 1P
   Accurate, Wideband Multiplier, Divider, Square Rooter
logo
Zilog, Inc.
Z86193 ZILOG-Z86193 Datasheet
154Kb / 11P
   CMOS Z8 MICROCONTROLLER MULTIPLIER/DIVIDER/SEARCH/MERGE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com