Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UP9305WSU8 Datasheet(PDF) 10 Page - uPI Group Inc.

Part # UP9305WSU8
Description  5V/12V Synchronous-Rectified Buck Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP9305WSU8 Datasheet(HTML) 10 Page - uPI Group Inc.

Back Button UP9305WSU8 Datasheet HTML 6Page - uPI Group Inc. UP9305WSU8 Datasheet HTML 7Page - uPI Group Inc. UP9305WSU8 Datasheet HTML 8Page - uPI Group Inc. UP9305WSU8 Datasheet HTML 9Page - uPI Group Inc. UP9305WSU8 Datasheet HTML 10Page - uPI Group Inc. UP9305WSU8 Datasheet HTML 11Page - uPI Group Inc. UP9305WSU8 Datasheet HTML 12Page - uPI Group Inc. UP9305WSU8 Datasheet HTML 13Page - uPI Group Inc. UP9305WSU8 Datasheet HTML 14Page - uPI Group Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
uP9305
10
uP9305-DS-C3000, Aug. 2015
www.upi-semi.com
Conceptual
Application Information
Maximum current ratings of the inductor are generally
specified in two methods: permissible DC current and
saturation current. Permissible DC current is the allowable
DC current that causes 40OC temperature raise. The
saturation current is the allowable current that causes 10%
inductance loss. Make sure that the inductor will not
saturate over the operation conditions including
temperature range, input voltage range, and maximum
output current.
The size requirements refer to the area and height
requirement for a particular design. For better efficiency,
choose a low DC resistance inductor. DCR is usually
inversely proportional to size.
Input Capacitor Selection
The synchronous-rectified Buck converter draws pulsed
current with sharp edges from the input capacitor, resulting
in ripples and spikes at the input supply voltage. Use a
mix of input bypass capacitors to control the voltage
overshoot across the MOSFETs. Use small ceramic
capacitors for high frequency decoupling and bulk
capacitors to supply the current needed each time upper
MOSFET turns on. Place the small ceramic capacitors
physically close to the MOSFETs to avoid the stray
inductance along the connection trace.
The important parameters for the bulk input capacitor are
the voltage rating and the RMS current rating. For reliable
operation, select the bulk capacitor with voltage and current
ratings above the maximum input voltage and largest RMS
current required by the circuit. The capacitor voltage rating
should be at least 1.25 times greater than the maximum
input voltage and a voltage rating of 1.5 times is a
conservative guideline. The RMS current rating
requirement for the input capacitor of a buck converter is
calculated as:
IN
OUT
IN
OUT
)
MAX
(
OUT
)
RMS
(
IN
V
)
V
V
(
V
I
I
=
This formula has a maximum at V
IN = 2VOUT, where IIN(REMS)
= I
OUT(RMS)/2. This simple worst-case condition is commonly
used for design because even significant deviations do
not offer much relief. Note that the capacitor
manufacturer’s ripple current ratings are often based on
2000 hours of life. This makes it advisable to further derate
the capacitor, or choose a capacitor rated at a higher
temperature than required. Always consult the
manufacturer if there is any question.
For a through-hole design, several electrolytic capacitors
may be needed. For surface mount designs, solid tantalum
capacitors can also be used, but caution must be exercised
with regard to the capacitor surge current rating. These
capacitors must be capable of handling the surge-current
at power-up. Some capacitor series available from reputable
manufacturers are surge current tested.
Output Capacitor Selection
The selection of C
OUT is primarily determined by the ESR
required to minimize voltage ripple and load step
transients. The equivalent ripple current into the output
capacitor is half of the inductor ripple current while the
equivalent frequency is double of phase operation
frequency due to two phase operation The output ripple
∆V
OUT is approximately bounded by:
)
C
f
16
1
ESR
(
2
I
V
OUT
OSC
L
OUT
×
×
+
=
Since
∆I
L increases with input voltage, the output ripple is
highest at maximum input voltage. Typically, once the ESR
requirement is satisfied, the capacitance is adequate for
filtering and has the necessary RMS current rating. Multiple
capacitors placed in parallel may be needed to meet the
ESR and RMS current handling requirements.
The load transient requirements are a function of the slew
rate (di/dt) and the magnitude of the transient load current.
These requirements are generally met with a mix of
capacitors and careful layout. Modern components and
loads are capable of producing transient load rates above
1A/ns. High frequency capacitors initially supply the
transient and slow the current load rate seen by the bulk
capacitors. The bulk filter capacitor values are generally
determined by the ESR (Effective Series Resistance) and
voltage rating requirements rather than actual capacitance
requirements.
High frequency decoupling capacitors should be placed
as close to the power pins of the load as physically
possible. Be careful not to add inductance in the circuit
board wiring that could cancel the usefulness of these
low inductance components. Consult with the
manufacturer of the load on specific decoupling
requirements.
Use only specialized low-ESR capacitors intended for
switching-regulator applications for the bulk capacitors.
The bulk capacitor’s ESR will determine the output ripple
voltage and the initial voltage drop after a high slew-rate
transient. An aluminum electrolytic capacitor’s ESR value
is related to the case size with lower ESR available in
larger case sizes.
Bootstrap Capacitor Selection
An external bootstrap capacitor CBOOT connected to the
BOOT pin supplies the gate drive voltage for the upper
MOSFET. This capacitor is charged through the internal


Similar Part No. - UP9305WSU8

ManufacturerPart #DatasheetDescription
logo
uPI Group Inc.
UP9301 UPI-UP9301 Datasheet
265Kb / 19P
   5V/12V Synchronous-Rectified Buck Controller with Reference Input
UP9301PSU8 UPI-UP9301PSU8 Datasheet
265Kb / 19P
   5V/12V Synchronous-Rectified Buck Controller with Reference Input
UP9301QSU8 UPI-UP9301QSU8 Datasheet
265Kb / 19P
   5V/12V Synchronous-Rectified Buck Controller with Reference Input
UP9301RSU8 UPI-UP9301RSU8 Datasheet
265Kb / 19P
   5V/12V Synchronous-Rectified Buck Controller with Reference Input
UP9301SSU8 UPI-UP9301SSU8 Datasheet
265Kb / 19P
   5V/12V Synchronous-Rectified Buck Controller with Reference Input
More results

Similar Description - UP9305WSU8

ManufacturerPart #DatasheetDescription
logo
uPI Group Inc.
UP1542 UPI-UP1542 Datasheet
325Kb / 17P
   5V/12V Synchronous-Rectified Buck Controller
UP1514R UPI-UP1514R Datasheet
218Kb / 16P
   5V/12V Synchronous-Rectified Buck Controller
UP1746 UPI-UP1746 Datasheet
201Kb / 14P
   5V/12V Synchronous-Rectified Buck Controller
UP9303 UPI-UP9303 Datasheet
260Kb / 18P
   5V/12V Synchronous-Rectified Buck Controller
UP9301 UPI-UP9301 Datasheet
265Kb / 19P
   5V/12V Synchronous-Rectified Buck Controller with Reference Input
logo
Cystech Electonics Corp...
EM5303QP CYSTEKEC-EM5303QP Datasheet
507Kb / 12P
   5V/12V Synchronous Buck PWM Controller
logo
Excelliance MOS Corp.
EM5303 EXCELLIANCE-EM5303 Datasheet
387Kb / 11P
   5V/12V Synchronous Buck PWM Controller
logo
Eutech Microelectronics...
EUP6514 EUTECH-EUP6514 Datasheet
379Kb / 12P
   5V/12V Synchronous Buck PWM Controller
logo
Anpec Electronics Corop...
APW7165 ANPEC-APW7165 Datasheet
414Kb / 20P
   5V to 12V Synchronous Buck Controller
APW8725A ANPEC-APW8725A Datasheet
417Kb / 20P
   5V to 12V Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com