Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UP9305WSU8 Datasheet(PDF) 1 Page - uPI Group Inc.

Part # UP9305WSU8
Description  5V/12V Synchronous-Rectified Buck Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP9305WSU8 Datasheet(HTML) 1 Page - uPI Group Inc.

  UP9305WSU8 Datasheet HTML 1Page - uPI Group Inc. UP9305WSU8 Datasheet HTML 2Page - uPI Group Inc. UP9305WSU8 Datasheet HTML 3Page - uPI Group Inc. UP9305WSU8 Datasheet HTML 4Page - uPI Group Inc. UP9305WSU8 Datasheet HTML 5Page - uPI Group Inc. UP9305WSU8 Datasheet HTML 6Page - uPI Group Inc. UP9305WSU8 Datasheet HTML 7Page - uPI Group Inc. UP9305WSU8 Datasheet HTML 8Page - uPI Group Inc. UP9305WSU8 Datasheet HTML 9Page - uPI Group Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
uP9305
1
uP9305-DS-C3000, Aug. 2015
www.upi-semi.com
Conceptual
5V/12V Synchronous-Rectified Buck Controller
The uP9305 is a compact synchronous-rectified buck
controller specifically designed to operate from 5V or 12V
supply voltage and to deliver high quality output voltage
as low as 0.6V for uP9305S/W (linear OCP).
The uP9305 adopts constant frequency, voltage mode
control scheme, featuring easy-to-use, low external
component count, and fast transient response. Fixed
300kHz operation provides an optimal level of integration
to reduce size and cost of the power supply.
This controller integrates internal MOSFET drivers that
support 12V+12V bootstrapped voltage for high efficiency
power conversion. The bootstrap diode is built-in to simplify
the circuit design and minimize external part count.
Other features include internal soft start, over/under
voltage protection, over current protection and shutdown
function. With aforementioned functions, this part provides
customers a compact, high efficiency, well-protected and
cost-effective solutions. This part is available in PSOP-8L
package.
!
!
!
!
! Operates from 5V or 12V Supply Voltage
"
"
"
"
" 3.3V to 12V V
IN Input Range
"
"
"
"
" V
REF with 1.0% Accuracy:
uP9305S/W: 0.6V V
REF
uP9305T/Q: 0.8V V
REF
!
!
!
!
! Stand Alone Mode Operation
!
!
!
!
! Simple Single-Loop Control Design
"
"
"
"
" Voltage-Mode PWM Control
"
"
"
"
" Fast Transient Response
"
"
"
"
" Fixed 300kHz Switching Frequency
!
!
!
!
! High-Bandwidth Error Amplifier
"
"
"
"
" 0% to 90% Duty Cycle
!
!
!
!
! Lossless, Adjuatable Over Current Protection
"
"
"
"
" Uses Lower MOSFET R
DS(ON)
"
"
"
"
" uP9305S/W: Linear OCP
"
"
"
"
" uP9305T/Q: Fixed OCP
!
!
!
!
! Internal Soft Start
!
!
!
!
! Integrated Boot Diode
!
!
!
!
! PSOP-8L Package
!
!
!
!
! RoHS Compliant and Halogen Free
!
!
!
!
! Power Supplies for Microprocessors or Subsystem
Power Supplies
!
!
!
!
! Cable Modems, Set Top Boxes, and DSL Modems
!
!
!
!
! Industrial Power Supplies; General Purpose
Supplies
!
!
!
!
! 5V or 12V Input DC-DC Regulators
!
!
!
!
! Low-Voltage Distributed Power Supplies
General Description
Applications
Features
LG
VCC
4
3
2
1
OCS
BOOT
FB
COMP/EN
5
6
7
8
UG
PH
9
GND
PSOP-8L (uP9305S/W)
Pin Configuration
LG
VCC
4
3
2
1
GND
BOOT
FB
COMP/EN
5
6
7
8
UG
PH
9
GND
PSOP-8L (uP9305Q/T)


Similar Part No. - UP9305WSU8

ManufacturerPart #DatasheetDescription
logo
uPI Group Inc.
UP9301 UPI-UP9301 Datasheet
265Kb / 19P
   5V/12V Synchronous-Rectified Buck Controller with Reference Input
UP9301PSU8 UPI-UP9301PSU8 Datasheet
265Kb / 19P
   5V/12V Synchronous-Rectified Buck Controller with Reference Input
UP9301QSU8 UPI-UP9301QSU8 Datasheet
265Kb / 19P
   5V/12V Synchronous-Rectified Buck Controller with Reference Input
UP9301RSU8 UPI-UP9301RSU8 Datasheet
265Kb / 19P
   5V/12V Synchronous-Rectified Buck Controller with Reference Input
UP9301SSU8 UPI-UP9301SSU8 Datasheet
265Kb / 19P
   5V/12V Synchronous-Rectified Buck Controller with Reference Input
More results

Similar Description - UP9305WSU8

ManufacturerPart #DatasheetDescription
logo
uPI Group Inc.
UP1542 UPI-UP1542 Datasheet
325Kb / 17P
   5V/12V Synchronous-Rectified Buck Controller
UP1514R UPI-UP1514R Datasheet
218Kb / 16P
   5V/12V Synchronous-Rectified Buck Controller
UP1746 UPI-UP1746 Datasheet
201Kb / 14P
   5V/12V Synchronous-Rectified Buck Controller
UP9303 UPI-UP9303 Datasheet
260Kb / 18P
   5V/12V Synchronous-Rectified Buck Controller
UP9301 UPI-UP9301 Datasheet
265Kb / 19P
   5V/12V Synchronous-Rectified Buck Controller with Reference Input
logo
Cystech Electonics Corp...
EM5303QP CYSTEKEC-EM5303QP Datasheet
507Kb / 12P
   5V/12V Synchronous Buck PWM Controller
logo
Excelliance MOS Corp.
EM5303 EXCELLIANCE-EM5303 Datasheet
387Kb / 11P
   5V/12V Synchronous Buck PWM Controller
logo
Eutech Microelectronics...
EUP6514 EUTECH-EUP6514 Datasheet
379Kb / 12P
   5V/12V Synchronous Buck PWM Controller
logo
Anpec Electronics Corop...
APW7165 ANPEC-APW7165 Datasheet
414Kb / 20P
   5V to 12V Synchronous Buck Controller
APW8725A ANPEC-APW8725A Datasheet
417Kb / 20P
   5V to 12V Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com