Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UP9305WSU8 Datasheet(PDF) 9 Page - uPI Group Inc.

Part # UP9305WSU8
Description  5V/12V Synchronous-Rectified Buck Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP9305WSU8 Datasheet(HTML) 9 Page - uPI Group Inc.

Back Button UP9305WSU8 Datasheet HTML 5Page - uPI Group Inc. UP9305WSU8 Datasheet HTML 6Page - uPI Group Inc. UP9305WSU8 Datasheet HTML 7Page - uPI Group Inc. UP9305WSU8 Datasheet HTML 8Page - uPI Group Inc. UP9305WSU8 Datasheet HTML 9Page - uPI Group Inc. UP9305WSU8 Datasheet HTML 10Page - uPI Group Inc. UP9305WSU8 Datasheet HTML 11Page - uPI Group Inc. UP9305WSU8 Datasheet HTML 12Page - uPI Group Inc. UP9305WSU8 Datasheet HTML 13Page - uPI Group Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
uP9305
9
uP9305-DS-C3000, Aug. 2015
www.upi-semi.com
Conceptual
Application Information
Component Selection Guidelines
The selection of external component is primarily determined
by the maximum load current and begins with the selection
of power MOSFET switches. The desired amount of ripple
current and operating frequency largely determines the
inductor value. Finally, C
IN is selected for its capability to
handle the large RMS current into the converter and C
OUT
is chosen with low enough ESR to meet the output voltage
ripple and transient specification.
Power MOSFET Selection
The uP9305 requires two external N-channel power
MOSFETs for upper (controlled) and lower (synchronous)
switches. Important parameters for the power MOSFETs
are the breakdown voltage V
(BR)DSS, on-resistance RDS(ON),
reverse transfer capacitance C
RSS, maximum current IDS(MAX),
gate supply requirements, and thermal management
requirements.
The gate drive voltage is supplied by VCC pin that receives
4.5V~13.2V supply voltage. When operating with a 7~13.2V
power supply for VCC, a wide variety of NMOSFETs can
be used. Logic-level threshold MOSFET should be used if
the input voltage is expected to drop below 7V. Caution
should be exercised with devices exhibiting very low V
GS(ON)
characteristics. The shoot-through protection present
aboard the uP9305 may be circumvented by these
MOSFETs if they have large parasitic impedances and/or
capacitances that would inhibit the gate of the MOSFET
from being discharged below its threshold level before the
complementary MOSFET is turned on. Also avoid
MOSFETs with excessive switching times; the circuitry is
expecting transitions to occur in under 30ns or so.
In high-current applications, the MOSFET power
dissipation, package selection and heatsink are the
dominant design factors. The power dissipation includes
two loss components: conduction loss and switching loss.
The conduction losses are the largest component of power
dissipation for both the upper and the lower MOSFETs.
These losses are distributed between the two MOSFETs
according to duty cycle. Since the uP9305 is operating in
continuous conduction mode, the duty cycles for the
MOSFETs are:
IN
OUT
UP
V
V
D
=
;
IN
OUT
IN
LOW
V
V
V
D
=
The resulting power dissipation in the MOSFETs at
maximum output current are:
OSC
SW
IN
OUT
UP
)
ON
(
DS
2
OUT
UP
f
T
V
I
5
.
0
D
R
I
P
×
×
×
×
+
×
×
=
LOW
)
ON
(
DS
2
OUT
LOW
D
R
I
P
×
×
=
where T
SW is the combined switch ON and OFF time.
Both MOSFETs have I2R losses and the upper MOSFET
includes an additional term for switching losses, which are
largest at high input voltages. The lower MOSFET losses
are greatest when the bottom duty cycle is near 100%,
during a short-circuit or at high input voltage. These
equations assume linear voltage current transitions and do
not adequately model power loss due the reverse-recovery
of the lower MOSFET’s body diode.
Ensure that both MOSFETs are within their maximum
junction temperature at high ambient temperature by
calculating the temperature rise according to package
thermal-resistance specifications. A separate heatsink may
be necessary depending upon MOSFET power, package
type, ambient temperature and air flow.
The gate-charge losses are mainly dissipated by the
uP9305 and don’t heat the MOSFETs. However, large gate
charge increases the switching interval, T
SW that increases
the MOSFET switching losses. The gate-charge losses
are calculated as:
OSC
UP
_
RSS
IN
LO
_
ISS
UP
_
ISS
CC
CC
C
_
G
f
)
C
V
)
C
C
(
V
(
V
P
×
×
+
+
×
×
=
where C
ISS_UP is the input capacitance of the upper
MOSFET, C
ISS_LOW is the input capacitance of the lower
MOSFET, and C
RSS_UP is the reverse transfer capacitance
of the upper MOSFET. Make sure that the gate-charge
loss will not cause over temperature at uP9305, especially
with large gate capacitance and high supply voltage.
Output Inductor Selection
Output inductor selection usually is based on the
considerations of inductance, rated current, size
requirements and DC resistance (DCR).
Given the desired input and output voltages, the inductor
value and operating frequency determine the ripple
current:
)
V
V
1
(
V
L
f
1
I
IN
OUT
OUT
OUT
OSC
L
×
=
Lower ripple current reduces core losses in the inductor,
ESR losses in the output capacitors and output voltage
ripple. Highest efficiency operation is obtained at low
frequency with small ripple current. However, achieving
this requires a large inductor. There is a tradeoff between
component size, efficiency and operating frequency. A
reasonable starting point is to choose a ripple current that
is about 20% of I
OUT(MAX).
There is another tradeoff between output ripple current/
voltage and response time to a transient load. Increasing
the value of inductance reduces the output ripple current
and voltage. However, the large inductance values reduce
the converter’s response time to a load transient.


Similar Part No. - UP9305WSU8

ManufacturerPart #DatasheetDescription
logo
uPI Group Inc.
UP9301 UPI-UP9301 Datasheet
265Kb / 19P
   5V/12V Synchronous-Rectified Buck Controller with Reference Input
UP9301PSU8 UPI-UP9301PSU8 Datasheet
265Kb / 19P
   5V/12V Synchronous-Rectified Buck Controller with Reference Input
UP9301QSU8 UPI-UP9301QSU8 Datasheet
265Kb / 19P
   5V/12V Synchronous-Rectified Buck Controller with Reference Input
UP9301RSU8 UPI-UP9301RSU8 Datasheet
265Kb / 19P
   5V/12V Synchronous-Rectified Buck Controller with Reference Input
UP9301SSU8 UPI-UP9301SSU8 Datasheet
265Kb / 19P
   5V/12V Synchronous-Rectified Buck Controller with Reference Input
More results

Similar Description - UP9305WSU8

ManufacturerPart #DatasheetDescription
logo
uPI Group Inc.
UP1542 UPI-UP1542 Datasheet
325Kb / 17P
   5V/12V Synchronous-Rectified Buck Controller
UP1514R UPI-UP1514R Datasheet
218Kb / 16P
   5V/12V Synchronous-Rectified Buck Controller
UP1746 UPI-UP1746 Datasheet
201Kb / 14P
   5V/12V Synchronous-Rectified Buck Controller
UP9303 UPI-UP9303 Datasheet
260Kb / 18P
   5V/12V Synchronous-Rectified Buck Controller
UP9301 UPI-UP9301 Datasheet
265Kb / 19P
   5V/12V Synchronous-Rectified Buck Controller with Reference Input
logo
Cystech Electonics Corp...
EM5303QP CYSTEKEC-EM5303QP Datasheet
507Kb / 12P
   5V/12V Synchronous Buck PWM Controller
logo
Excelliance MOS Corp.
EM5303 EXCELLIANCE-EM5303 Datasheet
387Kb / 11P
   5V/12V Synchronous Buck PWM Controller
logo
Eutech Microelectronics...
EUP6514 EUTECH-EUP6514 Datasheet
379Kb / 12P
   5V/12V Synchronous Buck PWM Controller
logo
Anpec Electronics Corop...
APW7165 ANPEC-APW7165 Datasheet
414Kb / 20P
   5V to 12V Synchronous Buck Controller
APW8725A ANPEC-APW8725A Datasheet
417Kb / 20P
   5V to 12V Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com