Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UP9305WSU8 Datasheet(PDF) 8 Page - uPI Group Inc.

Part # UP9305WSU8
Description  5V/12V Synchronous-Rectified Buck Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP9305WSU8 Datasheet(HTML) 8 Page - uPI Group Inc.

Back Button UP9305WSU8 Datasheet HTML 4Page - uPI Group Inc. UP9305WSU8 Datasheet HTML 5Page - uPI Group Inc. UP9305WSU8 Datasheet HTML 6Page - uPI Group Inc. UP9305WSU8 Datasheet HTML 7Page - uPI Group Inc. UP9305WSU8 Datasheet HTML 8Page - uPI Group Inc. UP9305WSU8 Datasheet HTML 9Page - uPI Group Inc. UP9305WSU8 Datasheet HTML 10Page - uPI Group Inc. UP9305WSU8 Datasheet HTML 11Page - uPI Group Inc. UP9305WSU8 Datasheet HTML 12Page - uPI Group Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
uP9305
8
uP9305-DS-C3000, Aug. 2015
www.upi-semi.com
Conceptual
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
t
s
e
Tn
i
Mp
y
Tx
a
M
s
t
i
n
U
s
r
e
v
i
r
D
e
t
a
G
r
e
l
l
o
r
t
n
o
C
M
W
P
y
a
l
e
D
g
n
i
s
i
R
G
L
o
t
g
n
il
l
a
F
H
PV
H
P
V
o
t
V
2
.
1
<
G
L
V
2
.
1
>-
-0
3-
-s
n
y
a
l
e
D
g
n
i
s
i
R
G
U
o
t
g
n
il
l
a
F
G
LV
G
L
V
(
o
t
V
2
.
1
<
G
U
V
-
H
P
V
2
.
1
>
)-
-0
3-
-s
n
e
l
c
y
C
y
t
u
D
m
u
m
i
n
i
M
-
-0
-
-%
e
l
c
y
C
y
t
u
D
m
u
m
i
x
a
M
5
80
95
9%
t
r
a
t
S
t
f
o
S
e
m
i
T
t
r
a
t
S
t
f
o
S
V
o
t
d
e
s
a
e
l
e
r
N
E
/
P
M
O
C
m
o
r
f
T
U
O
n
i
n
o
i
t
a
l
u
g
e
r
-
-5
.
2-
-s
m
n
o
i
t
c
e
t
o
r
P
n
o
i
t
c
e
t
o
r
P
e
g
a
t
l
o
V
r
e
d
n
UV
P
V
U
_
B
F
V
f
o
e
g
a
t
n
e
c
r
e
P
F
E
R
-
-0
3-
-%
n
o
i
t
c
e
t
o
r
P
e
g
a
t
l
o
V
r
e
v
OV
P
V
O
_
B
F
V
f
o
e
g
a
t
n
e
c
r
e
P
F
E
R
-
-5
2
1-
-%
y
a
l
e
D
n
o
i
t
c
e
t
o
r
P
e
g
a
t
l
o
V
r
e
v
O
-
-0
2-
-s
u
d
l
o
h
s
e
r
h
T
t
n
e
r
r
u
C
r
e
v
OV
H
P
T
5
0
3
9
P
u-
-5
2
2
--
-
V
m
Q
5
0
3
9
P
u-
-0
0
3
--
-
e
g
n
a
R
e
l
b
a
m
m
a
r
g
o
r
P
P
C
OV
P
C
O
W
/
S
5
0
3
9
P
u5
7
3
--
-0
0
1
-V
m
P
C
O
r
o
f
t
n
e
r
r
u
C
e
c
r
u
o
S
S
C
O
g
n
i
t
t
e
S
I
S
C
O
-
-0
2-
-A
u
e
m
i
T
y
a
l
e
D
P
C
O
-
-3
3
.
3-
-s
u
d
l
o
h
s
e
r
h
T
e
l
b
a
s
i
DV
N
E
/
P
M
O
C
5
2
.
03
.
05
3
.
0V
n
o
i
t
c
e
t
o
r
P
e
r
u
t
a
r
e
p
m
e
T
r
e
v
O
-
-0
5
1-
-
oC
Electrical Characteristics


Similar Part No. - UP9305WSU8

ManufacturerPart #DatasheetDescription
logo
uPI Group Inc.
UP9301 UPI-UP9301 Datasheet
265Kb / 19P
5V/12V Synchronous-Rectified Buck Controller with Reference Input
UP9301PSU8 UPI-UP9301PSU8 Datasheet
265Kb / 19P
5V/12V Synchronous-Rectified Buck Controller with Reference Input
UP9301QSU8 UPI-UP9301QSU8 Datasheet
265Kb / 19P
5V/12V Synchronous-Rectified Buck Controller with Reference Input
UP9301RSU8 UPI-UP9301RSU8 Datasheet
265Kb / 19P
5V/12V Synchronous-Rectified Buck Controller with Reference Input
UP9301SSU8 UPI-UP9301SSU8 Datasheet
265Kb / 19P
5V/12V Synchronous-Rectified Buck Controller with Reference Input
More results

Similar Description - UP9305WSU8

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP6514 EUTECH-EUP6514 Datasheet
379Kb / 12P
5V/12V Synchronous Buck PWM Controller
logo
Anpec Electronics Corop...
APW8725A ANPEC-APW8725A Datasheet
417Kb / 20P
5V to 12V Synchronous Buck Controller
logo
Cystech Electonics Corp...
EM5303QP CYSTEKEC-EM5303QP Datasheet
507Kb / 12P
5V/12V Synchronous Buck PWM Controller
logo
uPI Group Inc.
UP9301 UPI-UP9301 Datasheet
265Kb / 19P
5V/12V Synchronous-Rectified Buck Controller with Reference Input
UP9303 UPI-UP9303 Datasheet
260Kb / 18P
5V/12V Synchronous-Rectified Buck Controller
UP1514R UPI-UP1514R Datasheet
218Kb / 16P
5V/12V Synchronous-Rectified Buck Controller
UP1746 UPI-UP1746 Datasheet
201Kb / 14P
5V/12V Synchronous-Rectified Buck Controller
UP1542 UPI-UP1542 Datasheet
325Kb / 17P
5V/12V Synchronous-Rectified Buck Controller
logo
Anpec Electronics Corop...
APW7165 ANPEC-APW7165 Datasheet
414Kb / 20P
5V to 12V Synchronous Buck Controller
logo
Excelliance MOS Corp.
EM5303 EXCELLIANCE-EM5303 Datasheet
387Kb / 11P
5V/12V Synchronous Buck PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com