Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UP9305WSU8 Datasheet(PDF) 7 Page - uPI Group Inc.

Part # UP9305WSU8
Description  5V/12V Synchronous-Rectified Buck Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP9305WSU8 Datasheet(HTML) 7 Page - uPI Group Inc.

Back Button UP9305WSU8 Datasheet HTML 3Page - uPI Group Inc. UP9305WSU8 Datasheet HTML 4Page - uPI Group Inc. UP9305WSU8 Datasheet HTML 5Page - uPI Group Inc. UP9305WSU8 Datasheet HTML 6Page - uPI Group Inc. UP9305WSU8 Datasheet HTML 7Page - uPI Group Inc. UP9305WSU8 Datasheet HTML 8Page - uPI Group Inc. UP9305WSU8 Datasheet HTML 9Page - uPI Group Inc. UP9305WSU8 Datasheet HTML 10Page - uPI Group Inc. UP9305WSU8 Datasheet HTML 11Page - uPI Group Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
uP9305
7
uP9305-DS-C3000, Aug. 2015
www.upi-semi.com
Conceptual
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
t
s
e
Tn
i
Mp
y
Tx
a
M
s
t
i
n
U
t
u
p
n
I
y
l
p
p
u
S
e
g
a
t
l
o
V
y
l
p
p
u
SV
C
C
5
.
4-
-2
.
3
1V
t
n
e
r
r
u
C
y
l
p
p
u
SI
C
C
V
,
n
e
p
O
G
L
d
n
a
G
U
C
C
,
V
2
1
=
g
n
i
h
c
t
i
w
S
-
-3
-
-A
m
t
n
e
r
r
u
C
y
l
p
p
u
S
t
n
e
c
s
e
i
u
QI
Q
_
C
C
V
B
F
V
=
F
E
R
g
n
i
h
c
t
i
w
S
o
N
,
V
1
.
0
+-
-3
.
1-
-A
m
e
g
a
t
l
o
V
t
u
p
n
I
r
e
w
o
PV
N
I
0
.
3-
-2
.
3
1V
t
e
s
e
R
n
O
r
e
w
o
P
d
l
o
h
s
e
r
h
T
R
O
PV
H
T
R
C
C
V
C
C
g
n
i
s
i
r0
.
42
.
44
.
4V
s
i
s
e
r
e
t
s
y
H
R
O
PV
S
Y
H
C
C
-
-5
.
0-
-V
y
c
n
e
u
q
e
r
F
g
n
i
h
c
t
i
w
S
y
c
n
e
u
q
e
r
F
g
n
i
n
n
u
R
e
e
r
Ff
C
S
O
0
7
20
0
30
3
3z
H
k
e
d
u
t
il
p
m
A
p
m
a
R
∆V
C
S
O
V
C
C
V
2
1
=-
-3
-
-V
P
-
P
e
g
a
t
l
o
V
e
c
n
e
r
e
f
e
R
y
c
a
r
u
c
c
A
e
g
a
t
l
o
V
e
c
n
e
r
e
f
e
R
l
a
n
r
e
t
n
IV
B
F
W
/
S
5
0
3
9
P
u4
9
5
.
00
6
.
06
0
6
.
0V
Q
/
T
5
0
3
9
P
u2
9
7
.
00
0
8
.
08
0
8
.
0V
r
e
i
f
i
l
p
m
A
r
o
r
r
E
n
i
a
G
C
D
p
o
o
L
n
e
p
OO
An
g
i
s
e
D
y
b
d
e
e
t
n
a
r
a
u
G5
50
7-
-B
d
t
c
u
d
o
r
P
h
t
d
i
w
d
n
a
B
-
n
i
a
GW
B
Gn
g
i
s
e
D
y
b
d
e
e
t
n
a
r
a
u
G-
-0
1-
-z
H
M
e
t
a
R
w
e
l
SR
Sn
g
i
s
e
D
y
b
d
e
e
t
n
a
r
a
u
G3
6
-
-s
u
/
V
e
c
n
a
t
c
u
d
n
o
c
s
n
a
r
T
0
0
60
0
80
0
0
1V
/
A
u
t
n
e
r
r
u
C
e
c
r
u
o
S
t
u
p
t
u
OV
B
F
V
<
F
E
R
0
80
2
1-
-A
u
t
n
e
r
r
u
C
k
n
i
S
t
u
p
t
u
OV
B
F
V
>
F
E
R
0
80
2
1-
-A
u
e
g
a
t
l
o
V
t
e
s
f
f
O
t
u
p
n
I
0
.
1
-0
0
.
1V
m
t
n
e
r
r
u
C
e
g
a
k
a
e
L
t
u
p
n
I
-
-1
.
00
.
1A
n
s
r
e
v
i
r
D
e
t
a
G
r
e
l
l
o
r
t
n
o
C
M
W
P
e
c
r
u
o
S
e
t
a
G
r
e
p
p
UR
C
R
S
_
G
U
I
G
U
e
c
r
u
o
S
A
m
0
0
1
=-
-3
-
-
k
n
i
S
e
t
a
G
r
e
p
p
UR
K
N
S
_
G
U
I
G
U
k
n
i
S
A
m
0
0
1
=-
-5
.
1-
-
e
c
r
u
o
S
e
t
a
G
r
e
w
o
LR
C
R
S
_
G
L
I
G
L
e
c
r
u
o
S
A
m
0
0
1
=-
-3
-
-
k
n
i
S
e
t
a
G
r
e
w
o
LR
K
N
S
_
G
L
I
G
L
k
n
i
S
A
m
0
0
1
=-
-1
-
-
Electrical Characteristics
(V
CC = 12V, TA = 25
OC, unless otherwise specified)


Similar Part No. - UP9305WSU8

ManufacturerPart #DatasheetDescription
logo
uPI Group Inc.
UP9301 UPI-UP9301 Datasheet
265Kb / 19P
5V/12V Synchronous-Rectified Buck Controller with Reference Input
UP9301PSU8 UPI-UP9301PSU8 Datasheet
265Kb / 19P
5V/12V Synchronous-Rectified Buck Controller with Reference Input
UP9301QSU8 UPI-UP9301QSU8 Datasheet
265Kb / 19P
5V/12V Synchronous-Rectified Buck Controller with Reference Input
UP9301RSU8 UPI-UP9301RSU8 Datasheet
265Kb / 19P
5V/12V Synchronous-Rectified Buck Controller with Reference Input
UP9301SSU8 UPI-UP9301SSU8 Datasheet
265Kb / 19P
5V/12V Synchronous-Rectified Buck Controller with Reference Input
More results

Similar Description - UP9305WSU8

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP6514 EUTECH-EUP6514 Datasheet
379Kb / 12P
5V/12V Synchronous Buck PWM Controller
logo
Anpec Electronics Corop...
APW8725A ANPEC-APW8725A Datasheet
417Kb / 20P
5V to 12V Synchronous Buck Controller
logo
Cystech Electonics Corp...
EM5303QP CYSTEKEC-EM5303QP Datasheet
507Kb / 12P
5V/12V Synchronous Buck PWM Controller
logo
uPI Group Inc.
UP9301 UPI-UP9301 Datasheet
265Kb / 19P
5V/12V Synchronous-Rectified Buck Controller with Reference Input
UP9303 UPI-UP9303 Datasheet
260Kb / 18P
5V/12V Synchronous-Rectified Buck Controller
UP1514R UPI-UP1514R Datasheet
218Kb / 16P
5V/12V Synchronous-Rectified Buck Controller
UP1746 UPI-UP1746 Datasheet
201Kb / 14P
5V/12V Synchronous-Rectified Buck Controller
UP1542 UPI-UP1542 Datasheet
325Kb / 17P
5V/12V Synchronous-Rectified Buck Controller
logo
Anpec Electronics Corop...
APW7165 ANPEC-APW7165 Datasheet
414Kb / 20P
5V to 12V Synchronous Buck Controller
logo
Excelliance MOS Corp.
EM5303 EXCELLIANCE-EM5303 Datasheet
387Kb / 11P
5V/12V Synchronous Buck PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com