Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UP9305WSU8 Datasheet(PDF) 3 Page - uPI Group Inc.

Part # UP9305WSU8
Description  5V/12V Synchronous-Rectified Buck Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP9305WSU8 Datasheet(HTML) 3 Page - uPI Group Inc.

  UP9305WSU8 Datasheet HTML 1Page - uPI Group Inc. UP9305WSU8 Datasheet HTML 2Page - uPI Group Inc. UP9305WSU8 Datasheet HTML 3Page - uPI Group Inc. UP9305WSU8 Datasheet HTML 4Page - uPI Group Inc. UP9305WSU8 Datasheet HTML 5Page - uPI Group Inc. UP9305WSU8 Datasheet HTML 6Page - uPI Group Inc. UP9305WSU8 Datasheet HTML 7Page - uPI Group Inc. UP9305WSU8 Datasheet HTML 8Page - uPI Group Inc. UP9305WSU8 Datasheet HTML 9Page - uPI Group Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
uP9305
3
uP9305-DS-C3000, Aug. 2015
www.upi-semi.com
Conceptual
Typical Application Circuit
Functional Block Diagram
BOOT
UG
LG
PH
FB
VCC
VIN
VOUT
COMP/EN
GND
Shut
Down
R1
R2
OCS
0.3V
PWM
VCC
1.0V
VCC
GND
LG
UG
BOOT
FB
COMP/EN
VOCP
4.2V
VDD
SS
Error
Amplifier
Oscillator
OCP
Gate
Control
Logic
Soft Start
POR
Internal
Regulator
Enable
Logic
PWM
Comparator
POR
Enable
VFB
UVP
0.3xVREF
VFB
OVP
1.25xVREF
PH
OCS
VREF
uP9305S/W 0.6V
uP9305T/Q 0.8V


Similar Part No. - UP9305WSU8

ManufacturerPart #DatasheetDescription
logo
uPI Group Inc.
UP9301 UPI-UP9301 Datasheet
265Kb / 19P
   5V/12V Synchronous-Rectified Buck Controller with Reference Input
UP9301PSU8 UPI-UP9301PSU8 Datasheet
265Kb / 19P
   5V/12V Synchronous-Rectified Buck Controller with Reference Input
UP9301QSU8 UPI-UP9301QSU8 Datasheet
265Kb / 19P
   5V/12V Synchronous-Rectified Buck Controller with Reference Input
UP9301RSU8 UPI-UP9301RSU8 Datasheet
265Kb / 19P
   5V/12V Synchronous-Rectified Buck Controller with Reference Input
UP9301SSU8 UPI-UP9301SSU8 Datasheet
265Kb / 19P
   5V/12V Synchronous-Rectified Buck Controller with Reference Input
More results

Similar Description - UP9305WSU8

ManufacturerPart #DatasheetDescription
logo
uPI Group Inc.
UP1542 UPI-UP1542 Datasheet
325Kb / 17P
   5V/12V Synchronous-Rectified Buck Controller
UP1514R UPI-UP1514R Datasheet
218Kb / 16P
   5V/12V Synchronous-Rectified Buck Controller
UP1746 UPI-UP1746 Datasheet
201Kb / 14P
   5V/12V Synchronous-Rectified Buck Controller
UP9303 UPI-UP9303 Datasheet
260Kb / 18P
   5V/12V Synchronous-Rectified Buck Controller
UP9301 UPI-UP9301 Datasheet
265Kb / 19P
   5V/12V Synchronous-Rectified Buck Controller with Reference Input
logo
Cystech Electonics Corp...
EM5303QP CYSTEKEC-EM5303QP Datasheet
507Kb / 12P
   5V/12V Synchronous Buck PWM Controller
logo
Excelliance MOS Corp.
EM5303 EXCELLIANCE-EM5303 Datasheet
387Kb / 11P
   5V/12V Synchronous Buck PWM Controller
logo
Eutech Microelectronics...
EUP6514 EUTECH-EUP6514 Datasheet
379Kb / 12P
   5V/12V Synchronous Buck PWM Controller
logo
Anpec Electronics Corop...
APW7165 ANPEC-APW7165 Datasheet
414Kb / 20P
   5V to 12V Synchronous Buck Controller
APW8725A ANPEC-APW8725A Datasheet
417Kb / 20P
   5V to 12V Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com