Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLOH157P Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLOH157P
Description  Fast Response Time, Capable of Pulse Operation High Power Luminous Intensity
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLOH157P Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLOH157P Datasheet HTML 1Page - Toshiba Semiconductor TLOH157P Datasheet HTML 2Page - Toshiba Semiconductor TLOH157P Datasheet HTML 3Page - Toshiba Semiconductor TLOH157P Datasheet HTML 4Page - Toshiba Semiconductor TLOH157P Datasheet HTML 5Page - Toshiba Semiconductor TLOH157P Datasheet HTML 6Page - Toshiba Semiconductor TLOH157P Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Toshiba TLxH157 Series LEDs
Electrical and Optical Characteristics (Ta=25
o
C)
Part
Number
PWL nm
λP
Material
View
Angle
2
θ1/2
Luminous Intensity
Iv
Forward Voltage
VF
Rev Current
IR
min.
typ.
max.
IF@
min.
typ.
max.
IF@
max.
VR@
TLOH157P
612
InGaAlP
22
o
850.00
2800.00
− 20mA
2.10
2.50 20mA
50
4V
TLRH157P
644
InGaAlP
22
o
476.00
1700.00
− 20mA
1.90
2.50 20mA
50
4V
TLRMH157P
636
InGaAlP
22
o
850.00
2240.00
− 20mA
2.05
2.50 20mA
50
4V
TLSH157P
623
InGaAlP
22
o
850.00
2700.00
− 20mA
2.10
2.50 20mA
50
4V
TLYH157P
590
InGaAlP
22
o
850.00
2500.00
− 20mA
2.10
2.50 20mA
50
4V
nm
deg
mcd
V
µ A
Precautions
Soldering temperature: 260°C max, soldering time: 3 s max (soldering portion of lead: up to 2 mm from the body of the device).
If the lead is formed, the lead should be formed up to 5 mm from the body of the device without forming stress to the resin. Soldering should
be performed after lead forming.
This visible LED lamp also emits some IR light. If a photodetector is located near the LED lamp, please ensure that it will not be affected by
this IR light.
NOTICE:
TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can
malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when
utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in
which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property.
In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent
TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the “Handling Guide for
Semiconductor Devices,” or “TOSHIBA Semiconductor Reliability Handbook” etc..
The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment,
office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products are neither intended nor
warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause
loss of human life or bodily injury (“Unintended Usage”). Unintended Usage include atomic energy control instruments, airplane or spaceship
instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety
devices, etc.. Unintended Usage of TOSHIBA products listed in this document shall be made at the customer’s own risk.
Gallium arsenide (GaAs) is a substance used in the products described in this document. GaAs dust and fumes are toxic. Do not break, cut
or pulverize the product, or use chemicals to dissolve them. When disposing of the products, follow the appropriate regulations. Do not
dispose of the products with other industrial waste or with domestic garbage.
The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA
CORPORATION for any infringements of intellectual property or other rights of the third parties which may result from its use. No license is
granted by implication or otherwise under any intellectual property or other rights of TOSHIBA CORPORATION or others.
The information contained herein is subject to change without notice.
Company Headquarters
120 Broadway
Menands, New York 12204
Toll Free: 800.984.5337
Fax: 518.432.7454
Web: www.marktechopto.com | Email: info@marktechopto.com
West Coast Sales Office
950 South Coast Drive, Suite 265
Costa Mesa, California 92626
Toll Free: 800.984.5337
Fax: 714.850.9314


Similar Part No. - TLOH157P

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLOH156P TOSHIBA-TLOH156P Datasheet
351Kb / 7P
Toshiba TLxH156 Series LEDs
More results

Similar Description - TLOH157P

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
PLCC4XRGBCT HB-PLCC4XRGBCT Datasheet
2Mb / 10P
High luminous Intensity
logo
P-tec Corporation
PL5050A6-WCR50 P-TEC-PL5050A6-WCR50 Datasheet
401Kb / 7P
High luminous intensity
logo
Sanken electric
SECU1B07C SANKEN-SECU1B07C Datasheet
203Kb / 10P
High Luminous Intensity
logo
Vishay Siliconix
TLCR6800 VISHAY-TLCR6800 Datasheet
470Kb / 5P
High luminous intensity
Rev. 1.1, 29-Apr-13
logo
Lite-On Technology Corp...
LTL5V3SSS LITEON-LTL5V3SSS Datasheet
558Kb / 10P
High luminous intensity output
logo
Everlight Electronics C...
EALP05OLAGA0 EVERLIGHT-EALP05OLAGA0 Datasheet
447Kb / 9P
High luminous intensity output
EALP03OLAGA5 EVERLIGHT-EALP03OLAGA5 Datasheet
797Kb / 11P
High luminous intensity output
EALP03OLARA6 EVERLIGHT-EALP03OLARA6 Datasheet
795Kb / 11P
High luminous intensity output
logo
OSRAM GmbH
LRTGFTM-S7T7-1-V7AW-29 OSRAM-LRTGFTM-S7T7-1-V7AW-29 Datasheet
403Kb / 24P
luminous intensity
LUWG5AP-5D5E-BG-P4P6-LH OSRAM-LUWG5AP-5D5E-BG-P4P6-LH Datasheet
396Kb / 17P
luminous intensity
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com