Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC0541A Datasheet(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TC0541A
Description  SAW Resonator 303.825 MHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TC0541A Datasheet(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TC0541A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TC0541A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TC0541A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TC0541A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TC0541A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TC0541A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
- 2 -
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Resonator 303.825 MHz
MODEL NO.: TC0541A
REV. NO.: 1.0
A. FEATURES:
1. 1-Port Resonator.
B. MAXIMUM RATING:
1.Input Power Level: 10 dBm
2.DC voltage: 5 V
3.Operating Temperature: -40
°C to +85°C
4.Storage Temperature: -40
°C to +85°C
C. ELECTRICAL CHARACTERISTICS:
Characteristic
Units
Minimum
Typical
Maximum
Center frequency
Fr
MHz
303.750
303.825
303.900
Insertion Loss IL
dB
-
1.23
2.0
Equivalent Elements
Motional capacitance C1
fF
-
2.82
-
Motional inductance L1
μ
H
-
97.3
-
Motional resistance R1
Ohm
-
13.79
-
Parallel capacitance Co
pF
-
4.4
-
Temp.coeff.
ppm/c*2
-
0.032
-
Turnover To
deg.C
-
25
-
Package size
SMD 5.0X3.5X1.4mm
D.EQUVIRENT CIRCUIT:
One-Port Resonator:
C0
R1 C1
L1
#1
# 3
Source Impedance
Load Impedance
50Ω
50Ω
RoHS Compliant
Lead free
Lead-free soldering


Similar Part No. - TC0541A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TC0540A TAI-SAW-TC0540A Datasheet
387Kb / 6P
   SAW Resonator 304 MHz
TC0542A TAI-SAW-TC0542A Datasheet
410Kb / 6P
   SAW Resonator 400 MHz
TC0548A TAI-SAW-TC0548A Datasheet
397Kb / 6P
   SAW Resonator 303.825MHz
More results

Similar Description - TC0541A

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
RO3104D MURATA-RO3104D Datasheet
100Kb / 2P
   303.825 MHz SAW Resonator
logo
RF Monolithics, Inc
RO2104 RFM-RO2104 Datasheet
146Kb / 2P
   303.825 MHz SAW Resonator
logo
Murata Manufacturing Co...
RO3104 MURATA-RO3104 Datasheet
195Kb / 2P
   303.825 MHz SAW Resonator
RO3112 MURATA-RO3112 Datasheet
142Kb / 2P
   303.825 MHz SAW Resonator
logo
RF Monolithics, Inc
RO2104-1 RFM-RO2104-1 Datasheet
146Kb / 2P
   303.825 MHz SAW Resonator
RO2104A RFM-RO2104A Datasheet
100Kb / 2P
   303.825 MHz SAW Resonator
RO2104D RFM-RO2104D Datasheet
97Kb / 2P
   303.825 MHz SAW Resonator
logo
Murata Manufacturing Co...
RO3104A MURATA-RO3104A Datasheet
392Kb / 2P
   303.825 MHz SAW Resonator
RO3104C MURATA-RO3104C Datasheet
97Kb / 2P
   303.825 MHz SAW Resonator
RO3104E MURATA-RO3104E Datasheet
99Kb / 2P
   303.825 MHz SAW Resonator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com