Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC433EDC Datasheet(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TC433EDC
Description  SAW Resonator 433.92 MHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TC433EDC Datasheet(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TC433EDC Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TC433EDC Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TC433EDC Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TC433EDC Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TC433EDC Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
- 2 -
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Resonator 433.92 MHz
MODEL NO.: TC433EDC
REV. NO.:1
A. FEATURES:
1. 1-Port Resonator.
B. MAXIMUM RATING:
1.Input Power Level: 0 dBm
2.DC voltage: 12 V
3.Operating Temperature: -40
°C to +85°C
4.Storage Temperature: -40
°C to +85°C
C. ELECTRICAL CHARACTERISTICS:
Characteristic
Units
Minimum
Typical
Maximum
Center frequency
Fr
MHz
433.87
433.92
433.970
Insertion Loss IL
dB
-
1.0
2.0
Unloaded Quality factor,
U
-
13000
-
Loaded Quality factor, QL
-
1500
-
Motional capacitance C1
fF
-
1.8
-
Motional inductance L1
μ
H
-
73
-
Motional resistance R1
Ohm
-
13
23
Parallel capacitance Co
pF
-
3.0
-
Temp.coeff.
ppm/c*2
-
0.032
-
Turnover To
deg.C
20
-
50
Package size
SMD5X5X1.7mm
D.OUTLINE DRAWING:
RoHS Compliant
Lead free
Lead-free soldering


Similar Part No. - TC433EDC

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TC433ED-A GOLLEDGE-TC433ED-A Datasheet
153Kb / 3P
   SAW Resonator 433.92 MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TC433EDB TAI-SAW-TC433EDB Datasheet
273Kb / 4P
   SAW Resonator 433.92 MHz
TC433ED_A TAI-SAW-TC433ED_A Datasheet
330Kb / 4P
   SAW Resonator 433.920 MHz SMD 5X5 mm
More results

Similar Description - TC433EDC

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RO2101E-2 RFM-RO2101E-2 Datasheet
100Kb / 2P
   433.92 MHz SAW Resonator
logo
Murata Manufacturing Co...
RO3101 MURATA-RO3101 Datasheet
141Kb / 2P
   433.92 MHz SAW Resonator
RO3101A-11 MURATA-RO3101A-11 Datasheet
392Kb / 2P
   433.92 MHz SAW Resonator
RO3101C-11 MURATA-RO3101C-11 Datasheet
435Kb / 2P
   433.92 MHz SAW Resonator
RO3101E MURATA-RO3101E Datasheet
390Kb / 2P
   433.92 MHz SAW Resonator
logo
TAI-SAW TECHNOLOGY CO.,...
TC0219E TAI-SAW-TC0219E Datasheet
402Kb / 6P
   SAW Resonator 433.92 MHz
TC0170AB TAI-SAW-TC0170AB Datasheet
390Kb / 5P
   SAW Resonator 433.92 MHz
logo
List of Unclassifed Man...
FR0433M92-TE11 ETC-FR0433M92-TE11 Datasheet
87Kb / 3P
   433.92 MHz SAW Resonator
logo
Murata Manufacturing Co...
RP1308 MURATA-RP1308_15 Datasheet
254Kb / 2P
   433.92 MHz SAW Resonator
logo
TAI-SAW TECHNOLOGY CO.,...
TC0269B TAI-SAW-TC0269B Datasheet
344Kb / 5P
   SAW Resonator 433.92 MHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com