Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC433EDC Datasheet(PDF) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TC433EDC
Description  SAW Resonator 433.92 MHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TC433EDC Datasheet(HTML) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TC433EDC Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TC433EDC Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TC433EDC Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TC433EDC Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TC433EDC Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
- 3 -
TST DCC
Release document
E.EQUVIRENT CIRCUIT:
One-Port Resonator:
C0
R1 C1
L1
#2
#6
Source Impedance
Load Impedance
50Ω
50Ω
F.FREQUENCY CHARACTERISTICS:
Resonator 433.92MHz Frequency Charactristics (S21)
-30
-25
-20
-15
-10
-5
0
432.42
432.92
433.42
433.92
434.42
434.92
435.42
Frequency (Center Frequency 433.92MHz Span 3MHz)
G. TEST CIRCUIT:


Similar Part No. - TC433EDC

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TC433ED-A GOLLEDGE-TC433ED-A Datasheet
153Kb / 3P
   SAW Resonator 433.92 MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TC433EDB TAI-SAW-TC433EDB Datasheet
273Kb / 4P
   SAW Resonator 433.92 MHz
TC433ED_A TAI-SAW-TC433ED_A Datasheet
330Kb / 4P
   SAW Resonator 433.920 MHz SMD 5X5 mm
More results

Similar Description - TC433EDC

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RO2101E-2 RFM-RO2101E-2 Datasheet
100Kb / 2P
   433.92 MHz SAW Resonator
logo
Murata Manufacturing Co...
RO3101 MURATA-RO3101 Datasheet
141Kb / 2P
   433.92 MHz SAW Resonator
RO3101A-11 MURATA-RO3101A-11 Datasheet
392Kb / 2P
   433.92 MHz SAW Resonator
RO3101C-11 MURATA-RO3101C-11 Datasheet
435Kb / 2P
   433.92 MHz SAW Resonator
RO3101E MURATA-RO3101E Datasheet
390Kb / 2P
   433.92 MHz SAW Resonator
logo
TAI-SAW TECHNOLOGY CO.,...
TC0219E TAI-SAW-TC0219E Datasheet
402Kb / 6P
   SAW Resonator 433.92 MHz
TC0170AB TAI-SAW-TC0170AB Datasheet
390Kb / 5P
   SAW Resonator 433.92 MHz
logo
List of Unclassifed Man...
FR0433M92-TE11 ETC-FR0433M92-TE11 Datasheet
87Kb / 3P
   433.92 MHz SAW Resonator
logo
Murata Manufacturing Co...
RP1308 MURATA-RP1308_15 Datasheet
254Kb / 2P
   433.92 MHz SAW Resonator
logo
TAI-SAW TECHNOLOGY CO.,...
TC0269B TAI-SAW-TC0269B Datasheet
344Kb / 5P
   SAW Resonator 433.92 MHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com