Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UP3861P Datasheet(PDF) 14 Page - uPI Group Inc.

Part # UP3861P
Description  Dual Channel Interleaved Synchronous-Rectified Buck Controller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP3861P Datasheet(HTML) 14 Page - uPI Group Inc.

Back Button UP3861P Datasheet HTML 9Page - uPI Group Inc. UP3861P Datasheet HTML 10Page - uPI Group Inc. UP3861P Datasheet HTML 11Page - uPI Group Inc. UP3861P Datasheet HTML 12Page - uPI Group Inc. UP3861P Datasheet HTML 13Page - uPI Group Inc. UP3861P Datasheet HTML 14Page - uPI Group Inc. UP3861P Datasheet HTML 15Page - uPI Group Inc. UP3861P Datasheet HTML 16Page - uPI Group Inc. UP3861P Datasheet HTML 17Page - uPI Group Inc.  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
uP3861P
14
uP3861P-DS-F0002, Feb. 2018
www.upi-semi.com
Application Information
Maximum current ratings of the inductor are generally
specified in two methods: permissible DC current and
saturation current. Permissible DC current is the allowable
DC current that causes 40OC temperature raise. The
saturation current is the allowable current that causes 10%
inductance loss. Make sure that the inductor will not
saturate over the operation conditions including temperature
range, input voltage range, and maximum output current.
The size requirements refer to the area and height
requirement for a particular design. For better efficiency,
choose a low DC resistance inductor. DCR is usually
inversely proportional to size.
Different core materials and shapes will change the size/
current and price/current relationship of an inductor. Toroid
or shielded pot cores in ferrite or permalloy materials are
small and don’t radiate much energy, but generally cost
more than powdered iron core inductors with similar electrical
characteristics. The choice of which style inductor to use
often depends more on the price vs. size requirements
and any radiated field/EMI requirements.
Input Capacitor Selection
The synchronous-rectified buck converter draws pulsed
current with sharp edges from the input capacitor resulting
in ripples and spikes at the input supply voltage. Use a
mix of input bypass capacitors to control the voltage
overshoot across the MOSFETs. Use small ceramic
capacitors for high frequency decoupling and bulk capacitors
to supply the current needed each time upper MOSFET
turns on. Place the small ceramic capacitors physically
close to the MOSFETs and between the drain of upper
MOSET and the source of lower MOSFET to avoid the
stray inductance along the connection trace.
The important parameters for the bulk input capacitor are
the voltage rating and the RMS current rating. For reliable
operation, select the bulk capacitor with voltage and current
ratings above the maximum input voltage and largest RMS
current required by the circuit. The capacitor voltage rating
should be at least 1.25 times greater than the maximum
input voltage and a voltage rating of 1.5 times is a
conservative guideline. The RMS current rating requirement
for the input capacitor of a buck converter is calculated as:
IN
OUT
IN
OUT
)
MAX
(
OUT
)
RMS
(
IN
V
)
V
V
(
V
I
I
=
This formula has a maximum at VIN = 2VOUT, where IIN(RMS)
= IOUT(RMS)/2. This simple worst-case condition is
commonly used for design because even significant
deviations do not offer much relief. Note that the capacitor
manufacturer’s ripple current ratings are often based on
2000 hours of life. This makes it advisable to further derate
the capacitor, or choose a capacitor rated at a higher
temperature than required. Always consult the manufacturer
if there is any question.
For a through-hole design, several electrolytic capacitors
may be needed. For surface mount designs, solid tantalum
capacitors can also be used, but caution must be exercised
with regard to the capacitor surge current rating. These
capacitors must be capable of handling the surge-current
at power-up. Some capacitor series available from reputable
manufacturers are surge current tested.
Output Capacitor Selection
An output capacitor is required to filter the output and supply
the load transient current. The selection of COUT is primarily
determined by the ESR required to minimize voltage ripple
and load step transients. The output ripple ∆VOUT is
approximately bounded by:
)
C
f
8
1
ESR
(
I
V
OUT
OSC
L
OUT
×
×
+
Since ∆IL increases with input voltage, the output ripple is
highest at maximum input voltage. Typically, once the ESR
requirement is satisfied, the capacitance is adequate for
filtering and has the necessary RMS current rating. Multiple
capacitors placed in parallel may be needed to meet the
ESR and RMS current handling requirements. Dry tantalum,
special polymer, aluminum electrolytic and ceramic
capacitors are all available in surface mount packages.
Special polymer capacitors offer very low ESR but have
lower capacitance density than other types.
The load transient requirements are a function of the slew
rate (di/dt) and the magnitude of the transient load current.
These requirements are generally met with a mix of
capacitors and careful layout. Modern components and
loads are capable of producing transient load rates above
1A/ns. High frequency capacitors initially supply the
transient and slow the current load rate seen by the bulk
capacitors. The bulk filter capacitor values are generally
determined by the ESR (Effective Series Resistance) and
voltage rating requirements rather than actual capacitance
requirements.
High frequency decoupling capacitors should be placed as
close to the power pins of the load as physically possible.
Be careful not to add inductance in the circuit board wiring
that could cancel the usefulness of these low inductance
components. Consult with the manufacturer of the load on
specific decoupling requirements.
Use only specialized low-ESR capacitors intended for
switching-regulator applications for the bulk capacitors. The
bulk capacitor’s ESR will determine the output ripple voltage


Similar Part No. - UP3861P

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UP3855 UTC-UP3855 Datasheet
177Kb / 4P
   PNP MEDIUM POWER LOW SATURATION TRANSISTOR
UP3855G-AA3-R UTC-UP3855G-AA3-R Datasheet
177Kb / 4P
   PNP MEDIUM POWER LOW SATURATION TRANSISTOR
More results

Similar Description - UP3861P

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3595 DIODES-AP3595 Datasheet
1Mb / 23P
   DUAL PHASE SYNCHRONOUS RECTIFIED BUCK CONTROLLER
logo
uPI Group Inc.
UP1541R UPI-UP1541R Datasheet
221Kb / 14P
   Synchronous-Rectified Buck Controller
UP1536 UPI-UP1536 Datasheet
184Kb / 10P
   Synchronous-Rectified Buck Controller
logo
Diodes Incorporated
AP3598A DIODES-AP3598A Datasheet
1Mb / 28P
   COMPACT DUAL-PHASE SYNCHRONOUS-RECTIFIED BUCK CONTROLLER
logo
uPI Group Inc.
UP1605 UPI-UP1605 Datasheet
323Kb / 23P
   Compact Dual-Phase Synchronous-Rectified Buck Controller
Jun. 2012
UP9511S UPI-UP9511S Datasheet
371Kb / 19P
   Phase Synchronous-Rectified Buck Controller
UP1637 UPI-UP1637 Datasheet
387Kb / 24P
   Phase Synchronous-Rectified Buck Controller
logo
Intersil Corporation
HIP6602A INTERSIL-HIP6602A Datasheet
250Kb / 10P
   Dual Channel Synchronous Rectified Buck MOSFET Driver
HIP6602B INTERSIL-HIP6602B Datasheet
319Kb / 12P
   Dual Channel Synchronous Rectified Buck MOSFET Driver
HIP6602 INTERSIL-HIP6602 Datasheet
207Kb / 9P
   Dual Channel Synchronous-Rectified Buck MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com